Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HAL106TQ-I Datasheet(PDF) 11 Page - Micronas

Part # HAL106TQ-I
Description  Hall-Effect Switch IC Family
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL106TQ-I Datasheet(HTML) 11 Page - Micronas

Back Button HAL106TQ-I Datasheet HTML 4Page - Micronas HAL106TQ-I Datasheet HTML 5Page - Micronas HAL106TQ-I Datasheet HTML 6Page - Micronas HAL106TQ-I Datasheet HTML 7Page - Micronas HAL106TQ-I Datasheet HTML 8Page - Micronas HAL106TQ-I Datasheet HTML 9Page - Micronas HAL106TQ-I Datasheet HTML 10Page - Micronas HAL106TQ-I Datasheet HTML 11Page - Micronas HAL106TQ-I Datasheet HTML 12Page - Micronas  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
DATA SHEET
HAL1xy
Micronas
April 8, 2009; DSH000150_001EN
11
3. Application Notes
3.1. Ambient Temperature
Due to the internal power dissipation, the temperature
on the silicon chip (junction temperature TJ) is higher
than the temperature outside the package (ambient
temperature TA).
At static conditions and continuous operation, the fol-
lowing equation applies:
If IOUT > IDD, please contact Micronas application sup-
port for detailed instructions on calculating ambient
temperature.
For typical values, use the typical parameters. For
worst case calculation, use the max. parameters for
IDD and Rth, and the max. value for VDD from the
application.
For all sensors, the junction temperature range TJ is
specified. The maximum ambient temperature TAmax
can be calculated as:
3.2. Extended Operating Conditions
All sensors fulfill the electrical and magnetic character-
istics when operated within the Recommended Oper-
ating Conditions (see page 8).
Supply Voltage Below 3.8 V
Typically, the sensors operate with supply voltages
above 3 V, however, below 3.8 V some characteristics
may be outside the specification.
Note: The functionality of the sensor below 3.8 V is
not tested. For special test conditions, please
contact Micronas.
3.3. Start-up Behavior
Due to the active offset compensation, the sensors
have an initialization time (enable time ten(O)) after
applying the supply voltage. The parameter ten(O) is
specified in Section 2.5.: Characteristics on page 9.
During the initialization time, the output state is not
defined and the output can toggle. After ten(O), the out-
put will be low if the applied magnetic field B is above
BON. The output will be high if B is below BOFF.
For magnetic fields between BOFF and BON, the output
state of the HAL sensor after applying VDD will be
either low or high. In order to achieve a well-defined
output state, the applied magnetic field must be above
BONmax, respectively, below BOFFmin.
3.4. EMC and ESD
For applications with disturbances on the supply line or
radiated disturbances, a series resistor and a capacitor
are recommended (see Fig. 3–1). The series resistor
and the capacitor should be placed as closely as
possible to the HAL sensor.
Please contact Micronas for the detailed investigation
reports with the EMC and ESD results.
Fig. 3–1: Test circuit for EMC investigations
T
J
T
A
T
Δ
+
=
T
Δ
I
DD
V
DD
×
R
th
×
=
T
Amax
T
Jmax
T
Δ
=
RV
220 W
VEMC
VP
4.7 nF
VDD
OUT
GND
1
2
3
RL
1.2 kW
20 pF


Similar Part No. - HAL106TQ-I

ManufacturerPart #DatasheetDescription
logo
Micronas
HAL106TQ-I MICRONAS-HAL106TQ-I Datasheet
1Mb / 12P
   Hall-Effect Switch IC Family
More results

Similar Description - HAL106TQ-I

ManufacturerPart #DatasheetDescription
logo
Micronas
HAL1XY MICRONAS-HAL1XY Datasheet
1Mb / 12P
   Hall-Effect Switch IC Family
logo
Winson Semiconductor Co...
WSH181 WINSON-WSH181 Datasheet
106Kb / 5P
   Hall Effect Switch IC
WSH181 WINSON-WSH181_13 Datasheet
146Kb / 5P
   Hall Effect Switch IC
WSH130 WINSON-WSH130_17 Datasheet
185Kb / 5P
   Hall Effect Switch IC
logo
SeCoS Halbleitertechnol...
SH6853 SECOS-SH6853 Datasheet
470Kb / 4P
   Hall Effect Switch IC
logo
DIWELL Electronics Co.,...
WSH130 DIWELL-WSH130 Datasheet
179Kb / 5P
   Hall Effect Switch IC
2017/4/7
logo
Winson Semiconductor Co...
WSH130 WINSON-WSH130_13 Datasheet
149Kb / 5P
   Hall Effect Switch IC
logo
Unisonic Technologies
UH8105 UTC-UH8105 Datasheet
124Kb / 5P
   Hall Effect Micro Switch IC
logo
Anpec Electronics Corop...
APX9132G ANPEC-APX9132G Datasheet
209Kb / 14P
   Hall Effect Micro Switch IC
logo
Winson Semiconductor Co...
WSH131 WINSON-WSH131 Datasheet
103Kb / 4P
   Omnipolar Hall Effect Switch IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com