Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FXP240070100A Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # FXP240070100A
Description  433MHz ISM Band Flex Circuit Antenna
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FXP240070100A Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  FXP240070100A Datasheet HTML 1Page - List of Unclassifed Manufacturers FXP240070100A Datasheet HTML 2Page - List of Unclassifed Manufacturers FXP240070100A Datasheet HTML 3Page - List of Unclassifed Manufacturers FXP240070100A Datasheet HTML 4Page - List of Unclassifed Manufacturers FXP240070100A Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
© All Rights Reserved
Taoglas Limited, Unit 3 Enniscorthy Technology Centre, Enniscorthy, Co. Wexford, Ireland
www.taoglas.com
I. OVERVIEW
The Taoglas FXP240 433 MHz ISM Antenna covers from 433-435 MHz used in the 433 MHz
ISM (Industrial Scientific Medical) Band. The antenna has been designed in a flexible
material with a square form-factor and cable connection for an easy installation. The antenna
works on different plastic materials and thickness. We have selected a piece of ABS with 2
mm of thickness as a baseline for testing.
II. ANTENNA CHARACTERISTICS
Parameter
Specification
Frequency Range
433MHz to 435MHz
Return Loss (dB)
-20
Gain (dBi)
0
Impedance
50 Ω
VSWR
≤2:1
Polarization
Linear
Power Handled
5W
Operation
Temperature
-40°C ~ +85°C
Storage Temperature
-40°C ~ +85°C
Dimensions
75*45*0.1mm
Weight
1.5g
Connector
MHFII (U.FL Compatible)
Cable Standard
Mini-Coax 1.13 mm
Cable Length and
color
100mm, Black
RoHS Compliant
Yes
Adhesive
3M 467


Similar Part No. - FXP240070100A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FXP245070100A ETC2-FXP245070100A Datasheet
393Kb / 5P
   450MHz ISM Band Flex Circuit Antenna
More results

Similar Description - FXP240070100A

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
TI100111 TAOGLAS-TI100111 Datasheet
136Kb / 5P
   433MHz ISM Band Terminal Antenna
logo
List of Unclassifed Man...
FXP270070100A ETC2-FXP270070100A Datasheet
478Kb / 8P
   784MHz ISM Band Flex Circuit Antenna
FXP280070100A ETC2-FXP280070100A Datasheet
308Kb / 10P
   868MHz ISM Band Flex Circuit Antenna
FXP245070100A ETC2-FXP245070100A Datasheet
393Kb / 5P
   450MHz ISM Band Flex Circuit Antenna
FXP290070100A ETC2-FXP290070100A Datasheet
512Kb / 8P
   915MHz ISM Band Flex Circuit Antenna
logo
Taoglas antenna solutio...
FXP290070100A TAOGLAS-FXP290070100A Datasheet
451Kb / 9P
   915MHz ISM Band Flex Circuit Antenna
logo
Pulse A Technitrol Comp...
W3127 PULSE-W3127_14 Datasheet
1Mb / 4P
   ISM 433MHz Helical Antenna
W3127 PULSE-W3127 Datasheet
478Kb / 4P
   ISM 433MHz Helical Antenna
logo
List of Unclassifed Man...
FW.43.B.SMA-.M ETC2-FW.43.B.SMA-.M Datasheet
3Mb / 11P
   External ISM Band 433MHz
logo
Taoglas antenna solutio...
FW43BSMAM TAOGLAS-FW43BSMAM Datasheet
1Mb / 12P
   ISM Band 433MHz Flexible Whip Monopole Antenna SMA(M) Straight
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com