Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HAL109JQ-I Datasheet(PDF) 9 Page - Micronas

Part # HAL109JQ-I
Description  Hall-Effect Switch IC Family
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL109JQ-I Datasheet(HTML) 9 Page - Micronas

Back Button HAL109JQ-I Datasheet HTML 4Page - Micronas HAL109JQ-I Datasheet HTML 5Page - Micronas HAL109JQ-I Datasheet HTML 6Page - Micronas HAL109JQ-I Datasheet HTML 7Page - Micronas HAL109JQ-I Datasheet HTML 8Page - Micronas HAL109JQ-I Datasheet HTML 9Page - Micronas HAL109JQ-I Datasheet HTML 10Page - Micronas HAL109JQ-I Datasheet HTML 11Page - Micronas HAL109JQ-I Datasheet HTML 12Page - Micronas  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
DATA SHEET
HAL1xy
Micronas
April 8, 2009; DSH000150_001EN
9
2.5. Characteristics
at TJ = −20 °C to +125 °C, VDD = 3.8 V to 24 V, GND = 0 V
at Recommended Operation Conditions if not otherwise specified in the column “Conditions”.
Typical Characteristics for TJ = 25 °C and VDD = 12 V.
Fig. 2–3: Recommended footprint SOT89B-3, Dimensions in mm
All dimensions are for reference only. The pad size may vary depending on the requirements of the soldering process.
Symbol
Parameter
Pin No.
Min.
Typ.
Max.
Unit
Conditions
IDD
Supply Current over
Temperature Range
11.6
3
5.2
mA
VDDZ
Overvoltage Protection
at Supply
1
28.5
32
V
IDD = 25 mA, TJ = 25 °C,
t = 20 ms
VOZ
Overvoltage Protection at Output
3
28
32
V
IOH = 25 mA, TJ = 25 °C,
t = 20 ms
VOL
Output Voltage over
Temperature Range
3
130
400
mV
IOL = 20 mA
IOH
Output Leakage Current over
Temperature Range
3
−−
10
µA
Output switched off,
TJ ≤150 °C, VOH = 3.8 to 24 V
fosc
Internal Oscillator Chopper
Frequency over Temperature
Range
−−
62
kHz
HAL10y, HAL 11y
140
kHz
HAL104
ten(O)
Enable Time of Output after
Setting of VDD
1
35
µs
tr
Output Rise Time
3
75
400
ns
VDD = 12 V,
RL = 820 Ohm,
CL = 20 pF
tf
Output Fall Time
3
50
400
ns
SOT89B Package
Rthja
Rthjc
Thermal Resistance
Junction to Ambient
Junction to Case
212
73
K/W
K/W
Measured with a 1s0p board
30 mm x 10 mm x 1.5 mm,
pad size (see Fig. 2–3)
TO92UA Package
Rthja
Rthjc
Thermal Resistance
Junction to Ambient
Junction to Case
225
63
K/W
K/W
Measured with a 1s0p board
1) V
DD = 12 V, B > BON + 2 mT or B < BOFF − 2 mT
1.05
1.05
1.80
0.50
1.50
1.45
2.90


Similar Part No. - HAL109JQ-I

ManufacturerPart #DatasheetDescription
logo
Micronas
HAL109JQ-I MICRONAS-HAL109JQ-I Datasheet
1Mb / 12P
   Hall-Effect Switch IC Family
More results

Similar Description - HAL109JQ-I

ManufacturerPart #DatasheetDescription
logo
Micronas
HAL1XY MICRONAS-HAL1XY Datasheet
1Mb / 12P
   Hall-Effect Switch IC Family
logo
Winson Semiconductor Co...
WSH181 WINSON-WSH181 Datasheet
106Kb / 5P
   Hall Effect Switch IC
WSH181 WINSON-WSH181_13 Datasheet
146Kb / 5P
   Hall Effect Switch IC
WSH130 WINSON-WSH130_17 Datasheet
185Kb / 5P
   Hall Effect Switch IC
logo
SeCoS Halbleitertechnol...
SH6853 SECOS-SH6853 Datasheet
470Kb / 4P
   Hall Effect Switch IC
logo
DIWELL Electronics Co.,...
WSH130 DIWELL-WSH130 Datasheet
179Kb / 5P
   Hall Effect Switch IC
2017/4/7
logo
Winson Semiconductor Co...
WSH130 WINSON-WSH130_13 Datasheet
149Kb / 5P
   Hall Effect Switch IC
logo
Unisonic Technologies
UH8105 UTC-UH8105 Datasheet
124Kb / 5P
   Hall Effect Micro Switch IC
logo
Anpec Electronics Corop...
APX9132G ANPEC-APX9132G Datasheet
209Kb / 14P
   Hall Effect Micro Switch IC
logo
Winson Semiconductor Co...
WSH131 WINSON-WSH131 Datasheet
103Kb / 4P
   Omnipolar Hall Effect Switch IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com