Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPC1XGKZRC00080G Datasheet(PDF) 1 Page - OPLINK Communications Inc.

Part # TPC1XGKZRC00080G
Description  CWDM 70km SFP Transceivers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

TPC1XGKZRC00080G Datasheet(HTML) 1 Page - OPLINK Communications Inc.

  TPC1XGKZRC00080G Datasheet HTML 1Page - OPLINK Communications Inc. TPC1XGKZRC00080G Datasheet HTML 2Page - OPLINK Communications Inc. TPC1XGKZRC00080G Datasheet HTML 3Page - OPLINK Communications Inc. TPC1XGKZRC00080G Datasheet HTML 4Page - OPLINK Communications Inc. TPC1XGKZRC00080G Datasheet HTML 5Page - OPLINK Communications Inc. TPC1XGKZRC00080G Datasheet HTML 6Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
An Oplink Company
S0260. Rev.01. 2011-12-23
Absolute Maximum Ratings
Features
Product Description
Pb
TPC1XGKZRxG
Parameter
Symbol
Minimum
Maximum
Units
Storage Temperature Range
T
ST
- 40
+ 85
°C
Operating Case Temperature 1
“Commercial”
T
OP
- 5
+ 70
°C
Operating Relative Humidity 2
RH
0
85
%
Supply Voltage Range
V
CC
- 0.5
+ 3.6
V
Input Optical Power (Damage Threshold)
Pin,damage
-
0
dBm
1
Measured on top side of SFP+ module at the front center vent hole of the cage.
2
Non condensing
CWDM 70km SFP+ Transceivers
Temperature-stablized CWDM EML transmitter
Transmission distance up to 70km (SM Fiber)
Low power consumption
Wide case operating temperature range
Compliant with SFP+ Electrical MSA SFF-8431
Compliant with SFP+ Mechanical MSA SFF-8432
Compliant with 10GBASE-E specifications
Digital Diagnostics Monitoring (DDM) through
Serial Interface comply with SFF-8472, Rev. 10.4
RoHS 6/6 Compliant
Laser Class 1 IEC/CDRH compliant
The TPC1XGKZRxG is an enhanced small form factor pluggable (SFP+) fiber
optic transceiver with digital diagnostics monitoring functionality (DDM).
Supporting Ethernet and Fiber Channel standards makes it ideally suited
for high capacity data-com and storage area network applications. DDM
functionality (alarm and warning features) is integrated into the design via an
I2C serial interface per the Multi-Source Agreement (MSA) SFF-8472, Rev. 10.4.
Each transceiver utilizes an electro absorption modulator integrated laser
(EML) with an operating wavelength with selectable to ITU-T standards
covering CWDM grid wavelengths. The transceiver supports data rates
ranging from 11.3Gbps down to 8Gbps. It provides an excellent solution
for data transmission at CWDM wavelength over up to 70km single mode
fiber. The low power consumption and excellent EMI performance enable
system design with high port density. The product is RoHS compliant and
is designed and tested in accordance with industry safety standards. The
transceiver is Class I Laser product per U.S. FDA/CDRH and international IEC-
60825 standards.
The TPC1XGKZRxG transceiver connects to standard 20-pad SFP+ connectors
for hot plug capability. This allows the system designer to make configuration
changes or maintenance by simply plugging in different transceivers without
removing the power supply from the host system. The transmitter and
receiver DATA interfaces are internally AC-coupled. LV-TTLTransmitter Disable
control input and Loss of Signal (LOS) output interfaces are also provided. The
transceiver has bail-type latch, which offers an easy and convenient way to
release the modules.
The transceiver operates from a single +3.3V power supply over an operating
case temperature range of -5°C to +70°C (commercial). The housing is made
of metal for EMI immunity.


Similar Part No. - TPC1XGKZRC00080G

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TPC1XGKZRC00080G OPLINK-TPC1XGKZRC00080G Datasheet
513Kb / 7P
   CWDM 70km SFP Transceivers
More results

Similar Description - TPC1XGKZRC00080G

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TPC1XGKZRXG OPLINK-TPC1XGKZRXG Datasheet
513Kb / 7P
   CWDM 70km SFP Transceivers
TPC1XGJERXG OPLINK-TPC1XGJERXG Datasheet
508Kb / 7P
   CWDM 40km SFP Transceivers
TPC1XGJERXG-S0218 OPLINK-TPC1XGJERXG-S0218 Datasheet
325Kb / 7P
   CWDM 40km SFP Transceivers
logo
MRV Communications, Inc...
SFP-GDCWXD MRV-SFP-GDCWXD Datasheet
107Kb / 5P
   Gigabit Ethernet CWDM SFP Transceivers
logo
OPLINK Communications I...
TRP1G1XXXIXG OPLINK-TRP1G1XXXIXG Datasheet
364Kb / 6P
   SFP CWDM Transceivers with Digital Diagnostics
TRPE03-G OPLINK-TRPE03-G Datasheet
327Kb / 5P
   SFP CWDM Transceivers with Digital Diagnostics
DTR-2488-SM-LC-W-G-CWDM OPLINK-DTR-2488-SM-LC-W-G-CWDM Datasheet
191Kb / 6P
   CWDM Transceivers
TRPAG1YXHBAM1 OPLINK-TRPAG1YXHBAM1 Datasheet
539Kb / 5P
   Multi-rate Gigabit Ethernet & FibreChannel SFP CWDM Transceivers with Digital Diagnostics
TRPAG1YXHAAM1 OPLINK-TRPAG1YXHAAM1 Datasheet
522Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP CWDM Transceivers with Digital Diagnostics
TRPEG1-G OPLINK-TRPEG1-G Datasheet
310Kb / 6P
   CWDM Transceivers with Digital Diagnostics
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com