Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRC03-0401 Datasheet(PDF) 4 Page - OPLINK Communications Inc.

Part # SRC03-0401
Description  OC-3/STM-1 Receiver with Clock Recovery
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

SRC03-0401 Datasheet(HTML) 4 Page - OPLINK Communications Inc.

  SRC03-0401 Datasheet HTML 1Page - OPLINK Communications Inc. SRC03-0401 Datasheet HTML 2Page - OPLINK Communications Inc. SRC03-0401 Datasheet HTML 3Page - OPLINK Communications Inc. SRC03-0401 Datasheet HTML 4Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Oplink Communications, Inc. reserves the right to make changes in equipment design or specifications without notice. Information supplied by Oplink Commu-
nications, Inc. is believed to be accurate and reliable. However, no responsibility is assumed by Oplink Communications, Inc. for its use nor for any infringements
of third parties, which may result from its use. No license is granted by implication or otherwise under any patent right of Oplink Communications, Inc.
© 2008, Oplink Communications, Inc.
ST Receptacle Package
Dimension in inches
Dimension in inches
Dimension in inches
SRC
SRC03 Series
R5.2008.06.18
4
Laser Safety: All transceivers
are Class I Laser products per
FDA/CDRH and IEC-60825
standards. They must be oper-
ated under specified operating
conditions.
Oplink
Communications, Inc.
DATE OF MANUFACTURE:
This product complies with 21 CFR
1040.10 and 1040.11
Meets Class I Laser Safety
Requirements
SC-receptacled Package
FC-receptacled Package
Ordering Information
Supply Voltage
RX only 5V= 8
Temperature Range
Connector Type & Option
Pigtail FC, SD-TTL = PA
Pigtail ST, SD-TTL = PB
Pigtail SC, SD-TTL = P5
Pigtail FC, SD-PECL = PC
Pigtail ST, SD-PECL = PD
Pigtail SC, SD-PECL = P4
-40 ~85˚C= I
0~70˚C= H
Receivers
Wavelength Range
1100~1600nm PIN
0
0
0
3
X
R
1
8
0


Similar Part No. - SRC03-0401

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
SRC03 OPLINK-SRC03 Datasheet
660Kb / 4P
   Receiver with Clock Recovery
More results

Similar Description - SRC03-0401

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
SRC12-0403 OPLINK-SRC12-0403 Datasheet
621Kb / 4P
   OC-12/STM-4 Receiver with Clock Recovery
SRC48-0413 OPLINK-SRC48-0413 Datasheet
762Kb / 4P
   OC-48/STM-16 Receiver with Clock Recovery
logo
Renesas Technology Corp
894D115I-01 RENESAS-894D115I-01 Datasheet
423Kb / 17P
   OC-12/STM-4 and OC-3/STM-1 Clock/Data Recovery Device
Rev C 2/19/15
894D115I-04 RENESAS-894D115I-04 Datasheet
441Kb / 16P
   OC-12/STM-4 AND OC-3/STM-1 Clock/Data Recovery Device
January 27, 2016
logo
OPLINK Communications I...
SRX48-0415 OPLINK-SRX48-0415 Datasheet
665Kb / 4P
   OC-48/STM-16 Receiver without Clock Recovery
logo
List of Unclassifed Man...
SI5010 ETC-SI5010 Datasheet
287Kb / 16P
   OC-12/3, STM-4/1 SONET/SDH CLOCK AND DATA RECOVERY IC
logo
Silicon Laboratories
SI5010 SILABS-SI5010 Datasheet
276Kb / 20P
   OC-12/3, STM-4/1 SONET/SDH CLOCK AND DATA RECOVERY IC
logo
Finisar Corporation.
FTLF1323F2GTR FINISAR-FTLF1323F2GTR Datasheet
217Kb / 10P
   OC-3 SR-1/STM I-1 or OC-3 IR-1/STM S-1.1 2x5 SFF Transceiver
FTLF1323F2XTR FINISAR-FTLF1323F2XTR Datasheet
246Kb / 10P
   OC-3 SR-1/STM I-1 or OC-3 IR-1/STM S-1.1 2x5 SFF Transceiver
FTLF1323S2GTR FINISAR-FTLF1323S2GTR Datasheet
248Kb / 11P
   OC-3 SR-1/STM I-1 or OC-3 IR-1/STM S-1.1 2x10 SFF Transceiver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com