Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAFA1014-EC2-00-S-1 Datasheet(PDF) 2 Page - Emcore Corporation

Part # MAFA1014-EC2-00-S-1
Description  Full Function Fiber Optic Amplifier Ready for Integration
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

MAFA1014-EC2-00-S-1 Datasheet(HTML) 2 Page - Emcore Corporation

  MAFA1014-EC2-00-S-1 Datasheet HTML 1Page - Emcore Corporation MAFA1014-EC2-00-S-1 Datasheet HTML 2Page - Emcore Corporation MAFA1014-EC2-00-S-1 Datasheet HTML 3Page - Emcore Corporation MAFA1014-EC2-00-S-1 Datasheet HTML 4Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DATASHEET | OCTOBER 2013
FIBER OPTICS
| REV 2013.10
Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice.
Optical/Electrical Characteristics1
Property
Unit
Limit
Models
Comments
(Note 1)
1014
1017
1020
1022
1023
Operating Input Power
Pin (dBm)
Max
12
12
12
12
12
Operating Input Power
Pin (dBm)
Min
-6
-6
-6
-6
-6
Typical
(May vary for some models)
Output Power
Po(dBm)
Nominal
14
+/-.25
17
+/- .25
20
+/- .25
22
+/- .25
23
+/- .25
Note 2
Noise Figure
NF (dB)
Typ
 4.0 dB
 4.0 dB
 4.0 dB
 4.0 dB
 4.0 dB
@ Pin = 0 dBm, no Pin monitoring
(Notes 3, 7, 8)
Static Gain Flatness
∆Gs (dB)
Max
+/-0.5
+/-0.5
+/-0.5
+/-0.5
+/-0.5
(Notes 4)
Dynamic Gain Flatness
∆Gd (dB)
Max
+/-1.0
+/-1.25
+/-1.5
+/-2.0
+/-2.0
(Notes 5, 7)
Output Power Stability
(dB)
Max
+/- 0.1
+/- 0.1
+/- 0.1
+/- 0.1
+/- 0.1
(Note 6)
Power Consumption
(Steady state)
Psys(W)
Max
2
3
5
6
8
70
oC Case
Notes:
1. Unless stated otherwise, all specifications apply over the full operating temperature and humidity ranges
2. Measurement variations
3. Measured with 8 evenly spread input optical signals @ 25°C,
Pin ≈ 0 dBm. Measuring with 1 input optical signal with Pin
≈ 0 dBm and
 ≈ 1550 nm is also possible.
4. Measured with a swept Probe Signal (Pp), where Pp ≈ 0 dBm @ 25
C
5. Applicable for option 01 only. Measured with a swept Probe Signal (Pp), and a fixed Tone Signal (Pt) @ ~ 1550 nm; (Pt ≈
Pp+20 dB; Pt + Pp ≈ 0 dBm) @ 25
C; Gain Flattened Options with ∆G ≤ +/-1.0dB are available (for some models and for
defined input optical power only)
6. Over polarization and temperature
7. Specific ∆G can be guaranteed at a single specified Input Optical Power Level (Pin = Pt + Pp) equal or different from 0
dBm
8. If input power monitoring and input isolation are required then typical NF (for all units @ Pin = 0 dBm) < 4.5 dB
General and Mechanical Specifications
Property
Requirement
Comments
Operating Wavelength
1532 nm ~ 1565 nm
Standard
Operating Case Temperature
0
C to 50C
Standard*
Storage Temperature
-40
C to 85C
Standard
Operating Humidity
20% to 85%
Non-condensing
Voltage Supply Range
+12 VDC/+5 VDC/+3.3 VDC
All versions**
Optical Connectors
SC; FC; E2000
User Specified
Dimensions (mm)
70 x 90 x 15
All versions
* - Extended temperature range of –40ºC to +75ºC is also possible
** Transient Pulse to +X.X VDC + 5% for < 100 msec
MAFA 1000 Series EDFA


Similar Part No. - MAFA1014-EC2-00-S-1

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
MAFA1014-EC2-00-S-1 EMCORE-MAFA1014-EC2-00-S-1 Datasheet
533Kb / 5P
   MAFA 1000 Series Erbium Doped Fiber Micro Amplifier
More results

Similar Description - MAFA1014-EC2-00-S-1

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
MAFA-3027-SC-P-1 EMCORE-MAFA-3027-SC-P-1_13 Datasheet
328Kb / 4P
   Full Function Fiber Optic Amplifier Ready for Integration
MAFA-2014-SC-00 EMCORE-MAFA-2014-SC-00_13 Datasheet
395Kb / 4P
   Full Function Fiber Optic Amplifier Gain Block Ready for Integration
PONA-3027-SC-01-P-AC EMCORE-PONA-3027-SC-01-P-AC Datasheet
563Kb / 6P
   Full Function High Power Fiber Optic Amplifier
logo
ON Semiconductor
MC10SX1125 ONSEMI-MC10SX1125 Datasheet
81Kb / 5P
   FIBER OPTIC POST AMPLIFIER
1996 REV 1
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-150XAFZ AVAGO-HFBR-150XAFZ Datasheet
733Kb / 7P
   Full Metal Fiber Optic Transmitter and Receiver for SERCOS Applications
logo
Carlo Gavazzi Holding A...
FA1 CARLOGAVAZZI-FA1 Datasheet
914Kb / 5P
   Fiber Optic Sensor Amplifier Type FA1
logo
Pepperl+Fuchs Inc.
MLV41-LL-IR-2133 PF-MLV41-LL-IR-2133 Datasheet
281Kb / 2P
   Fiber optic sensor for glass fiber optics
OJ500-M1K-E23 PF-OJ500-M1K-E23 Datasheet
220Kb / 3P
   Fiber optic sensor for glass fiber optics
MLV41-LL-IR-1347 PF-MLV41-LL-IR-1347 Datasheet
281Kb / 2P
   Fiber optic sensor for glass fiber optics
MLV41-LL-IR-2492 PF-MLV41-LL-IR-2492 Datasheet
269Kb / 2P
   Fiber optic sensor for glass fiber optics
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com