Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRPV3GKERC000A0G Datasheet(PDF) 6 Page - OPLINK Communications Inc.

Part # TRPV3GKERC000A0G
Description  CWDM Optical Transceiver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

TRPV3GKERC000A0G Datasheet(HTML) 6 Page - OPLINK Communications Inc.

  TRPV3GKERC000A0G Datasheet HTML 1Page - OPLINK Communications Inc. TRPV3GKERC000A0G Datasheet HTML 2Page - OPLINK Communications Inc. TRPV3GKERC000A0G Datasheet HTML 3Page - OPLINK Communications Inc. TRPV3GKERC000A0G Datasheet HTML 4Page - OPLINK Communications Inc. TRPV3GKERC000A0G Datasheet HTML 5Page - OPLINK Communications Inc. TRPV3GKERC000A0G Datasheet HTML 6Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
S0313. Rev.01. (web) 2012-05-11
6
TRPV3GKERx000xxG
Oplink Communications, Inc. reserves the right to make changes in equipment design or specifications without notice. Information supplied by Oplink Com-
munications, Inc. is believed to be accurate and reliable. However, no responsibility is assumed by Oplink Communications, Inc. for its use nor for any infringe-
ments of third parties, which may result from its use. No license is granted by implication or otherwise under any patent right of Oplink Communications, Inc.
© 2012, Oplink Communications, Inc.
Ordering Information
Package Outline
All dimensions shown are in [inches]
and Millimeters. Millimeters are the
primary units.
Tolerances are in accordance with
SFF-8432 Rev.5.
Model Name
Wavelength
Latch Color
Distance
- 5°C to +70°C
- 5°C to +85°C
TRPV3GKERC000L0G
TRPV3GKERE000L0G
1271
Light Violet
50km
TRPV3GKERC000K0G
TRPV3GKERE000K0G
1291
Sky blue
50km
TRPV3GKERC000J0G
TRPV3GKERE000J0G
1311
Lime
50km
TRPV3GKERC000H0G
TRPV3GKERE000H0G
1331
Dark Green
50km
TRPV3GKERC000G0G
TRPV3GKERE000G0G
1351
Pink
50km
TRPV3GKERC000F0G
TRPV3GKERE000F0G
1371
Beige
50km
TRPV3GKERC000D0G
TRPV3GKERE000D0G
1391
White
50km
TRPV3GKERC000C0G
TRPV3GKERE000C0G
1411
Silver
50km
TRPV3GKERC000B0G
TRPV3GKERE000B0G
1431
Black
50km
TRPV3GKERC000A0G
TRPV3GKERE000A0G
1451
Magenta
50km
TRPV3GKERC00010G
TRPV3GKERE00010G
1471
Gray
50km
TRPV3GKERC00020G
TRPV3GKERE00020G
1491
Violet
50km
TRPV3GKERC00030G
TRPV3GKERE00030G
1511
Blue
50km
TRPV3GKERC00040G
TRPV3GKERE00040G
1531
Green
50km
TRPV3GKERC00050G
TRPV3GKERE00050G
1551
Yellow
50km
TRPV3GKERC00060G
TRPV3GKERE00060G
1571
Orange
50km
TRPV3GKERC00070G
TRPV3GKERE00070G
1591
Red
50km
TRPV3GKERC00080G
TRPV3GKERE00080G
1611
Brown
50km
6.25
[.246]
2.29
[.090]
13.80
[.543]
45.00
[1.772]
41.80
[1.646]
6.54
[.257]
2.50
[.098]
0.45
[.018]
0.60
[.024]
0.60
[.024]
1.99
[.078]
1.49
[.059]


Similar Part No. - TRPV3GKERC000A0G

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TRPV3GKERC000A0G OPLINK-TRPV3GKERC000A0G Datasheet
284Kb / 6P
   TXC3XGHI2C00010G
More results

Similar Description - TRPV3GKERC000A0G

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TRPE03KE2C000X0G OPLINK-TRPE03KE2C000X0G Datasheet
289Kb / 5P
   OC-3 CWDM Optical Supervisory Channel SFP Transceiver
logo
Optoway Technology Inc
TRS-5280-CXX0G OPTOWAY-TRS-5280-CXX0G Datasheet
161Kb / 6P
   CWDM 5V / 622 Mbps RoHS Compliant Optical Single-Mode Transceiver
TRS-32120-CXX0G OPTOWAY-TRS-32120-CXX0G Datasheet
141Kb / 5P
   CWDM 5V / 155 Mbps RoHS Compliant Optical Single-Mode Transceiver
TRS-52160-CXX0G OPTOWAY-TRS-52160-CXX0G Datasheet
161Kb / 6P
   CWDM 5V / 622 Mbps RoHS Compliant Optical Single-Mode Transceiver
TRS-53160-CXX0G OPTOWAY-TRS-53160-CXX0G Datasheet
154Kb / 6P
   CWDM 3.3V / 622 Mbps RoHS Compliant Optical Single-Mode Transceiver
TRS-72120-CXX0G OPTOWAY-TRS-72120-CXX0G Datasheet
78Kb / 4P
   CWDM 5V / 1.25 Gbps RoHS Compliant Optical Single-Mode Transceiver
logo
Emcore Corporation
OTS-1LC EMCORE-OTS-1LC Datasheet
1Mb / 4P
   CWDM Wideband Optical Link
logo
Optoway Technology Inc
TRS-7280-CXX0G OPTOWAY-TRS-7280-CXX0G Datasheet
106Kb / 5P
   CWDM 5V / 1.25 Gbps RoHS Compliant Optical Single-Mode Transceiver
TRS-7350-CXX0G OPTOWAY-TRS-7350-CXX0G Datasheet
108Kb / 5P
   CWDM 3.3V / 1.25 Gbps RoHS Compliant Optical Single-Mode Transceiver
TRS-73120-CXX0G OPTOWAY-TRS-73120-CXX0G Datasheet
108Kb / 5P
   CWDM 3.3V / 1.25 Gbps RoHS Compliant Optical Single-Mode Transceiver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com