Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERJ1RHD1002C Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ERJ1RHD1002C
Description  Precision Thick Film Chip Resistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERJ1RHD1002C Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ERJ1RHD1002C Datasheet HTML 1Page - Panasonic Semiconductor ERJ1RHD1002C Datasheet HTML 2Page - Panasonic Semiconductor ERJ1RHD1002C Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Precision Thick Film Chip Resistors
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
a
b
t
W
L
1
2
3
4
5
6
7
8
9
10
11
12
Product Code
Thick Film
Chip Resistors
Size, Power Rating
Type : inch
XGN : 01005
1GN : 0201
2RK : 0402
3EK : 0603
6EN : 0805
8EN : 1206
14N : 1210
12N : 1812
12S : 2010
1TN : 2512
Power R.
0.031 W
0.05 W
0.1 W
0.1 W
0.125 W
0.25 W
0.5 W
0.75 W
0.75 W
1 W
The first three digits are significant figures
of resistance and the last one denotes
number of zeros following.
Decimal point is expressed by "R".
Example : 1002
10 k
Resistance Value
Resistance Tolerance
Code
F
Tolerance
±1 %
Packaging Methods
Code
Y
Pressed Carrier Taping
2 mm pitch, 20,000 pcs.
ERJXGN
C
Pressed Carrier Taping
2 mm pitch, 15,000 pcs.
ERJ1GN
X
Punched Carrier Taping
2 mm pitch, 10,000 pcs.
ERJ2RK
Embossed Carrier Taping
4 mm pitch, 4,000 pcs.
ERJ1TN
V
Punched Carrier Taping
4 mm pitch, 5,000 pcs.
ERJ3EK
ERJ6EN
ERJ8EN
U
Embossed Carrier Taping
4 mm pitch, 5,000 pcs.
ERJ14N
ERJ12N
ERJ12S
Packaging
Type
● ERJXG, 1G, 2R, 3E, 6E, 8E, 14, 12, 1T Series, ±1 % type
Construction
Dimensions in mm (not to scale)
Protective coating
Alumina substrate
Electrode (Inner)
Electrode
(Between)
Thick film
resistive element
Electrode (Outer)
Type
(inch size)
Dimensions (mm)
Mass (Weight)
[g/1000 pcs.]
LWa
b
t
ERJXG
(01005)
0.40
±0.02
0.20
±0.02
0.10
±0.03
0.10
±0.03
0.13
±0.02
0.04
ERJ1G, 1R
(0201)
0.60
±0.03
0.30
±0.03
0.10
±0.05
0.15
±0.05
0.23
±0.03
0.15
ERJ2R
(0402)
1.00
±0.05
0.50
±0.05
0.20
±0.10
0.25
±0.05
0.35
±0.05
0.8
ERJ3R
ERJ3EK
(0603)
1.60
±0.15
0.80
+0.15
0.30
±0.20
0.30
±0.15
0.45
±0.10
2
ERJ6R
ERJ6EN
(0805)
2.00
±0.20
1.25
±0.10
0.40
±0.20
0.40
±0.20
0.60
±0.10
4
ERJ8EN
(1206)
3.20
+0.05
1.60
+0.05
0.50
±0.20
0.50
±0.20
0.60
±0.10
10
ERJ14N
(1210)
3.20
±0.20
2.50
±0.20
0.50
±0.20
0.50
±0.20
0.60
±0.10
16
ERJ12N
(1812)
4.50
±0.20
3.20
±0.20
0.50
±0.20
0.50
±0.20
0.60
±0.10
27
ERJ12S
(2010)
5.00
±0.20
2.50
±0.20
0.60
±0.20
0.60
±0.20
0.60
±0.10
27
ERJ1TN
(2512)
6.40
±0.20
3.20
±0.20
0.65
±0.20
0.60
±0.20
0.60
±0.10
45
–0.05
–0.15
–0.20
Aug. 2012
03
6


Similar Part No. - ERJ1RHD1002C

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERJ1RHD1002C PANASONIC-ERJ1RHD1002C Datasheet
96Kb / 3P
   Precision Thick Film Chip Resistors
ERJ1RHD1002C PANASONIC-ERJ1RHD1002C Datasheet
315Kb / 6P
   Precision Thick Film Chip Resistors
ERJ1RHD1002C PANASONIC-ERJ1RHD1002C Datasheet
96Kb / 3P
   Precision Thick Film Chip Resistors
ERJ1RHD1002C PANASONIC-ERJ1RHD1002C Datasheet
315Kb / 6P
   Precision Thick Film Chip Resistors
ERJ1RHD1002C PANASONIC-ERJ1RHD1002C Datasheet
315Kb / 6P
   Precision Thick Film Chip Resistors
More results

Similar Description - ERJ1RHD1002C

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERJ-14NF1071U PANASONIC-ERJ-14NF1071U Datasheet
96Kb / 3P
   Precision Thick Film Chip Resistors
ERJ3EKF2000V PANASONIC-ERJ3EKF2000V Datasheet
315Kb / 6P
   Precision Thick Film Chip Resistors
ERJ-1GEF1001C PANASONIC-ERJ-1GEF1001C Datasheet
315Kb / 6P
   Precision Thick Film Chip Resistors
ERJ-1GEF8251C PANASONIC-ERJ-1GEF8251C Datasheet
315Kb / 6P
   Precision Thick Film Chip Resistors
ERJ-2RKF10R0X PANASONIC-ERJ-2RKF10R0X Datasheet
96Kb / 3P
   Precision Thick Film Chip Resistors
ERJ-2RKF1004X PANASONIC-ERJ-2RKF1004X Datasheet
96Kb / 3P
   Precision Thick Film Chip Resistors
ERJ-2RKF2153X PANASONIC-ERJ-2RKF2153X Datasheet
96Kb / 3P
   Precision Thick Film Chip Resistors
ERJ-8ENF2004V PANASONIC-ERJ-8ENF2004V Datasheet
96Kb / 3P
   Precision Thick Film Chip Resistors
ERJ-3EKF6800V PANASONIC-ERJ-3EKF6800V Datasheet
96Kb / 3P
   Precision Thick Film Chip Resistors
logo
Panasonic Battery Group
ERJ-3EKF16R5V PANASONICBATTERY-ERJ-3EKF16R5V Datasheet
96Kb / 3P
   Precision Thick Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-2RKF1800X PANASONIC-ERJ-2RKF1800X Datasheet
96Kb / 3P
   Precision Thick Film Chip Resistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com