Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERJ2RKD1002C Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ERJ2RKD1002C
Description  Precision Thick Film Chip Resistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERJ2RKD1002C Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ERJ2RKD1002C Datasheet HTML 1Page - Panasonic Semiconductor ERJ2RKD1002C Datasheet HTML 2Page - Panasonic Semiconductor ERJ2RKD1002C Datasheet HTML 3Page - Panasonic Semiconductor ERJ2RKD1002C Datasheet HTML 4Page - Panasonic Semiconductor ERJ2RKD1002C Datasheet HTML 5Page - Panasonic Semiconductor ERJ2RKD1002C Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Precision Thick Film Chip Resistors
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
–40 –20
0
20
40
60
80 100 120 140 160
0
180
–60
70
°C
–55
°C
Ambient Temperature (
°C)
20
40
60
80
100
125
°C
155
°C
XG, 1G, 1R, 2RH,
2RK, 3R, 6R
2RK, 3E, 6E, 8E,
14, 12, 1T
Type
(inches)
Power Rating
at 70 °C (W)
Limiting Element
Voltage (Maximum
RCWV)
(1) (V)
Maximum Overload
Voltage
(2)
(V)
Resistance
Tolerance
(%)
Resistance
Range
( )
T.C.R.
[ 10
–6/°C
(ppm/°C)]
Category Temperature
Range (Operating
Temperature Range)
(°C)
ERJ1RH
(0201)
0.05
15
30
±0.5
1 k to 100 k
(E24, E96)
±50
–55 to +125
ERJ1RK
(0201)
0.05
15
30
±0.5
100 to 976
(E24, E96)
±100
–55 to +125
ERJ2RH
(0402)
0.063
50
100
±0.5
100 to 100 k
(E24, E96)
±50
–55 to +125
ERJ2RK
(0402)
0.063
50
100
±0.5
10 to 97.6
102 k to 1 M
(E24, E96)
±100
–55 to +125
ERJ3RB
(0603)
0.063
50
100
±0.5
100 to 100 k
(E24, E96)
±50
–55 to +125
ERJ3RE
(0603)
0.063
50
100
±0.5
10 to 97.6
102 k to 1 M
(E24, E96)
±100
–55 to +125
ERJ6RB
(0805)
0.1
150
200
±0.5
100 to 100 k
(E24, E96)
±50
–55 to +125
ERJ6RE
(0805)
0.1
150
200
±0.5
10 to 97.6
102 k to 1 M
(E24, E96)
±100
–55 to +125
(1) Rated Continuous Working Voltage (RCWV) shall be determined from RCWV= Power Rating
Resistance Values, or Limiting Element Voltage
(max. RCWV) listed above, whichever less.
(2) Overload (Short-time Overload) Test Voltage (SOTV) shall be determined from SOTV=2.5
Power Rating or max. Overload Voltage listed above
whichever less.
(3) Please contact us when you need a type with a resistance of less than 10
.
Ratings
<±0.5 %>
Type
(inches)
Power Rating
at 70 °C (W)
Limiting Element
Voltage (Maximum
RCWV)
(1) (V)
Maximum Overload
Voltage
(2)
(V)
Resistance
Tolerance
(%)
Resistance
Range
( )
T.C.R.
[ 10
–6/°C
(ppm/°C)]
Category Temperature
Range (Operating
Temperature Range)
(°C)
ERJXG
(01005)
0.031
15
30
±1
10 to 1 M
(E24, E96)
<100
: ±300
100
< : ±200
–55 to +125
ERJ1G
(0201)
0.05
25
50
±1
10 to 1 M
(3)
(E24, E96)
±200
–55 to +125
ERJ2RK
(0402)
0.1
50
100
±1
10 to 1 M
(E24, E96)
±100
–55 to +155
ERJ3EK
(0603)
0.1
75
150
±1
10 to 1 M
(E24, E96)
±100
–55 to +155
ERJ6EN
(0805)
0.125
150
200
±1
10 to 2.2 M
(E24, E96)
±100
–55 to +155
ERJ8EN
(1206)
0.25
200
400
±1
10 to 2.2 M
(E24, E96)
±100
–55 to +155
ERJ14N
(1210)
0.5
200
400
±1
10 to 1 M
(E24, E96)
±100
–55 to +155
ERJ12N
(1812)
0.75
200
500
±1
10 to 1 M
(E24, E96)
±100
–55 to +155
ERJ12S
(2010)
0.75
200
500
±1
10 to 1 M
(E24, E96)
±100
–55 to +155
ERJ1TN
(2512)
1200
500
±1
10 to 1 M
(E24, E96)
±100
–55 to +155
<±1 %>
Power Derating Curve
For resistors operated in ambient temperatures above
70 °C, power rating shall be derated in accordance
with the figure on the right.
Jul. 2008


Similar Part No. - ERJ2RKD1002C

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERJ2RKD1002C PANASONIC-ERJ2RKD1002C Datasheet
96Kb / 3P
   Precision Thick Film Chip Resistors
ERJ2RKD1002C PANASONIC-ERJ2RKD1002C Datasheet
315Kb / 6P
   Precision Thick Film Chip Resistors
ERJ2RKD1002C PANASONIC-ERJ2RKD1002C Datasheet
96Kb / 3P
   Precision Thick Film Chip Resistors
ERJ2RKD1002C PANASONIC-ERJ2RKD1002C Datasheet
315Kb / 6P
   Precision Thick Film Chip Resistors
ERJ2RKD1002C PANASONIC-ERJ2RKD1002C Datasheet
315Kb / 6P
   Precision Thick Film Chip Resistors
More results

Similar Description - ERJ2RKD1002C

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERJ-14NF1071U PANASONIC-ERJ-14NF1071U Datasheet
96Kb / 3P
   Precision Thick Film Chip Resistors
ERJ3EKF2000V PANASONIC-ERJ3EKF2000V Datasheet
315Kb / 6P
   Precision Thick Film Chip Resistors
ERJ-1GEF1001C PANASONIC-ERJ-1GEF1001C Datasheet
315Kb / 6P
   Precision Thick Film Chip Resistors
ERJ-2RKF10R0X PANASONIC-ERJ-2RKF10R0X Datasheet
96Kb / 3P
   Precision Thick Film Chip Resistors
ERJ-2RKF1004X PANASONIC-ERJ-2RKF1004X Datasheet
96Kb / 3P
   Precision Thick Film Chip Resistors
ERJ-2RKF2153X PANASONIC-ERJ-2RKF2153X Datasheet
96Kb / 3P
   Precision Thick Film Chip Resistors
ERJ-8ENF2004V PANASONIC-ERJ-8ENF2004V Datasheet
96Kb / 3P
   Precision Thick Film Chip Resistors
ERJ-3EKF6800V PANASONIC-ERJ-3EKF6800V Datasheet
96Kb / 3P
   Precision Thick Film Chip Resistors
logo
Panasonic Battery Group
ERJ-3EKF16R5V PANASONICBATTERY-ERJ-3EKF16R5V Datasheet
96Kb / 3P
   Precision Thick Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-2RKF1800X PANASONIC-ERJ-2RKF1800X Datasheet
96Kb / 3P
   Precision Thick Film Chip Resistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com