Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

501S47N102JV4E Datasheet(PDF) 8 Page - Johanson Technology Inc.

Part # 501S47N102JV4E
Description  ceramic capacitor solutions
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JOHANSON [Johanson Technology Inc.]
Direct Link  http://www.johansontechnology.com
Logo JOHANSON - Johanson Technology Inc.

501S47N102JV4E Datasheet(HTML) 8 Page - Johanson Technology Inc.

Back Button 501S47N102JV4E Datasheet HTML 4Page - Johanson Technology Inc. 501S47N102JV4E Datasheet HTML 5Page - Johanson Technology Inc. 501S47N102JV4E Datasheet HTML 6Page - Johanson Technology Inc. 501S47N102JV4E Datasheet HTML 7Page - Johanson Technology Inc. 501S47N102JV4E Datasheet HTML 8Page - Johanson Technology Inc. 501S47N102JV4E Datasheet HTML 9Page - Johanson Technology Inc. 501S47N102JV4E Datasheet HTML 10Page - Johanson Technology Inc. 501S47N102JV4E Datasheet HTML 11Page - Johanson Technology Inc. 501S47N102JV4E Datasheet HTML 12Page - Johanson Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
8
www.johanson dielectrics.com
AC SAFETY CAPACITORS
Johanson Dielectrics Type SC ceramic chip capacitors are
designed for AC voltage surge and lightning protection in
line-to-ground interface applications in computer networks,
modem, facsimile and other equipment.
Johanson’s safety capacitor offering includes four different
case sizes and NPO and X7R dielectric materials.
These devices are surface mount ready with barrier
terminations and tape and reel packaging.
Information on capacitor safety ratings and certification details
may be found below.
L
W
T
E/B
SAFETY
RATING
VOLTAGE
RATING
WITHSTANDING
VOLTAGE
IMPULSE
VOLTAGE
CASE
SIZE
JOHANSON
ORDERING P/N
X2/Y3
250 VAC
1,500 VAC
2,500 V
1808
302R29______V3E-****-SC
STANDARDS: EN 60384-14:2005, EN 60950 2001 • UL 60950-01 CERTIFICATIONS: TUV Rheinland T72110251 • UL File E212609 • Semko 0026092-1 & 0003222-1
Y3
250 VAC
1,500 VAC
2,500 V
1812
302S43______V3E-****-SC
STANDARDS: EN 60384-14:2005, EN 60950:2001 CERTIFICATIONS: TUV Rheinland T72110251
X1/Y2
250 VAC
1,500 VAC
5,000 V
1808
502R29______V3E-****-SC
STANDARDS: EN 60384-14:2005 • UL 60950-01 CERTIFICATIONS: TUV Rheinland T72110897 / UL File E212609-A1-UL-1
Y2
250 VAC
1,500 VAC
5,000 V
2211
502R30______V3E-****-SC
STANDARDS: EN 60384-14:2005 • UL 60950-01 CERTIFICATIONS: TUV Rheinland T72110897 • UL File: E212609-A1-UL-1
X1/Y2
250 VAC
1,500 VAC
5,000 V
2220
502S47______V3E-****-SC
STANDARDS: EN 60384-14:2005 • UL 60950-01 CERTIFICATIONS: TUV Rheinland T72110897 • UL File: E212609-A1-UL-1
Japan
250 VAC
1,500 VAC
N/A
2220
AC2_________V4E-****-JS
STANDARDS: JIS-C-5102 • JIS-C-5150 CERTIFICATIONS: N/A
X Capacitors are defined as suitable for use in situations where failure of the capacitor would not lead to danger of electric shock.
Y Capacitors are defined as suitable for use in situations where failure of the capacitor could lead to danger of electric shock.
Polyterm® soft termination
option available for
demanding environments &
processes.
HOW TO ORDER AC SAFETY CAPACITORS
P/N written: 302R29W102MV3E-****-SC
302
R29
W
102
M
V
3
E
-****-SC
VOLTAGE
SIZE
DIELECTRIC
CAPACITANCE
TOLERANCE
TERMINATION
MARKING
PACKING
TYPE
302 = 250VAC
[3000V Impulse]
502 = 250VAC
[5000V Impulse]
AC2 =250VAC
[N/A]
R29=1808
R30=2211
S43=1812
S47=2220
AC2=2220
N = NPO
W = X7R
1st two digits are
significant; third digit
denotes number of
zeros, R = decimal.
102 = 1000 pF
104 = 0.10 µF
5R0 = 5.0pF
J = ± 5%
K = ± 10%
M = ± 20%
V = NI Barrier with
100% Sn Plating
(Matte)
F = Polyterm
flexible termination
3 = Special
4 = Unmarked
E = Embossed 7”
No code = bulk
Tape specs.
per EIA RS481
SC = Safety
Certified
JS = Japan
Safety


Similar Part No. - 501S47N102JV4E

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
501S42E9R1CV4E JOHANSON-501S42E9R1CV4E Datasheet
175Kb / 5P
   Q & ESR EXPLAINED A JOHANSON TECHNOLOGY PRIMER
501S43W473KV4E JOHANSON-501S43W473KV4E Datasheet
639Kb / 2P
   NEXT GENERATION High Voltage MLCCs 250 - 6,000 VDC
More results

Similar Description - 501S47N102JV4E

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
102S48W104KV4E JOHANSON-102S48W104KV4E Datasheet
1Mb / 36P
   Ceramic Capacitor Solutions
102R18N220JV4E JOHANSON-102R18N220JV4E Datasheet
1Mb / 40P
   Ceramic Capacitor Solutions
6R3R15X476MV4E JOHANSON-6R3R15X476MV4E Datasheet
1Mb / 2P
   Ceramic Capacitor Solutions
logo
Vishay Siliconix
VJOMD-C0G VISHAY-VJOMD-C0G Datasheet
169Kb / 8P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions
Revision: 20-Aug-08
VJOMD-X7R VISHAY-VJOMD-X7R Datasheet
166Kb / 10P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
Revision: 28-Oct-08
VJ1812Y472KBGAT4X VISHAY-VJ1812Y472KBGAT4X Datasheet
219Kb / 16P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
Revision: 25-Mar-13
VJ2220Y224KBEAT4X VISHAY-VJ2220Y224KBEAT4X Datasheet
221Kb / 16P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
Revision: 22-Jul-13
VJOMD VISHAY-VJOMD Datasheet
209Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
Revision: 31-Jan-17
HVSERIES VISHAY-HVSERIES Datasheet
253Kb / 14P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for High Voltage Applications
01-Jan-2023
VJ-OMD VISHAY-VJ-OMD Datasheet
208Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
Revision: 31-Jan-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com