Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRPV3GKERC00030G Datasheet(PDF) 3 Page - OPLINK Communications Inc.

Part # TRPV3GKERC00030G
Description  CWDM Optical Transceiver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

TRPV3GKERC00030G Datasheet(HTML) 3 Page - OPLINK Communications Inc.

  TRPV3GKERC00030G Datasheet HTML 1Page - OPLINK Communications Inc. TRPV3GKERC00030G Datasheet HTML 2Page - OPLINK Communications Inc. TRPV3GKERC00030G Datasheet HTML 3Page - OPLINK Communications Inc. TRPV3GKERC00030G Datasheet HTML 4Page - OPLINK Communications Inc. TRPV3GKERC00030G Datasheet HTML 5Page - OPLINK Communications Inc. TRPV3GKERC00030G Datasheet HTML 6Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TRPV3GKERx000xxG
Oplink Communications, Inc
S0313. Rev.01. (web) 2012-05-11
3
Electrical Characteristics
(Over Operating Case Temperature. V
CC = 3.13 to 3.47V)
(Over Operating Case Temperature. V
CC = 3.13 to 3.47V)
Electrical Power Supply Characteristics
Timing Specifications
Receiver Performance Characteristics (Over Operating Case Temperature. V
CC = 3.13 to 3.47V)
Parameter
Symbol
Minimum
Typical
Maximum
Units
Differential Input Voltage Swing
V
PP-DIFF
550
-
850
mV
Output Rise and Fall time 20% to 80%
tr, tf
-
-
135
ps
Input High Voltage
V
IH
2
-
Vcc
V
Input Low Voltage
V
IL
0
-
0.8
V
Output HIGH Voltage (LOS) 1
V
OH
2
-
Vcc
V
Output LOW Voltage (LOS) 1
V
OL
0
-
0.8
V
1
Open collector compatible, 4.7kΩ to 10kΩ pull-up resistor to Vcc (Host Supply Voltage).
Parameter
Symbol
Minimum
Typical
Maximum
Units
Time to Initialize (from power on)
t_init
-
-
300
ms
LOS Assert Time
t_los_on
-
-
10
ms
LOS Negate Time
t_los_off
-
-
10
ms
I2C Clock Rate
-
0
-
400 1
kHz
1
Clock stretching is used for I2C signals above the MSA defined 100kHz rate.
Parameter
Symbol
Minimum
Typical
Maximum
Units
Power Supply Voltage
V
CC
3.13
3.3
3.47
V
DC Common Mode Voltage
V
CM
0
-
3.6
V
Power Consumption
P
W
-
-
1000
mW
Maximum Allowable
Power Supply Noise
0.02-1000kHz
-
-
-
66
mV
1000-10000kHz
-
-
99
Parameter
Symbol
Minimum
Typical
Maximum
Units
Data Rate
B
0.05
-
3
Gb/s
Center Wavelength
λ
C
1260
-
1620
nm
Sensitivity 1
SMPTE 259M, SMPTE 344M,
SMPTE 292M Pathological,
SMPTE 424M Pathological and
PRBS 223-1
P
min
-
- 24
- 21
dBm
Overload
P
max
0
-
-
dBm
LOS Thresholds 1
Increasing Light Input
Plos+
-
-
- 23
dBm
Decreasing Light Input
Plos-
- 31
-
-
dBm
LOS Hysteresis
-
0.5
-
6
dB
Maximum Back Reflection
-
-
-
- 27
dB
Input Power Monitoring Accuracy
-
- 2
-
+ 2
dB
1
Specified at a BER of 10-12
2
Specified with PRBS 2.97Gb/s signal, ER= 7dB


Similar Part No. - TRPV3GKERC00030G

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TRPV3GKERC00030G OPLINK-TRPV3GKERC00030G Datasheet
284Kb / 6P
   TXC3XGHI2C00010G
More results

Similar Description - TRPV3GKERC00030G

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TRPE03KE2C000X0G OPLINK-TRPE03KE2C000X0G Datasheet
289Kb / 5P
   OC-3 CWDM Optical Supervisory Channel SFP Transceiver
logo
Optoway Technology Inc
TRS-5280-CXX0G OPTOWAY-TRS-5280-CXX0G Datasheet
161Kb / 6P
   CWDM 5V / 622 Mbps RoHS Compliant Optical Single-Mode Transceiver
TRS-32120-CXX0G OPTOWAY-TRS-32120-CXX0G Datasheet
141Kb / 5P
   CWDM 5V / 155 Mbps RoHS Compliant Optical Single-Mode Transceiver
TRS-52160-CXX0G OPTOWAY-TRS-52160-CXX0G Datasheet
161Kb / 6P
   CWDM 5V / 622 Mbps RoHS Compliant Optical Single-Mode Transceiver
TRS-53160-CXX0G OPTOWAY-TRS-53160-CXX0G Datasheet
154Kb / 6P
   CWDM 3.3V / 622 Mbps RoHS Compliant Optical Single-Mode Transceiver
TRS-72120-CXX0G OPTOWAY-TRS-72120-CXX0G Datasheet
78Kb / 4P
   CWDM 5V / 1.25 Gbps RoHS Compliant Optical Single-Mode Transceiver
logo
Emcore Corporation
OTS-1LC EMCORE-OTS-1LC Datasheet
1Mb / 4P
   CWDM Wideband Optical Link
logo
Optoway Technology Inc
TRS-7280-CXX0G OPTOWAY-TRS-7280-CXX0G Datasheet
106Kb / 5P
   CWDM 5V / 1.25 Gbps RoHS Compliant Optical Single-Mode Transceiver
TRS-7350-CXX0G OPTOWAY-TRS-7350-CXX0G Datasheet
108Kb / 5P
   CWDM 3.3V / 1.25 Gbps RoHS Compliant Optical Single-Mode Transceiver
TRS-73120-CXX0G OPTOWAY-TRS-73120-CXX0G Datasheet
108Kb / 5P
   CWDM 3.3V / 1.25 Gbps RoHS Compliant Optical Single-Mode Transceiver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com