Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FNV-P-ALUM Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # FNV-P-ALUM
Description  T O TA L L A M P S O LU T I O N S
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FNV-P-ALUM Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  FNV-P-ALUM Datasheet HTML 1Page - List of Unclassifed Manufacturers FNV-P-ALUM Datasheet HTML 2Page - List of Unclassifed Manufacturers FNV-P-ALUM Datasheet HTML 3Page - List of Unclassifed Manufacturers FNV-P-ALUM Datasheet HTML 4Page - List of Unclassifed Manufacturers FNV-P-ALUM Datasheet HTML 5Page - List of Unclassifed Manufacturers FNV-P-ALUM Datasheet HTML 6Page - List of Unclassifed Manufacturers FNV-P-ALUM Datasheet HTML 7Page - List of Unclassifed Manufacturers FNV-P-ALUM Datasheet HTML 8Page - List of Unclassifed Manufacturers FNV-P-ALUM Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 64 page
background image
www .prolite -lamps.co.uk
5
GU10 COMPACT FLUORESCENT
DESCRIPTION
A low energy self ballasted retro fit GU10 lamp designed to be a like for like replacement
for standard halogen GU10 lamps. A choice of 7W, 9W or 11W. It is suitable for
applications where lamp length is critical for both domestic and commercial use. These
are the best solution for instant energy saving in retro fit applications.
Reduced heat compared to
incandescent alternatives
GU10/7W/FLU
7
20
240
2700
7
58 x 27.5 x 20.8
55
50
GU10/7W/FLU/40
7
20
240
4000
7
58 x 27.5 x 20.8
55
50
GU10/7W/FLU/64
7
20
240
6400
7
58 x 27.5 x 20.8
55
50
GU10/9W/FLU
9
35
240
2700
8
58 x 27.5 x 24.5
78
50
GU10/9W/FLU/40
9
35
240
4000
8
58 x 27.5 x 24.5
78
50
GU10/11W/FLU
11
50
240
2700
8
58 x 27.5 x 24.5
78
50
GU10/11W/FLU/40
11
50
240
2700
8
58 x 27.5 x 24.5
78
50
GU10/11W/FLU/64
11
50
240
2700
8
58 x 27.5 x 24.5
78
50
TECHNICAL SPECIFICATION
h
w
10,000h
60˚C
60˚C
200˚C
2,000 hrs
9W/11W
CFL GU10
HALOGEN GU10
7W
10,000 hrs
55
55
78


Similar Part No. - FNV-P-ALUM

ManufacturerPart #DatasheetDescription
logo
SHIELD s.r.l.
FNV SHIELD-FNV Datasheet
267Kb / 2P
   MAGNETIC SWITCHES
logo
Faraday Technology
FNV097A FARADAY-FNV097A Datasheet
74Kb / 2P
   ADJUSTABLE VIDEO DELAY LINES
FNV097B FARADAY-FNV097B Datasheet
74Kb / 2P
   ADJUSTABLE VIDEO DELAY LINES
FNV097C FARADAY-FNV097C Datasheet
74Kb / 2P
   ADJUSTABLE VIDEO DELAY LINES
FNV097D FARADAY-FNV097D Datasheet
74Kb / 2P
   ADJUSTABLE VIDEO DELAY LINES
More results

Similar Description - FNV-P-ALUM

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GMBCX53 ETL-GMBCX53 Datasheet
215Kb / 2P
   P N P S I L I C O N E P I TA X I A L T R A N S I S T O R
GLBCX53 ETL-GLBCX53 Datasheet
215Kb / 2P
   P N P S I L I C O N E P I TA X I A L T R A N S I S T O R
GMBCP56 ETL-GMBCP56 Datasheet
153Kb / 2P
   N P N S I L I C O N E P I TA X I A L T R A N S I S T O R
GLBCP56 ETL-GLBCP56 Datasheet
153Kb / 2P
   N P N S I L I C O N E P I TA X I A L T R A N S I S T O R
GM5824 ETL-GM5824 Datasheet
442Kb / 2P
   N P N S I L I C O N E P I TA X I A L P L A N A R T R A N S I S T O R
GSMBTA64 ETL-GSMBTA64 Datasheet
217Kb / 2P
   P N P S I L I C O N T R A N S I S T O R
GSMBTA56 ETL-GSMBTA56 Datasheet
196Kb / 2P
   P N P S I L I C O N T R A N S I S T O R
GJ1386 ETL-GJ1386 Datasheet
161Kb / 2P
   P N P E P I T A X I A L S I L I C O N T R A N S I S T O R
GI1386 ETL-GI1386 Datasheet
215Kb / 2P
   P N P E P I T A X I A L S I L I C O N T R A N S I S T O R
GLBCP69 ETL-GLBCP69 Datasheet
248Kb / 2P
   P N P S I L I C O N E P I T A X I A L T R A N S I S T O R
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com