Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAB-P-ALUMCL Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # BAB-P-ALUMCL
Description  T O TA L L A M P S O LU T I O N S
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BAB-P-ALUMCL Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button BAB-P-ALUMCL Datasheet HTML 2Page - List of Unclassifed Manufacturers BAB-P-ALUMCL Datasheet HTML 3Page - List of Unclassifed Manufacturers BAB-P-ALUMCL Datasheet HTML 4Page - List of Unclassifed Manufacturers BAB-P-ALUMCL Datasheet HTML 5Page - List of Unclassifed Manufacturers BAB-P-ALUMCL Datasheet HTML 6Page - List of Unclassifed Manufacturers BAB-P-ALUMCL Datasheet HTML 7Page - List of Unclassifed Manufacturers BAB-P-ALUMCL Datasheet HTML 8Page - List of Unclassifed Manufacturers BAB-P-ALUMCL Datasheet HTML 9Page - List of Unclassifed Manufacturers BAB-P-ALUMCL Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 64 page
background image
www .prolite -lamps.co.uk
6
HELIX COMPACT FLUORESCENT
DESCRIPTION
A highly efficient lamp, designed to give an even output of 360º of the lamp surface,
the innovative helical design is the ultimate in even shadow free lamp distribution. Ideal
where high light output is required. Even output of light ensures an attractive appearance
in applications utilising shades.
HELIX/11W/BC
11
60
240
BC
575
5.5
56.5 x 28.5 x 18.5
101
49
HELIX/11W/ES
11
60
240
ES
575
5.5
56.5 x 28.5 x 18.5
101
49
HELIX/15W/BC
15
75
240
BC
795
5.5
56.5 x 28.5 x 18.5
108
49
HELIX/15W/ES
15
75
240
ES
795
5.5
56.5 x 28.5 x 18.5
108
49
HELIX/18W/BC
18
100
240
BC
875
5.5
56.5 x 28.5 x 18.5
121
49
HELIX/18W/ES
18
100
240
ES
875
5.5
56.5 x 28.5 x 18.5
121
49
HELIX/25W/BC
25
125
240
BC
1510
8.5
67.5 x 33.5 x 21.5
151
60
HELIX/25W/ES
25
125
240
ES
1510
8.5
67.5 x 33.5 x 21.5
151
60
HELIX/30W/BC
30
150
240
BC
1535
8.5
67.5 x 33.5 x 21.5
158
60
HELIX/30W/ES
30
150
240
ES
1535
8.5
67.5 x 33.5 x 21.5
158
60
TECHNICAL SPECIFICATION
h
w
8,000h


Similar Part No. - BAB-P-ALUMCL

ManufacturerPart #DatasheetDescription
logo
JST Mfg. Co., Ltd.
BAB JST-BAB Datasheet
199Kb / 3P
   Wire-to-wire
logo
Ohmite Mfg. Co.
BAB116010R0KE OHMITE-BAB116010R0KE Datasheet
512Kb / 2P
   Aluminum Cased Resistor
BAB11601R00KE OHMITE-BAB11601R00KE Datasheet
512Kb / 2P
   Aluminum Cased Resistor
BAB116025R0KE OHMITE-BAB116025R0KE Datasheet
512Kb / 2P
   Aluminum Cased Resistor
BAB11602R00KE OHMITE-BAB11602R00KE Datasheet
512Kb / 2P
   Aluminum Cased Resistor
More results

Similar Description - BAB-P-ALUMCL

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GMBCX53 ETL-GMBCX53 Datasheet
215Kb / 2P
   P N P S I L I C O N E P I TA X I A L T R A N S I S T O R
GLBCX53 ETL-GLBCX53 Datasheet
215Kb / 2P
   P N P S I L I C O N E P I TA X I A L T R A N S I S T O R
GMBCP56 ETL-GMBCP56 Datasheet
153Kb / 2P
   N P N S I L I C O N E P I TA X I A L T R A N S I S T O R
GLBCP56 ETL-GLBCP56 Datasheet
153Kb / 2P
   N P N S I L I C O N E P I TA X I A L T R A N S I S T O R
GM5824 ETL-GM5824 Datasheet
442Kb / 2P
   N P N S I L I C O N E P I TA X I A L P L A N A R T R A N S I S T O R
GSMBTA64 ETL-GSMBTA64 Datasheet
217Kb / 2P
   P N P S I L I C O N T R A N S I S T O R
GSMBTA56 ETL-GSMBTA56 Datasheet
196Kb / 2P
   P N P S I L I C O N T R A N S I S T O R
GJ1386 ETL-GJ1386 Datasheet
161Kb / 2P
   P N P E P I T A X I A L S I L I C O N T R A N S I S T O R
GI1386 ETL-GI1386 Datasheet
215Kb / 2P
   P N P E P I T A X I A L S I L I C O N T R A N S I S T O R
GLBCP69 ETL-GLBCP69 Datasheet
248Kb / 2P
   P N P S I L I C O N E P I T A X I A L T R A N S I S T O R
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com