Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAFA2014-EC-02 Datasheet(PDF) 1 Page - Emcore Corporation

Part # MAFA2014-EC-02
Description  Full Function Fiber Optic Amplifier Gain Block Ready for Integration
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

MAFA2014-EC-02 Datasheet(HTML) 1 Page - Emcore Corporation

  MAFA2014-EC-02 Datasheet HTML 1Page - Emcore Corporation MAFA2014-EC-02 Datasheet HTML 2Page - Emcore Corporation MAFA2014-EC-02 Datasheet HTML 3Page - Emcore Corporation MAFA2014-EC-02 Datasheet HTML 4Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DATASHEET | FEBRUARY 2013
FIBER OPTICS
| REV 2013.02
Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice.
Applications
Microwave and RF Optical Fiber
Distribution Systems
EW Systems
Free Space Optical Communications
DWDM Networks
Video and Data Transport Networks
Laboratory Optical Sources
High Performance Supertrunking Links
High Power Distribtuion Networks
Redundanct Ring Architectures
FTTx Networks
Features
Full Function Fiber Optic Amplifier Gain
Block Ready for Integration
Low Noise Figure (Typ < 5 dB)
Input Power Range io – 10 dBm to +12
dBm and +14 dBm to +27 dBm Output
Power
Standard RS-232 Communication (RS-
485 or I2C is optional)
Standard and Optional Gain Flatness
(1530 nm – 1562 nm)
Low Electrical Power Consumption
MAFA 2000 Series Erbium Doped Fiber Micro Amplifier
EMCORE’s MAFA 2000 Series Erbium Doped Fiber Amplifier (EDFA) Gain Block
Module is an ideal building block for OEM system integrators.The family of MAFA
2000 EDFA Gain Blocks is designed to meet the most demanding noise
performance requirements of high performance networks, and performs all the
functions required of an optical amplifier for system integration.
MAFA 2000 series EDFA Gain Blocks provide optical isolation on the input and
output of the gain block for stable, low noise operation. The input and output
optical signal power levels are detected for monitoring and control. The input
optical signal is amplified with active gain control for a constant output power level
or with active output power control for constant gain mode operation.
The MAFA 2000 series EDFA Gain Blocks also provide monitors and associated
alarms for all critical operating parameters. The optical output of the MAFA 2000
series EDFA Gain Blocks also provide monitors and associated alarms for all vital
characteristics. The optical output of the MAFA 2000 series EDFA Gain Blocks
can be split into multiple ports by an optional external splitter.
MAFA 2000 Series EDFA


Similar Part No. - MAFA2014-EC-02

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
MAFA2014-EC-02 EMCORE-MAFA2014-EC-02 Datasheet
394Kb / 4P
   Erbium Doped Fiber Micro Amplifier
More results

Similar Description - MAFA2014-EC-02

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
MAFA-1014-SC1-00-S-1 EMCORE-MAFA-1014-SC1-00-S-1_13 Datasheet
620Kb / 4P
   Full Function Fiber Optic Amplifier Ready for Integration
MAFA-3027-SC-P-1 EMCORE-MAFA-3027-SC-P-1_13 Datasheet
328Kb / 4P
   Full Function Fiber Optic Amplifier Ready for Integration
PONA-3027-SC-01-P-AC EMCORE-PONA-3027-SC-01-P-AC Datasheet
563Kb / 6P
   Full Function High Power Fiber Optic Amplifier
logo
International Rectifier
IP2003ATR IRF-IP2003ATR Datasheet
361Kb / 10P
   Full function muliphase builiding block
logo
ON Semiconductor
MC10SX1125 ONSEMI-MC10SX1125 Datasheet
81Kb / 5P
   FIBER OPTIC POST AMPLIFIER
1996 REV 1
logo
TriQuint Semiconductor
TGA8320 TRIQUINT-TGA8320 Datasheet
526Kb / 7P
   Gain Block Amplifier
TGA8349 TRIQUINT-TGA8349 Datasheet
309Kb / 7P
   Gain Block Amplifier
TGA8810 TRIQUINT-TGA8810 Datasheet
219Kb / 7P
   Gain Block Amplifier
TGA8300-SCC TRIQUINT-TGA8300-SCC Datasheet
176Kb / 7P
   Gain Block Amplifier
TGA8035 TRIQUINT-TGA8035 Datasheet
222Kb / 7P
   Gain Block Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com