Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K14110-PROPLUS Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # K14110-PROPLUS
Description  T O TA L L A M P S O LU T I O N S
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

K14110-PROPLUS Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  K14110-PROPLUS Datasheet HTML 1Page - List of Unclassifed Manufacturers K14110-PROPLUS Datasheet HTML 2Page - List of Unclassifed Manufacturers K14110-PROPLUS Datasheet HTML 3Page - List of Unclassifed Manufacturers K14110-PROPLUS Datasheet HTML 4Page - List of Unclassifed Manufacturers K14110-PROPLUS Datasheet HTML 5Page - List of Unclassifed Manufacturers K14110-PROPLUS Datasheet HTML 6Page - List of Unclassifed Manufacturers K14110-PROPLUS Datasheet HTML 7Page - List of Unclassifed Manufacturers K14110-PROPLUS Datasheet HTML 8Page - List of Unclassifed Manufacturers K14110-PROPLUS Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 64 page
background image
www .prolite -lamps.co.uk
5
GU10 COMPACT FLUORESCENT
DESCRIPTION
A low energy self ballasted retro fit GU10 lamp designed to be a like for like replacement
for standard halogen GU10 lamps. A choice of 7W, 9W or 11W. It is suitable for
applications where lamp length is critical for both domestic and commercial use. These
are the best solution for instant energy saving in retro fit applications.
Reduced heat compared to
incandescent alternatives
GU10/7W/FLU
7
20
240
2700
7
58 x 27.5 x 20.8
55
50
GU10/7W/FLU/40
7
20
240
4000
7
58 x 27.5 x 20.8
55
50
GU10/7W/FLU/64
7
20
240
6400
7
58 x 27.5 x 20.8
55
50
GU10/9W/FLU
9
35
240
2700
8
58 x 27.5 x 24.5
78
50
GU10/9W/FLU/40
9
35
240
4000
8
58 x 27.5 x 24.5
78
50
GU10/11W/FLU
11
50
240
2700
8
58 x 27.5 x 24.5
78
50
GU10/11W/FLU/40
11
50
240
2700
8
58 x 27.5 x 24.5
78
50
GU10/11W/FLU/64
11
50
240
2700
8
58 x 27.5 x 24.5
78
50
TECHNICAL SPECIFICATION
h
w
10,000h
60˚C
60˚C
200˚C
2,000 hrs
9W/11W
CFL GU10
HALOGEN GU10
7W
10,000 hrs
55
55
78


Similar Part No. - K14110-PROPLUS

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
K1412 SANYO-K1412 Datasheet
113Kb / 4P
   Ultrahigh-Speed Switching Applications
K1413 SANYO-K1413 Datasheet
81Kb / 3P
   High-Voltage High-Speed Switching Applications
logo
Communications & Power ...
K1414-100S-M CPI-K1414-100S-M Datasheet
906Kb / 2P
   SOLID STATE HIGH POWER AMPLIFIER MODULES
K1414-35S-M CPI-K1414-35S-M Datasheet
906Kb / 2P
   SOLID STATE HIGH POWER AMPLIFIER MODULES
K1414-50S-M CPI-K1414-50S-M Datasheet
906Kb / 2P
   SOLID STATE HIGH POWER AMPLIFIER MODULES
More results

Similar Description - K14110-PROPLUS

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GMBCX53 ETL-GMBCX53 Datasheet
215Kb / 2P
   P N P S I L I C O N E P I TA X I A L T R A N S I S T O R
GLBCX53 ETL-GLBCX53 Datasheet
215Kb / 2P
   P N P S I L I C O N E P I TA X I A L T R A N S I S T O R
GMBCP56 ETL-GMBCP56 Datasheet
153Kb / 2P
   N P N S I L I C O N E P I TA X I A L T R A N S I S T O R
GLBCP56 ETL-GLBCP56 Datasheet
153Kb / 2P
   N P N S I L I C O N E P I TA X I A L T R A N S I S T O R
GM5824 ETL-GM5824 Datasheet
442Kb / 2P
   N P N S I L I C O N E P I TA X I A L P L A N A R T R A N S I S T O R
GSMBTA64 ETL-GSMBTA64 Datasheet
217Kb / 2P
   P N P S I L I C O N T R A N S I S T O R
GSMBTA56 ETL-GSMBTA56 Datasheet
196Kb / 2P
   P N P S I L I C O N T R A N S I S T O R
GJ1386 ETL-GJ1386 Datasheet
161Kb / 2P
   P N P E P I T A X I A L S I L I C O N T R A N S I S T O R
GI1386 ETL-GI1386 Datasheet
215Kb / 2P
   P N P E P I T A X I A L S I L I C O N T R A N S I S T O R
GLBCP69 ETL-GLBCP69 Datasheet
248Kb / 2P
   P N P S I L I C O N E P I T A X I A L T R A N S I S T O R
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com