Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPG-1L Datasheet(PDF) 3 Page - Emcore Corporation

Part # OPG-1L
Description  openGear짰 OPG-1L 50 MHz ??2.3 GHz RF Fiber Optic Link
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

OPG-1L Datasheet(HTML) 3 Page - Emcore Corporation

  OPG-1L Datasheet HTML 1Page - Emcore Corporation OPG-1L Datasheet HTML 2Page - Emcore Corporation OPG-1L Datasheet HTML 3Page - Emcore Corporation OPG-1L Datasheet HTML 4Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SATCOM
satcom-sales@emcore.com
www.emcore.com
Information contained herein is deemed to be reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specifications at any time without notice.
© 2013 EMCORE Corporation
| REV 2013.10
+1 626-293-3400
DATASHEET | OCTOBER 2013
Card Compatibility to openGear® Frames
openGear® OPG-1L 50 MHz – 2.3 GHz
RF Fiber Optic Link


Similar Part No. - OPG-1L

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
OPGD-3-006 DIALIGHT-OPGD-3-006 Datasheet
590Kb / 2P
   TRIPLE OPTIC
OPGD1002 DIALIGHT-OPGD1002 Datasheet
126Kb / 2P
   OSRAM GOLDEN DRAGON ADHESIVE-BACKED LENS
More results

Similar Description - OPG-1L

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-2409Z AVAGO-AFBR-2409Z Datasheet
246Kb / 6P
   50 MBd Miniature Link Fiber Optic Receiver
AFBR-24X9XZ AVAGO-AFBR-24X9XZ Datasheet
246Kb / 6P
   50 MBd Miniature Link Fiber Optic Receiver
logo
Adam Technologies, Inc.
FODL-002 ADAM-TECH-FODL-002 Datasheet
77Kb / 1P
   FIBER OPTIC DATA LINK
FODL-001 ADAM-TECH-FODL-001 Datasheet
77Kb / 1P
   FIBER OPTIC DATA LINK
logo
NEC
PLM101-1M NEC-PLM101-1M Datasheet
180Kb / 7P
   PLASTIC FIBER OPTIC LINK
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-0500Z AVAGO-HFBR-0500Z Datasheet
504Kb / 18P
   Versatile Link The Versatile Fiber Optic Connection Low cost fiber optic components
HFBR-0501 AVAGO-HFBR-0501 Datasheet
195Kb / 19P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-1531ETZ AVAGO-HFBR-1531ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
logo
Pepperl+Fuchs Inc.
FOL7250B059 PF-FOL7250B059 Datasheet
980Kb / 2P
   PROFIBUS Fiber Optic Link Coupler and Repeater
logo
Broadcom Corporation.
AFBR-0553Z BOARDCOM-AFBR-0553Z Datasheet
855Kb / 7P
   DC-to-50 MBd 650-nm Link with RSSI Versatile Link Fiber Optic Evaluation Kit
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com