Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

644H-2R Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 644H-2R
Description  600H and 600NH series
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

644H-2R Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  644H-2R Datasheet HTML 1Page - List of Unclassifed Manufacturers 644H-2R Datasheet HTML 2Page - List of Unclassifed Manufacturers 644H-2R Datasheet HTML 3Page - List of Unclassifed Manufacturers 644H-2R Datasheet HTML 4Page - List of Unclassifed Manufacturers 644H-2R Datasheet HTML 5Page - List of Unclassifed Manufacturers 644H-2R Datasheet HTML 6Page - List of Unclassifed Manufacturers 644H-2R Datasheet HTML 7Page - List of Unclassifed Manufacturers 644H-2R Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
A-100
APEM
www.apem.com
600H and 600NH series
Toggle switches - high amperage
Distinctive features and specifications
A
Construction
Terminal and contact support are manufactured from a single piece of metal. The
contacts are resistance-welded to the terminal for increased mechanical strength.
Rating
These switches are suitable for motor loads and power applications up to
15A 250VAC or 10A 400VAC
Metal or insulated lever
UL, CSA and NF-VDE (EN 61058-1) approved
ELECTRICAL SPECIFICATIONS
• Max. current/voltage ratings : see tables below
• Peak current : 30A max. during 1/2 sine, 250VAC
• Initial contact resistance : 10 mΩ max. at 1A 2VDC
• Insulation resistance : 1.000 MΩ min. at 500VDC
• Dielectric strength :
2.000 Vrms 50 Hz min. between terminals
2.500 Vrms 50 Hz min. between terminals and frame
• Electrical life : 10.000 cycles at full load
- FOR INFORMATION-
Max. current/voltage rating w. resistive load
ON - OFF
ON - ON
15A 250VAC
10A 24VDC
15A 12VDC
10.000 cycles
Other
15A 125VAC
12A 250VAC
5A 25VDC
10.000 cycles
ON OFF ON
15A 250VAC
6.000 cycles
Models for peak currents
Models 600SH and 600SNH with silver
cadmium oxide contacts are discontinued.
They will be replaced by switches with silver
tin oxide contacts.
Functions
Ratings
Electrical life
MODELS
Single and
double pole
Three pole
FUNCTIONS
ON - OFF (1)
ON - ON (6)
Other
(4-5-7-8-9)
ON - OFF (1)
& ON - ON (6)
Other
(4-5-7-8-9)
10A 1/2 HP
125-250VAC
15A 1/2 HP
125-250VAC
10A 1/2 HP
125-250VAC
600H - 600NH
NF-VDE
UL
UL 1054
CSA
CSA 22-2
EN 61058-1
15A 1/2 HP
125-250VAC
10(4)A
400VAC
T 85/55 (600H)
T 125/55
(600NH)
APPROVED RATINGS
MATERIALS
• Case : polyester UL94-V0
• Actuator :
- 600H : brass, nickel plated
- 600NH : black polyamide
• Bushing : brass, nickel plated
• Contacts : silver/nickel alloy
GENERAL SPECIFICATIONS
• Torque : 1,50 Nm (1.10 Ft.lb) max. applied to nut
• Panel thickness : 4,5 mm (.177) max. between 2 nuts
• Operating temperature : -20°C to +55°C


Similar Part No. - 644H-2R

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6440 POMONA-6440 Datasheet
19Kb / 1P
   Nut, Hex 8-32
logo
Hubbell Incorporated.
6440 HUBBELL-6440 Datasheet
365Kb / 1P
   Rod, Expanding/Cross-Plate Anchor, 1in X 10ft Ovaleye
logo
Christian Bürkert GmbH ...
6440 BURKERT-6440 Datasheet
1Mb / 21P
   Servo-assisted 2/2-way piston valve
13.02.2024
logo
Cooper Bussmann, Inc.
64400 COOPER-64400 Datasheet
44Kb / 1P
   Welder Limiters Class H and J Fuseholders
logo
Tyco Electronics
644020 MACOM-644020 Datasheet
2Mb / 84P
   MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors
More results

Similar Description - 644H-2R

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Amphenol Corporation
4400 AMPHENOL-4400 Datasheet
1Mb / 10P
   Amphenol 67 and 165 Series Amphenol 67 and 165 Series
logo
Intel Corporation
BD82QM67-SLJ4M INTEL-BD82QM67-SLJ4M Datasheet
6Mb / 934P
   Intel짰 6 Series Chipset and Intel짰 6 Series Chipset and
logo
List of Unclassifed Man...
UCY74 ETC2-UCY74 Datasheet
1Mb / 29P
   UCY74 and UCA64 Series
logo
Xilinx, Inc
XC1700E XILINX-XC1700E Datasheet
123Kb / 12P
   XC1700E and XC1700L Series
logo
STMicroelectronics
BTW69-1000RG STMICROELECTRONICS-BTW69-1000RG Datasheet
88Kb / 6P
   BTW67 and BTW69 Series
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
   NBB Series and NDA Series Reliability
logo
EDAC, All Rights Reserv...
COVERS-SERIES EDAC-COVERS-SERIES Datasheet
255Kb / 1P
   Covers Series Rack and Panel Connector Covers | For 516 and 519 Series
logo
Panasonic Battery Group
EEF-LX PANASONICBATTERY-EEF-LX Datasheet
792Kb / 1P
   EEF-GX and LX Series
logo
Keysight Technologies
N1912A-P KEYSIGHT-N1912A-P Datasheet
1Mb / 14P
   P-Series Power Meters and
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com