Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERJ1TY0102C Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ERJ1TY0102C
Description  Thick Film Chip Resistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERJ1TY0102C Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ERJ1TY0102C Datasheet HTML 1Page - Panasonic Semiconductor ERJ1TY0102C Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Thick Film Chip Resistors
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Protective coating
Alumina substrate
Electrode (Inner)
Electrode
(Between)
Thick film
resistive element
Electrode (Outer)
–40 –20 0 20 40 60 80 100 120 140 160
0
180
–60
155 °C
70 °C
Ambient Temperature (°C)
20
40
60
80
100
–55 °C
2G, 3G, 6G, 8G,
14, 12, 12Z, 1T
XG, 1G
125 °C
a
b
t
W
L
Construction
Dimensions in mm (not to scale)
Type
(inch size)
Dimensions (mm)
Mass (Weight)
(g/1000 pcs.)
LWa
b
t
ERJXG
(01005)
0.40
±0.02
0.20
±0.02
0.10
±0.03
0.10
±0.03
0.13
±0.02
0.04
ERJ1G
(0201)
0.60
±0.03
0.30
±0.03
0.10
±0.05
0.15
±0.05
0.23
±0.03
0.15
ERJ2G
(0402)
1.00
±0.05
0.50
±0.05
0.20
±0.10
0.25
±0.05
0.35
±0.05
0.8
ERJ3G
(0603)
1.60
±0.15
0.80
+0.15
0.30
±0.20
0.30
±0.15
0.45
±0.10
2
ERJ6G
(0805)
2.00
±0.20
1.25
±0.10
0.40
±0.20
0.40
±0.20
0.60
±0.10
4
ERJ8G
(1206)
3.20
+0.05
1.60
+0.05
0.50
±0.20
0.50
±0.20
0.60
±0.10
10
ERJ14
(1210)
3.20
±0.20
2.50
±0.20
0.50
±0.20
0.50
±0.20
0.60
±0.10
16
ERJ12
(1812)
4.50
±0.20
3.20
±0.20
0.50
±0.20
0.50
±0.20
0.60
±0.10
27
ERJ12Z
(2010)
5.00
±0.20
2.50
±0.20
0.60
±0.20
0.60
±0.20
0.60
±0.10
27
ERJ1T
(2512)
6.40
±0.20
3.20
±0.20
0.65
±0.20
0.60
±0.20
0.60
±0.10
45
–0.05
–0.15
–0.20
Type
(inch size)
Power Rating
at 70 °C
(W)
Limiting Element
Voltage
(1)
(V)
Maximum Overload
Voltage
(2)
(V)
Resistance
Tolerance
(%)
Resistance
Range
(
Ω)
T.C.R.
(
×10–6/°C)
Category
Temperature Range
(°C)
ERJXG
(01005)
0.031
15
30
±5
4.7 to 1 M (E24)
<10
Ω : –100 to +600
10
Ω to 100 Ω : ±300
100
Ω< : ±200
–55 to +125
ERJ1G
(0201)
0.05
25
50
±5
1 to 10 M (E24)
<10
Ω:
–100 to +600
10
Ω to 1 MΩ:
±200
1 M
Ω<:
–400 to +150
–55 to +125
ERJ2G
(0402)
0.1
50
100
±5
1 to 10 M (E24)
–55 to +155
ERJ3G
(0603)
0.1
75
150
±5
1 to 10 M (E24)
–55 to +155
ERJ6G
(0805)
0.125
150
200
±5
1 to 10 M (E24)
–55 to +155
ERJ8G
(1206)
0.25
200
400
±5
1 to 10 M (E24)
–55 to +155
ERJ14
(1210)
0.5
200
400
±5
1 to 10 M (E24)
–55 to +155
ERJ12
(1812)
0.75
200
500
±5
1 to 10 M (E24)
–55 to +155
ERJ12Z
(2010)
0.75
200
500
±5
1 to 10 M (E24)
–55 to +155
ERJ1T
(2512)
1
200
500
±5
1 to 1 M (E24)
–55 to +155
Type
(inch size)
Rated Current
(A)
Maximum Overload Current
(A)
ERJXG (01005)
0.5
1
ERJ1G (0201)
ERJ2G (0402)
12
ERJ3G (0603)
ERJ6G (0805)
24
ERJ8G (1206)
ERJ14
(1210)
ERJ12 (1812)
ERJ12Z (2010)
ERJ1T (2512)
Power Derating Curve
For resistors operated in ambient temperatures above
70 °C, power rating shall be derated in accordance
with the figure below.
(1) Rated Continuous Working Voltage (RCWV) shall be determined from RCWV=√Power Rating
× Resistance Values, or Limiting Element Voltage
listed above, whichever less.
(2) Overload (Short-time Overload) Test Voltage (SOTV) shall be determined from SOTV=2.5 (Only ERJ2G=2.0)
× Power Rating or max. Overload
Voltage listed above whichever less.
Ratings
<For Resistor>
<For Jumper>
Aug. 2012
02
4


Similar Part No. - ERJ1TY0102C

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERJ1TY0102C PANASONIC-ERJ1TY0102C Datasheet
252Kb / 5P
   Thick Film Chip Resistors
ERJ1TY0102C PANASONIC-ERJ1TY0102C Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ1TY0102C PANASONIC-ERJ1TY0102C Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ1TY0102C PANASONIC-ERJ1TY0102C Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ1TY0102C PANASONIC-ERJ1TY0102C Datasheet
84Kb / 2P
   Thick Film Chip Resistors
More results

Similar Description - ERJ1TY0102C

ManufacturerPart #DatasheetDescription
logo
Rohm
MCR03EZPFX1002 ROHM-MCR03EZPFX1002 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR03EZPJ133 ROHM-MCR03EZPJ133 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR01MZPF1000 ROHM-MCR01MZPF1000 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR18EZPF56R0 ROHM-MCR18EZPF56R0 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-6GEYJ241V PANASONIC-ERJ-6GEYJ241V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-6GEYJ4R7V PANASONIC-ERJ-6GEYJ4R7V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-12Y0R00U PANASONIC-ERJ-12Y0R00U Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-1TRQFR33U PANASONIC-ERJ-1TRQFR33U Datasheet
109Kb / 4P
   Thick Film Chip Resistors
ERJ-12ZYJ331U PANASONIC-ERJ-12ZYJ331U Datasheet
218Kb / 2P
   Thick Film Chip Resistors
logo
NIC-Components Corp.
NRCA NIC-NRCA Datasheet
107Kb / 5P
   Thick Film Chip Resistors
NRCE NIC-NRCE Datasheet
64Kb / 2P
   Thick Film Chip Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com