Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

658H Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # 658H
Description  600H and 600NH series
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

658H Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  658H Datasheet HTML 1Page - List of Unclassifed Manufacturers 658H Datasheet HTML 2Page - List of Unclassifed Manufacturers 658H Datasheet HTML 3Page - List of Unclassifed Manufacturers 658H Datasheet HTML 4Page - List of Unclassifed Manufacturers 658H Datasheet HTML 5Page - List of Unclassifed Manufacturers 658H Datasheet HTML 6Page - List of Unclassifed Manufacturers 658H Datasheet HTML 7Page - List of Unclassifed Manufacturers 658H Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
A-104
APEM
www.apem.com
600H series
Toggle switches - high amperage - metal lever
A
(.236DIA)
Ø6.00
Ø6.00
(.236DIA)
(.248DIA)
Ø6.30
(.413)
10.50
2.80
(.110)
T
Tropicalized diallylphthalate case (-40°C to +85°C)
K
Front panel sealing by 1 O-ring and sealing washer.
Protects the switch against water and dust. Panel seal withstands 1 bar
pressure and remains sealed even when switch is operated
L
Special threaded bushing, length 16 mm (.629)
LUXE
Chrome plated lever and cap nut U117
TK LUXE
Options T, K and LUXE.
G
Matt black finish on bushing, lever and nuts.
Includes tropicalization (option T)
GK
Front panel sealing by O-ring and sealing washer (as described in option
TK LUXE)
+ option G
G038
Option G + fluorescent tip on lever.
White fluorescent tip becomes luminous when submitted to ultra violet rays.
-4
30 mm (1.181) long actuator
-5
40 mm ( 1.574) long actuator
-6
Retro style actuator
(gold plated or chrome plated : on request)
• Ergonomic flat plastic actuator : add U282 at the end of
switch model number.
Complete above box with desired options in the same order as below
OPTIONS FOR
600H SERIES ONLY
O-ring Sealing washer
K
0.38
1
2
LOCKING LEVERS (1 and 2 pole models)
For 3-pole models, refer to 6000 series.
ACTUATOR OPTIONS (1 and 2 pole models)
-2V
-1V
-3V
U282
1 locked position
2 locked positions
3 locked positions
Keyway
(15/32''32NS)
Ø11.90-32NS
Ø11.90-32NS
(15/32''32NS)
(15/32''32NS)
Ø11.90-32NS
-4
-5
-6


Similar Part No. - 658H

ManufacturerPart #DatasheetDescription
logo
Littelfuse
658 LITTELFUSE-658 Datasheet
146Kb / 1P
   MINIATURE FUSEHOLDERS
logo
CTS Corporation
658 CTS-658 Datasheet
148Kb / 5P
   CLOCK, HIGH FREQUENCY MULTIPLIER
logo
Littelfuse
658 LITTELFUSE-658 Datasheet
837Kb / 1P
   658 Series Molded Base Surface Mount Fuse Block For 5횞20mm Fuses
Revised: 07/08/21
logo
Pomona Electronics
6580 POMONA-6580 Datasheet
63Kb / 2P
   Insulation Piercing Clips
logo
Cooper Bussmann, Inc.
6580 COOPER-6580 Datasheet
3Mb / 81P
   Locking Devices
More results

Similar Description - 658H

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Amphenol Corporation
4400 AMPHENOL-4400 Datasheet
1Mb / 10P
   Amphenol 67 and 165 Series Amphenol 67 and 165 Series
logo
Intel Corporation
BD82QM67-SLJ4M INTEL-BD82QM67-SLJ4M Datasheet
6Mb / 934P
   Intel짰 6 Series Chipset and Intel짰 6 Series Chipset and
logo
List of Unclassifed Man...
UCY74 ETC2-UCY74 Datasheet
1Mb / 29P
   UCY74 and UCA64 Series
logo
Xilinx, Inc
XC1700E XILINX-XC1700E Datasheet
123Kb / 12P
   XC1700E and XC1700L Series
logo
STMicroelectronics
BTW69-1000RG STMICROELECTRONICS-BTW69-1000RG Datasheet
88Kb / 6P
   BTW67 and BTW69 Series
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
   NBB Series and NDA Series Reliability
logo
EDAC, All Rights Reserv...
COVERS-SERIES EDAC-COVERS-SERIES Datasheet
255Kb / 1P
   Covers Series Rack and Panel Connector Covers | For 516 and 519 Series
logo
Panasonic Battery Group
EEF-LX PANASONICBATTERY-EEF-LX Datasheet
792Kb / 1P
   EEF-GX and LX Series
logo
Keysight Technologies
N1912A-P KEYSIGHT-N1912A-P Datasheet
1Mb / 14P
   P-Series Power Meters and
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com