Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RAL354 Datasheet(PDF) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part # RAL354
Description  AUTOMOTIVE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

RAL354 Datasheet(HTML) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  RAL354 Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD RAL354 Datasheet HTML 2Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
WEJ
ELECTRONIC
CO.,LTD
FEATURES
Low leakage
Low forward voltage drop
High current capability
High forward surge current capability
MECHANICAL DATA
Case: transfer molded plastic
Epoxy: UL94V - 0 rate flame retardant.
Polarity: Near marking denotes cathode.
Lead: Plated axial lead, solderable per MIL - STD - 202E
method 208C
Mounting position: Any
Weight: 0.11 ounce, 3.0gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load derate current by 20%
RAL
RAL
RAL
RAL
RAL





Maximum Repetitive Peak Reverse Voltage
VRRM





Volts
Maximum RMS Voltage
VRMS



 

Volts
Maximum DC Blocking Voltage
VDC





Volts
Maximum Average Forward Rectified Current,
0.375" (9.5mm) Lead length at TA = 60
 (Note 1)
Peak Forward Surge Current
8.3ms single half sine - wave superimposed on
rated load (JEDEC method )
Maximum Instantaneous Forward Voltage at 35 A
VF
Volts
Maximum DC Reverse Current at rated
DC blocking voltage
Typical Thermal Resistance at 0.5" (12.7) lead length (Note 1)
R
/W
Operating and Storage Temperature Range
TJ, TSTG

NOTES:
1. P.C. mounted
(-65 to +175)
 
 
 

 
AUTOMOTIVE RECTIFIER
Amps
Amps
UNIT
A
IR
I(AV)
IFSM
SYMBOLS
RAL3505-356
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.
RoHS


Similar Part No. - RAL354

ManufacturerPart #DatasheetDescription
logo
Lorlin Electronics Ltd.
RAL LORLIN-RAL Datasheet
1Mb / 4P
   RAL LOCK SWITCH WITH A ROTARY SWITCH MODULE
logo
Fujitsu Component Limit...
RAL-12W-K FUJITSU-RAL-12W-K Datasheet
489Kb / 8P
   MINIATURE RELAY 2 POLES - 1 to 2 A (FOR SIGNAL SWITCHING)
RAL-D12W-K FUJITSU-RAL-D12W-K Datasheet
489Kb / 8P
   MINIATURE RELAY 2 POLES - 1 to 2 A (FOR SIGNAL SWITCHING)
logo
Rohm
RAL025P01 ROHM-RAL025P01 Datasheet
1Mb / 7P
   1.5V Drive Pch MOSFET
logo
VBsemi Electronics Co.,...
RAL025P01TCR VBSEMI-RAL025P01TCR Datasheet
1Mb / 9P
   P-Channel 20 V (D-S) MOSFET
More results

Similar Description - RAL354

ManufacturerPart #DatasheetDescription
logo
SHENZHEN YONGERJIA INDU...
RAS2505 WINNERJOIN-RAS2505 Datasheet
126Kb / 2P
   AUTOMOTIVE RECTIFIER
RAL1505 WINNERJOIN-RAL1505 Datasheet
161Kb / 2P
   AUTOMOTIVE RECTIFIER
RAL750 WINNERJOIN-RAL750 Datasheet
110Kb / 2P
   AUTOMOTIVE RECTIFIER
RA2505 WINNERJOIN-RA2505 Datasheet
147Kb / 2P
   AUTOMOTIVE RECTIFIER
logo
GOOD-ARK Electronics
AR2500 GOOD-ARK-AR2500 Datasheet
48Kb / 2P
   AUTOMOTIVE RECTIFIER
GBA30LP GOOD-ARK-GBA30LP Datasheet
391Kb / 7P
   AUTOMOTIVE RECTIFIER
logo
Chenmko Enterprise Co. ...
RA2505PT CHENMKO-RA2505PT Datasheet
92Kb / 2P
   AUTOMOTIVE RECTIFIER
RA3505PT CHENMKO-RA3505PT Datasheet
93Kb / 2P
   AUTOMOTIVE RECTIFIER
logo
Galaxy Semi-Conductor H...
ARS2505 BILIN-ARS2505 Datasheet
207Kb / 2P
   AUTOMOTIVE RECTIFIER
logo
SHENZHEN YONGERJIA INDU...
RAS1505 WINNERJOIN-RAS1505 Datasheet
98Kb / 1P
   AUTOMOTIVE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com