Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAFA1014-FC1-03-E-2 Datasheet(PDF) 3 Page - Emcore Corporation

Part # MAFA1014-FC1-03-E-2
Description  Full Function Fiber Optic Amplifier Ready for Integration
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

MAFA1014-FC1-03-E-2 Datasheet(HTML) 3 Page - Emcore Corporation

  MAFA1014-FC1-03-E-2 Datasheet HTML 1Page - Emcore Corporation MAFA1014-FC1-03-E-2 Datasheet HTML 2Page - Emcore Corporation MAFA1014-FC1-03-E-2 Datasheet HTML 3Page - Emcore Corporation MAFA1014-FC1-03-E-2 Datasheet HTML 4Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DATASHEET | OCTOBER 2013
FIBER OPTICS
| REV 2013.10
Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice.
Outline Drawing (dimensions in mm)
Compliance and Reliability Information
FCC:
Subpart B. Part 15 class “A”: Unintentional Radiators
EN 55013: Sound and Television Broadcast receivers and associated equipment – Radio disturbance characteristics- limits
and methods of measurements – Electric Field Radiation Emissions (2001)
Fit Rate: 90% level of confidence - 290 @ 25
C
Electrical Connector Pinout
PIN #
Designation
PIN #
Designation
1
+12 VDC/+5 VDC/+3.3 VDC
16
LED_Laser_ON
2
+12 VDC/+5 VDC/+3.3 VDC
17
N/A
3
+12 VDC/+5 VDC/+3.3 VDC
18
Pump_Bias_Alarm *
4
+12 VDC/+5 VDC/+3.3 VDC
19
Loss_Input_Power *
5
GND
20
Loss_Output_Power *
6
GND
21
N/A
7
RS232_Rx
22
N/A
8
RS232_Tx
23
Back_Reflection_Alarm *
9
GND
24
N/A
10
GND
25
N/A
11
LED_Comm
26
N/A
12
EDFA_Reset
27
N/A
13
EDFA_Disable
28
N/A
14
Pout_Mute
29
N/A
15
EDFA_Temp_Alarm *
30
N/A
* - software adjustable parameters; logic levels (low / high) TBD
MAFA 1000 Series EDFA


Similar Part No. - MAFA1014-FC1-03-E-2

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
MAFA1014-FC1-03-E-2 EMCORE-MAFA1014-FC1-03-E-2 Datasheet
533Kb / 5P
   MAFA 1000 Series Erbium Doped Fiber Micro Amplifier
More results

Similar Description - MAFA1014-FC1-03-E-2

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
MAFA-3027-SC-P-1 EMCORE-MAFA-3027-SC-P-1_13 Datasheet
328Kb / 4P
   Full Function Fiber Optic Amplifier Ready for Integration
MAFA-2014-SC-00 EMCORE-MAFA-2014-SC-00_13 Datasheet
395Kb / 4P
   Full Function Fiber Optic Amplifier Gain Block Ready for Integration
PONA-3027-SC-01-P-AC EMCORE-PONA-3027-SC-01-P-AC Datasheet
563Kb / 6P
   Full Function High Power Fiber Optic Amplifier
logo
ON Semiconductor
MC10SX1125 ONSEMI-MC10SX1125 Datasheet
81Kb / 5P
   FIBER OPTIC POST AMPLIFIER
1996 REV 1
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-150XAFZ AVAGO-HFBR-150XAFZ Datasheet
733Kb / 7P
   Full Metal Fiber Optic Transmitter and Receiver for SERCOS Applications
logo
Carlo Gavazzi Holding A...
FA1 CARLOGAVAZZI-FA1 Datasheet
914Kb / 5P
   Fiber Optic Sensor Amplifier Type FA1
logo
Pepperl+Fuchs Inc.
MLV41-LL-IR-2133 PF-MLV41-LL-IR-2133 Datasheet
281Kb / 2P
   Fiber optic sensor for glass fiber optics
OJ500-M1K-E23 PF-OJ500-M1K-E23 Datasheet
220Kb / 3P
   Fiber optic sensor for glass fiber optics
MLV41-LL-IR-1347 PF-MLV41-LL-IR-1347 Datasheet
281Kb / 2P
   Fiber optic sensor for glass fiber optics
MLV41-LL-IR-2492 PF-MLV41-LL-IR-2492 Datasheet
269Kb / 2P
   Fiber optic sensor for glass fiber optics
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com