Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAFA1014-FC2-03-E-2 Datasheet(PDF) 4 Page - Emcore Corporation

Part # MAFA1014-FC2-03-E-2
Description  Full Function Fiber Optic Amplifier Ready for Integration
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

MAFA1014-FC2-03-E-2 Datasheet(HTML) 4 Page - Emcore Corporation

  MAFA1014-FC2-03-E-2 Datasheet HTML 1Page - Emcore Corporation MAFA1014-FC2-03-E-2 Datasheet HTML 2Page - Emcore Corporation MAFA1014-FC2-03-E-2 Datasheet HTML 3Page - Emcore Corporation MAFA1014-FC2-03-E-2 Datasheet HTML 4Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
DATASHEET | OCTOBER 2013
FIBER OPTICS
| REV 2013.10
Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice.
Ordering Information
MAFA10
-
-
-
-
Power Level
Connector Option
GF/NF Options
Temp Options
Voltage
Options
1014 – 14 dBm
SC1 - SC/APC
00 - Standard
S- Standard
1 – “+12 VDC”
1017 – 17 dBm
S21 - SC/PC
01 – Gain Flattened option
2 – “+5 VDC”
1020 – 20 dBm
FC1- FC/APC
02 – No Pin monitoring, low NF option
E – Extended
3 – “+3.3 VDC”
1020 – 22 dBm
FC2- FC/PC
03 – Standard with back reflection monitoring
1023 – 23 dBm
EC1-E2000/APC
EC2-E2000/PC
Example:
MAFA1014-SC-00-S-2: 14 dBm gain block with SC/APC optical connectors, standard NG/GF, standard temperature range,
+5 VDC power supply
Note:
Only some models can be order with Gain Flattened options. (-01 suffixes). Please contact your Sales Representative for
details
Laser Safety Information
This component product does not meet the applicable requirements of 21 CFR 1010 & 1040 and is classified as a Class IIIb
laser product based on the maximum optical output power defined below. During use as intended, the laser energy is fully
contained within the fiber network such that there is no accessible laser radiation and would meet the requirements for a
Class I laser product.
Wavelength = 1532 ~ 1565 nm (dependent on input source)
Maximum Output Power = 200 mW
MAFA 1000 Series EDFA


Similar Part No. - MAFA1014-FC2-03-E-2

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
MAFA1014-FC2-03-E-2 EMCORE-MAFA1014-FC2-03-E-2 Datasheet
533Kb / 5P
   MAFA 1000 Series Erbium Doped Fiber Micro Amplifier
More results

Similar Description - MAFA1014-FC2-03-E-2

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
MAFA-3027-SC-P-1 EMCORE-MAFA-3027-SC-P-1_13 Datasheet
328Kb / 4P
   Full Function Fiber Optic Amplifier Ready for Integration
MAFA-2014-SC-00 EMCORE-MAFA-2014-SC-00_13 Datasheet
395Kb / 4P
   Full Function Fiber Optic Amplifier Gain Block Ready for Integration
PONA-3027-SC-01-P-AC EMCORE-PONA-3027-SC-01-P-AC Datasheet
563Kb / 6P
   Full Function High Power Fiber Optic Amplifier
logo
ON Semiconductor
MC10SX1125 ONSEMI-MC10SX1125 Datasheet
81Kb / 5P
   FIBER OPTIC POST AMPLIFIER
1996 REV 1
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-150XAFZ AVAGO-HFBR-150XAFZ Datasheet
733Kb / 7P
   Full Metal Fiber Optic Transmitter and Receiver for SERCOS Applications
logo
Carlo Gavazzi Holding A...
FA1 CARLOGAVAZZI-FA1 Datasheet
914Kb / 5P
   Fiber Optic Sensor Amplifier Type FA1
logo
Pepperl+Fuchs Inc.
MLV41-LL-IR-2133 PF-MLV41-LL-IR-2133 Datasheet
281Kb / 2P
   Fiber optic sensor for glass fiber optics
OJ500-M1K-E23 PF-OJ500-M1K-E23 Datasheet
220Kb / 3P
   Fiber optic sensor for glass fiber optics
MLV41-LL-IR-1347 PF-MLV41-LL-IR-1347 Datasheet
281Kb / 2P
   Fiber optic sensor for glass fiber optics
MLV41-LL-IR-2492 PF-MLV41-LL-IR-2492 Datasheet
269Kb / 2P
   Fiber optic sensor for glass fiber optics
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com