Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPD1XGKZRI00029G Datasheet(PDF) 6 Page - OPLINK Communications Inc.

Part # TPD1XGKZRI00029G
Description  DWDM 80km SFP Transceiver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

TPD1XGKZRI00029G Datasheet(HTML) 6 Page - OPLINK Communications Inc.

  TPD1XGKZRI00029G Datasheet HTML 1Page - OPLINK Communications Inc. TPD1XGKZRI00029G Datasheet HTML 2Page - OPLINK Communications Inc. TPD1XGKZRI00029G Datasheet HTML 3Page - OPLINK Communications Inc. TPD1XGKZRI00029G Datasheet HTML 4Page - OPLINK Communications Inc. TPD1XGKZRI00029G Datasheet HTML 5Page - OPLINK Communications Inc. TPD1XGKZRI00029G Datasheet HTML 6Page - OPLINK Communications Inc. TPD1XGKZRI00029G Datasheet HTML 7Page - OPLINK Communications Inc. TPD1XGKZRI00029G Datasheet HTML 8Page - OPLINK Communications Inc. TPD1XGKZRI00029G Datasheet HTML 9Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Oplink Communications, Inc
S0252. Rev.04. (web) 2012-08-08
6
TPD1XGKZRxxG
Ordering Information
Oplink can provide a remarkable range of customized optical solutions. For detail, please contact Oplink’s Sales
and Marketing for your requirements and ordering information (510) 933-7200 or Sales@oplink.com.
Package Outline
Dimensions in [inches] mm
Millimeters are the primary units.
Tolerances are in accordance with
SFF-8432 Rev.5
Model Name
Operating Temperature
Center
Wavelength
(nm)
ITU
Frequency
(THz)
Wavelength
Reference
Distance
TPD1XGKZRC00061G
- 5°C to +70°C
Commercial
1528.77
196.1
61
80km
TPD1XGKZRC00060G
- 5°C to +70°C
Commercial
1529.55
196.0
60
80km
TPD1XGKZRC00059G
- 5°C to +70°C
Commercial
1530.33
195.9
59
80km
TPD1XGKZRC00058G
- 5°C to +70°C
Commercial
1531.12
195.8
58
80km
TPD1XGKZRC00057G
- 5°C to +70°C
Commercial
1531.90
195.7
57
80km
TPD1XGKZRC00056G
- 5°C to +70°C
Commercial
1532.68
195.6
56
80km
TPD1XGKZRC00055G
- 5°C to +70°C
Commercial
1533.47
195.5
55
80km
TPD1XGKZRC00054G
- 5°C to +70°C
Commercial
1534.25
195.4
54
80km
TPD1XGKZRC00053G
- 5°C to +70°C
Commercial
1535.04
195.3
53
80km
TPD1XGKZRC00052G
- 5°C to +70°C
Commercial
1535.82
195.2
52
80km
TPD1XGKZRC00051G
- 5°C to +70°C
Commercial
1536.61
195.1
51
80km
TPD1XGKZRC00050G
- 5°C to +70°C
Commercial
1537.40
195.0
50
80km
TPD1XGKZRC00049G
- 5°C to +70°C
Commercial
1538.19
194.9
49
80km
TPD1XGKZRC00048G
- 5°C to +70°C
Commercial
1538.98
194.8
48
80km
TPD1XGKZRC00047G
- 5°C to +70°C
Commercial
1539.77
194.7
47
80km
TPD1XGKZRC00046G
- 5°C to +70°C
Commercial
1540.56
194.6
46
80km
TPD1XGKZRC00045G
- 5°C to +70°C
Commercial
1541.35
194.5
45
80km


Similar Part No. - TPD1XGKZRI00029G

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TPD1XGKZRI00029G OPLINK-TPD1XGKZRI00029G Datasheet
629Kb / 9P
   DWDM 80km SFP Transceiver
More results

Similar Description - TPD1XGKZRI00029G

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TPD1XGKZRXXG OPLINK-TPD1XGKZRXXG Datasheet
629Kb / 9P
   DWDM 80km SFP Transceiver
TPD2XGKZRXXG OPLINK-TPD2XGKZRXXG Datasheet
627Kb / 9P
   DWDM 80km SFP Transceiver
S0255-TPD2XGKZRXXG OPLINK-S0255-TPD2XGKZRXXG Datasheet
627Kb / 9P
   DWDM 80km SFP Transceiver
logo
Finisar Corporation.
FTLX3871DCCXX FINISAR-FTLX3871DCCXX Datasheet
738Kb / 13P
   10Gb/s DWDM 80km Multi-Rate SFP Transceiver
FTLX3871MCCXX FINISAR-FTLX3871MCCXX Datasheet
744Kb / 14P
   10Gb/s DWDM 80km Multi-Rate SFP Transceiver
FTLX3871DCC17 FINISAR-FTLX3871DCC17 Datasheet
738Kb / 13P
   10Gb/s DWDM 80km Multi-Rate SFP Transceiver
FTLX3871MCC17 FINISAR-FTLX3871MCC17 Datasheet
744Kb / 14P
   10Gb/s DWDM 80km Multi-Rate SFP Transceiver
FTLX6872MCC FINISAR-FTLX6872MCC Datasheet
805Kb / 15P
   10Gb/s DWDM 80km Multi-Rate Tunable SFP Transceiver
FWDM-1629-17 FINISAR-FWDM-1629-17 Datasheet
97Kb / 10P
   DWDM SFP Transceiver
FWLF1631 FINISAR-FWLF1631 Datasheet
205Kb / 10P
   DWDM SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com