Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RA358 Datasheet(PDF) 2 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part # RA358
Description  AUTOMOTIVE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

RA358 Datasheet(HTML) 2 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  RA358 Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD RA358 Datasheet HTML 2Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
WEJ
ELECTRONIC
CO.,LTD
FIG.2-MAXIMUM NON-REPETITIVE PEAK
1000
INSTANTANEOUS FORWARD VOLTAGE,(V)
1%DUTY CYCLE
PULSE WIDTH=300uS
1.4
MAX
IMU
M
1.0
0.6
0.01
0.8
1.2
1.0
j
T =25 ° C
100
10
TY
PI
CA
L
1.6
1.8
2.0
AVERAGE FORWARD CURRENT, (A)
SQUARE WAVE
40
60
20
0
0
10
20
30
DC
40
FIG.1-TYPICAL FORWARD CURRENT
FIG.3-TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
DERATING CURVE
100
CASE TEMPERATURE, ( ° C)
Resistive or
Inductive Load
0.375''(9.5mm) Lead Length
25
10
0
0
50
75
Half Wave 60Hz
Single Phase
35
30
20
150
105
125
175
FIG.4. FORWARD POWER DISSIPATION
FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60 Hz
100
2
1
0
1 Cycle
200
400
300
10
8
6
4
40
60
20
8.3ms Single Half Sine-Wave
(JEDEC Method)
=T j
T
j max
50
100
RA3505-3510
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.
RoHS


Similar Part No. - RA358

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
RA358 DIOTEC-RA358 Datasheet
162Kb / 2P
   Silicon-Rectifiers - Button Diodes
RA358 DIOTEC-RA358 Datasheet
233Kb / 2P
   Silicon-Rectifiers ??Button Diodes
RA358 DIOTEC-RA358 Datasheet
261Kb / 2P
   Standard Recovery Rectifier Diodes
RA358 DIOTEC-RA358 Datasheet
261Kb / 2P
   Standard Recovery Rectifier Diodes
logo
Chenmko Enterprise Co. ...
RA358PT CHENMKO-RA358PT Datasheet
93Kb / 2P
   AUTOMOTIVE RECTIFIER
More results

Similar Description - RA358

ManufacturerPart #DatasheetDescription
logo
SHENZHEN YONGERJIA INDU...
RAS2505 WINNERJOIN-RAS2505 Datasheet
126Kb / 2P
   AUTOMOTIVE RECTIFIER
RAL1505 WINNERJOIN-RAL1505 Datasheet
161Kb / 2P
   AUTOMOTIVE RECTIFIER
RAL3505 WINNERJOIN-RAL3505 Datasheet
107Kb / 2P
   AUTOMOTIVE RECTIFIER
RAL750 WINNERJOIN-RAL750 Datasheet
110Kb / 2P
   AUTOMOTIVE RECTIFIER
RA2505 WINNERJOIN-RA2505 Datasheet
147Kb / 2P
   AUTOMOTIVE RECTIFIER
logo
GOOD-ARK Electronics
AR2500 GOOD-ARK-AR2500 Datasheet
48Kb / 2P
   AUTOMOTIVE RECTIFIER
GBA30LP GOOD-ARK-GBA30LP Datasheet
391Kb / 7P
   AUTOMOTIVE RECTIFIER
logo
Chenmko Enterprise Co. ...
RA2505PT CHENMKO-RA2505PT Datasheet
92Kb / 2P
   AUTOMOTIVE RECTIFIER
RA3505PT CHENMKO-RA3505PT Datasheet
93Kb / 2P
   AUTOMOTIVE RECTIFIER
logo
Galaxy Semi-Conductor H...
ARS2505 BILIN-ARS2505 Datasheet
207Kb / 2P
   AUTOMOTIVE RECTIFIER
logo
SHENZHEN YONGERJIA INDU...
RAS1505 WINNERJOIN-RAS1505 Datasheet
98Kb / 1P
   AUTOMOTIVE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com