Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERJPA3F1002U Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ERJPA3F1002U
Description  Anti-Surge Thick Film Chip Resistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERJPA3F1002U Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ERJPA3F1002U Datasheet HTML 1Page - Panasonic Semiconductor ERJPA3F1002U Datasheet HTML 2Page - Panasonic Semiconductor ERJPA3F1002U Datasheet HTML 3Page - Panasonic Semiconductor ERJPA3F1002U Datasheet HTML 4Page - Panasonic Semiconductor ERJPA3F1002U Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Anti-Surge Thick Film Chip Resistors
10
-30%
-25%
-15%
-10%
-5%
0%
5%
-20%
100
1k
10k
100k
1M
10
-30%
-25%
-15%
-10%
-5%
0%
5%
-20%
100
1k
10k
100k
1M
10
-30%
-25%
-15%
-10%
-5%
0%
5%
-20%
100
ERJP03, PA3(1608 (0603) size)
ERJP08(3216 (1206) size)
ERJP06, ERJP6W (2012 (0805) size)
ERJP14(3225 (1210) size)
1k
10k
100k
1M
10
-30%
-25%
-15%
-10%
-5%
0%
5%
-20%
100
1k
10k
100k
1M
ERJ
ERJP
ERJ
ERJP
ERJ
ERJP
ERJ
ERJP03
ERJPA3
ESD Characteristic
R=0 ( 1.5 k )/150 (> 1.5 k )
C=150pF
Sample
±3.0kV
Anti-Surge Thick Film Chip Resistors(ERJP Type)
Thick Film Chip Resistors(ERJ Type)
Apr. 2013
04
21


Similar Part No. - ERJPA3F1002U

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERJPA3F1002U PANASONIC-ERJPA3F1002U Datasheet
135Kb / 5P
   Anti-Surge Thick Film Chip Resistors
ERJPA3F1002U PANASONIC-ERJPA3F1002U Datasheet
135Kb / 5P
   Anti-Surge Thick Film Chip Resistors
ERJPA3F1002U PANASONIC-ERJPA3F1002U Datasheet
625Kb / 9P
   Anti-Surge Thick Film Chip Resistors
24-Feb-22
More results

Similar Description - ERJPA3F1002U

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERJ-P14J2R4U PANASONIC-ERJ-P14J2R4U Datasheet
188Kb / 6P
   Anti-Surge Thick Film Chip Resistors
ERJ-T08J1R0V PANASONIC-ERJ-T08J1R0V Datasheet
135Kb / 5P
   Anti-Surge Thick Film Chip Resistors
ERJ-P06F1003V PANASONIC-ERJ-P06F1003V Datasheet
160Kb / 6P
   Anti-Surge Thick Film Chip Resistors
ERJ-P14F1002U PANASONIC-ERJ-P14F1002U Datasheet
135Kb / 5P
   Anti-Surge Thick Film Chip Resistors
ERJ-P14J6R8U PANASONIC-ERJ-P14J6R8U Datasheet
188Kb / 6P
   Anti-Surge Thick Film Chip Resistors
ERJ-P08J100V PANASONIC-ERJ-P08J100V Datasheet
135Kb / 5P
   Anti-Surge Thick Film Chip Resistors
ERJ-P14D1003U PANASONIC-ERJ-P14D1003U Datasheet
177Kb / 6P
   Anti-Surge Thick Film Chip Resistors
ERJ-P14J162U PANASONIC-ERJ-P14J162U Datasheet
135Kb / 5P
   Anti-Surge Thick Film Chip Resistors
ERJ-P14D1000U PANASONIC-ERJ-P14D1000U Datasheet
122Kb / 5P
   Anti-Surge Thick Film Chip Resistors
logo
Ohmite Mfg. Co.
ASSERIES OHMITE-ASSERIES Datasheet
639Kb / 2P
   Anti-surge Thick Film Chip Resistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com