Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3592EDDB Datasheet(PDF) 5 Page - Linear Integrated Systems

Part # LT3592EDDB
Description  500mA Wide Input Voltage Range Step-Down LED Driver with 10:1 Dimming
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT3592EDDB Datasheet(HTML) 5 Page - Linear Integrated Systems

  LT3592EDDB Datasheet HTML 1Page - Linear Integrated Systems LT3592EDDB Datasheet HTML 2Page - Linear Integrated Systems LT3592EDDB Datasheet HTML 3Page - Linear Integrated Systems LT3592EDDB Datasheet HTML 4Page - Linear Integrated Systems LT3592EDDB Datasheet HTML 5Page - Linear Integrated Systems LT3592EDDB Datasheet HTML 6Page - Linear Integrated Systems LT3592EDDB Datasheet HTML 7Page - Linear Integrated Systems LT3592EDDB Datasheet HTML 8Page - Linear Integrated Systems LT3592EDDB Datasheet HTML 9Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LT3592
5
3592fc
Undervoltage Lockout
vs Temperature
Switching Frequency
vs Temperature
TYPICAL PERFORMANCE CHARACTERISTICS
Current Limit During Soft Start
Frequency Foldback
Switch Current Limit
Switch Current Limit
Operating Waveforms
Operating Waveforms,
Discontinuous Mode
(TA = 25°C, unless otherwise noted)
TEMPERATURE (°C)
–50
3.4
3.3
3.2
3.1
100
3592 G10
150
050
TEMPERATURE (°C)
–50
2300
1700
1900
2100
1500
1300
1100
900
700
500
300
110
3592 G11
130
–30 –10
90
70
50
30
10
RT = 357k
RT = 140k
RT = 48.7k
VSHDN (V)
0.5
1400
1200
1000
800
600
400
200
0
2
3592 G12
2.5
1.5
1
SHDN VOLTAGE (mV)
600
2500
2000
1500
1000
500
0
2000
3592 G13
2200
1000 1200 1400 1600 1800
800
RT = 48.7k
DUTY CYCLE (%)
0
1.4
1.3
1.2
1.1
0.8
0.9
1
0.7
0.6
0.5
80
3592 G14
100
40
60
20
TEMPERATURE (°C)
–50
1.50
1.40
1.45
1.35
1.30
1.15
1.20
1.25
1.10
1.05
1.00
90 110
3592 G15
130
30
10
70
50
–30 –10
TYPICAL
VSW
5V/DIV
VCAP
10mV/DIV
AC-COUPLED
IL
500mA/DIV
3592 G16
500ns/DIV
VSW
5V/DIV
VCAP
10mV/DIV
AC-COUPLED
IL
500mA/DIV
3592 G17
500ns/DIV


Similar Part No. - LT3592EDDB

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3592EDDB LINER-LT3592EDDB Datasheet
309Kb / 24P
   500mA Wide Input Voltage Range Step-Down LED Driver with 10:1 Dimming
LT3592EDDB-PBF LINER-LT3592EDDB-PBF Datasheet
309Kb / 24P
   500mA Wide Input Voltage Range Step-Down LED Driver with 10:1 Dimming
LT3592EDDB-TR LINER-LT3592EDDB-TR Datasheet
309Kb / 24P
   500mA Wide Input Voltage Range Step-Down LED Driver with 10:1 Dimming
LT3592EDDB-TRPBF LINER-LT3592EDDB-TRPBF Datasheet
309Kb / 24P
   500mA Wide Input Voltage Range Step-Down LED Driver with 10:1 Dimming
More results

Similar Description - LT3592EDDB

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3592 LINER-LT3592_15 Datasheet
320Kb / 24P
   500mA Wide Input Voltage Range Step-Down LED Driver with 10:1 Dimming
LT3592 LINER-LT3592 Datasheet
309Kb / 24P
   500mA Wide Input Voltage Range Step-Down LED Driver with 10:1 Dimming
logo
Monolithic Power System...
MP2489 MPS-MP2489 Datasheet
419Kb / 13P
   Step Down White LED Driver with Wide 6V.60V Input Voltage
MP24892 MPS-MP24892 Datasheet
213Kb / 9P
   Step Down White LED Driver with Wide 6V??5V Input Voltage
logo
Texas Instruments
TPS5410 TI1-TPS5410_17 Datasheet
1Mb / 30P
[Old version datasheet]   1-A, Wide Input Range, Step-Down Converter
logo
Renesas Technology Corp
ISL97634 RENESAS-ISL97634 Datasheet
875Kb / 12P
   White LED Driver with Wide PWM Dimming Range
logo
Intersil Corporation
ISL97634IRT14Z-T INTERSIL-ISL97634IRT14Z-T Datasheet
584Kb / 12P
   White LED Driver with Wide PWM Dimming Range
August 27, 2013
ISL97634 INTERSIL-ISL97634_08 Datasheet
460Kb / 10P
   White LED Driver with Wide PWM Dimming Range
ISL97634 INTERSIL-ISL97634 Datasheet
471Kb / 10P
   White LED Driver with Wide PWM Dimming Range
logo
Monolithic Power System...
MP24895 MPS-MP24895 Datasheet
305Kb / 13P
   Step-down White-LED Driver Wide 6-36V Input Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com