Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAFA2024-FC-02 Datasheet(PDF) 4 Page - Emcore Corporation

Part # MAFA2024-FC-02
Description  Full Function Fiber Optic Amplifier Gain Block Ready for Integration
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

MAFA2024-FC-02 Datasheet(HTML) 4 Page - Emcore Corporation

  MAFA2024-FC-02 Datasheet HTML 1Page - Emcore Corporation MAFA2024-FC-02 Datasheet HTML 2Page - Emcore Corporation MAFA2024-FC-02 Datasheet HTML 3Page - Emcore Corporation MAFA2024-FC-02 Datasheet HTML 4Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
DATASHEET | FEBRUARY 2013
FIBER OPTICS
| REV 2013.02
Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice.
Compliance and Reliability Information
FCC:
Subpart B. Part 15 class “A”: Unintentional Radiators
EN 55013: Sound and Television Broadcast receivers and associated equipment – Radio disturbance characteristics- limits
and methods of measurements – Electric Field Radiation Emissions (2001)
Fit Rate: 60% level of confidence 670 @ 25
C (14-23 dBm EDFA)
Fit Rate: 60% of level of confidence 962 @ 40
C (24-27 dBm EDFA)
Note: It has been determined that recent design changes with the DB25 connector make necessary the re-certification of the MAFA2000 for
Electromagnetic Compatibility (EMC) per EN 61000-4-3. Prior to this certification, it is possible that if the MAFA2000 is exposed to electromagnetic
interference (EMI) it may cause unintended changes in the behavior of the unit. In addition to possible improper operation, there are safety implications to
consider as well. It is recommended that users of this product do so for evaluation purposes only, and exercise caution. At a minimum, it is recommended
that a metallic shielded cable be used to connect to the DB25 connector to minimize risk. Other methods of reducing potential EMI such as testing unit far
away from electromagnetic radiators, and in a metallic enclosure (such as the PONA2100 series) is highly recommended. Users of this product do so at
their own risk.
Ordering Information
MAFA20
-
-
Example:
MAFA2017-SC-00: Standard 17 dBm gain block with SC/APC optical connectors
Note:
Only some models can be order with Gain Flattened options and/or Low NF options (-01, -02, and -03 suffixes).
Power Level
Connector Option
GF/NF Options
14 – 14 dBm
SC - SC/APC
00 - Standard
17 – 17 dBm
FC - FC/APC
01 – Standard with Gain Flattened Option
20 – 20 dBm
FC – FC/APC
01 – Standard with Gain Flattened Option
23 – 23 dBm
EC – E2000/APC Diamond
02 – Standard with Low NF Option
24 – 24 dBm
TC – SC/UPC
03 – Gain Flattened and Low NF Option
27 – 27 dBm
GC – FC/UPC
MAFA 2000 Series EDFA


Similar Part No. - MAFA2024-FC-02

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
MAFA2024-FC-02 EMCORE-MAFA2024-FC-02 Datasheet
394Kb / 4P
   Erbium Doped Fiber Micro Amplifier
More results

Similar Description - MAFA2024-FC-02

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
MAFA-1014-SC1-00-S-1 EMCORE-MAFA-1014-SC1-00-S-1_13 Datasheet
620Kb / 4P
   Full Function Fiber Optic Amplifier Ready for Integration
MAFA-3027-SC-P-1 EMCORE-MAFA-3027-SC-P-1_13 Datasheet
328Kb / 4P
   Full Function Fiber Optic Amplifier Ready for Integration
PONA-3027-SC-01-P-AC EMCORE-PONA-3027-SC-01-P-AC Datasheet
563Kb / 6P
   Full Function High Power Fiber Optic Amplifier
logo
International Rectifier
IP2003ATR IRF-IP2003ATR Datasheet
361Kb / 10P
   Full function muliphase builiding block
logo
ON Semiconductor
MC10SX1125 ONSEMI-MC10SX1125 Datasheet
81Kb / 5P
   FIBER OPTIC POST AMPLIFIER
1996 REV 1
logo
TriQuint Semiconductor
TGA8320 TRIQUINT-TGA8320 Datasheet
526Kb / 7P
   Gain Block Amplifier
TGA8349 TRIQUINT-TGA8349 Datasheet
309Kb / 7P
   Gain Block Amplifier
TGA8810 TRIQUINT-TGA8810 Datasheet
219Kb / 7P
   Gain Block Amplifier
TGA8300-SCC TRIQUINT-TGA8300-SCC Datasheet
176Kb / 7P
   Gain Block Amplifier
TGA8035 TRIQUINT-TGA8035 Datasheet
222Kb / 7P
   Gain Block Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com