Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

501S41W102JF4E Datasheet(PDF) 4 Page - Johanson Technology Inc.

Part # 501S41W102JF4E
Description  ceramic capacitor solutions
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JOHANSON [Johanson Technology Inc.]
Direct Link  http://www.johansontechnology.com
Logo JOHANSON - Johanson Technology Inc.

501S41W102JF4E Datasheet(HTML) 4 Page - Johanson Technology Inc.

  501S41W102JF4E Datasheet HTML 1Page - Johanson Technology Inc. 501S41W102JF4E Datasheet HTML 2Page - Johanson Technology Inc. 501S41W102JF4E Datasheet HTML 3Page - Johanson Technology Inc. 501S41W102JF4E Datasheet HTML 4Page - Johanson Technology Inc. 501S41W102JF4E Datasheet HTML 5Page - Johanson Technology Inc. 501S41W102JF4E Datasheet HTML 6Page - Johanson Technology Inc. 501S41W102JF4E Datasheet HTML 7Page - Johanson Technology Inc. 501S41W102JF4E Datasheet HTML 8Page - Johanson Technology Inc. 501S41W102JF4E Datasheet HTML 9Page - Johanson Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
4
www.johanson dielectrics.com
Johanson may from time-time adjust actual kit contents based on design demand trends.
Check the Johanson web site for design kit updates and kit content changes.
CERAMIC CAPACITOR ENGINEERING DESIGN KITS
Johanson Dielectrics, Inc. offers a variety of multi-layer chip
capacitor sample kits for proto-type design work. Each kit is
grouped by type, size, or voltage and contains a selection of popular
values and tolerances. The chips are individually packaged in
labeled plastic compartments for easy access. The general range of
kit contents is described below. Specific part number details may be
found at JohansonDielectrics.com
0402 CERAMIC CHIP CAPACITOR KIT
P/N: S-0402
1400 piece sample assortment of selected values from 1.0pF to 0.1µF
Chip Size
Voltage Rating
Dielectric
Capacitanc Range
Qty / Value
Total Qty
0402
50 VDC - 6.3 VDC
NPO, X7R,Y5V
1.0pF to 0.22µF
50 pcs
1400 pcs
0603 CERAMIC CHIP CAPACITOR KIT
P/N: S-0603
1400 piece sample assortment of selected values from 1.0pF to 0.1µF
Chip Size
Voltage Rating
Dielectric
Capacitanc Range
Qty / Value
Total Qty
0603
50 VDC - 16 VDC
NPO, X7R,Y5V
10pF to 0.22µF
50 pcs
1400 pcs
0805 CERAMIC CHIP CAPACITOR KIT
P/N: S-0805
1400 piece sample assortment of selected values from 1.0pF to 0.1µF
Chip Size
Voltage Rating
Dielectric
Capacitanc Range
Qty / Value
Total Qty
0805
100 VDC - 16 VDC
NPO, X7R
10pF to 0.47µF
50 pcs
1400 pcs
TANCERAM® HIGH CAPACITANCE CERAMIC CHIP CAPACITOR KIT
P/N: S-TAN-X5R
500 piece sample assortment of selected values from 1.0µF to 100µF
Chip Size
Voltage Rating
Dielectric
Capacitanc Range
Qty / Value
Total Qty
0402, 0603, 0805
1206, 1210
25 VDC - 6.3 VDC
X5R
1.0µF - 100µF
10 - 25 pcs
500 pcs
500 VDC CERAMIC CHIP CAPACITOR KIT
P/N: S-500
400 piece sample assortment of selected values from 33pF to 0.1µF
Chip Size
Voltage Rating
Dielectric
Capacitanc Range
Qty / Value
Total Qty
0805 - 1812
500 VDC
NPO, X7R
33pF to 0.1µF
10-20 pcs
400 pcs
1000 VDC CERAMIC CHIP CAPACITOR KIT
P/N: S-1KV
400 piece sample assortment of selected values from 22pF to 0.1µF
Chip Size
Voltage Rating
Dielectric
Capacitanc Range
Qty / Value
Total Qty
0805 - 2225
1000 VDC
NPO, X7R
22pF to 0.1µF
10-20 pcs
400 pcs


Similar Part No. - 501S41W102JF4E

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
501S42E9R1CV4E JOHANSON-501S42E9R1CV4E Datasheet
175Kb / 5P
   Q & ESR EXPLAINED A JOHANSON TECHNOLOGY PRIMER
501S43W473KV4E JOHANSON-501S43W473KV4E Datasheet
639Kb / 2P
   NEXT GENERATION High Voltage MLCCs 250 - 6,000 VDC
More results

Similar Description - 501S41W102JF4E

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
102S48W104KV4E JOHANSON-102S48W104KV4E Datasheet
1Mb / 36P
   Ceramic Capacitor Solutions
102R18N220JV4E JOHANSON-102R18N220JV4E Datasheet
1Mb / 40P
   Ceramic Capacitor Solutions
6R3R15X476MV4E JOHANSON-6R3R15X476MV4E Datasheet
1Mb / 2P
   Ceramic Capacitor Solutions
logo
Vishay Siliconix
VJOMD-C0G VISHAY-VJOMD-C0G Datasheet
169Kb / 8P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions
Revision: 20-Aug-08
VJOMD-X7R VISHAY-VJOMD-X7R Datasheet
166Kb / 10P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
Revision: 28-Oct-08
VJ1812Y472KBGAT4X VISHAY-VJ1812Y472KBGAT4X Datasheet
219Kb / 16P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
Revision: 25-Mar-13
VJ2220Y224KBEAT4X VISHAY-VJ2220Y224KBEAT4X Datasheet
221Kb / 16P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
Revision: 22-Jul-13
VJOMD VISHAY-VJOMD Datasheet
209Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
Revision: 31-Jan-17
HVSERIES VISHAY-HVSERIES Datasheet
253Kb / 14P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for High Voltage Applications
01-Jan-2023
VJ-OMD VISHAY-VJ-OMD Datasheet
208Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
Revision: 31-Jan-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com