Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVQQXS01W Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # EVQQXS01W
Description  Light Touch Switches/EVQQX
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EVQQXS01W Datasheet(HTML) 2 Page - Panasonic Semiconductor

  EVQQXS01W Datasheet HTML 1Page - Panasonic Semiconductor EVQQXS01W Datasheet HTML 2Page - Panasonic Semiconductor EVQQXS01W Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Light Touch Switches/EVQQX
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Circuit Diagram
PWB land pattern for reference
φ3.6
6.2
±0.3
4
φ3
0.8
2
1.3
A'
B'
B
A
A
B
A'
B'
R0.3
2
1
Knob
–0.1
0
H
4
1 min.
1 min.
1min.
Even though the ground terminal is not soldered the ground effect would be gained.
However when soldering the ground terminal, do investigation sufficiently beforehand in the
invasion of the flux. We recommend to connect the GND land shown in the switch spec with
the GND of your P.W.B for withstanding electric static discharge.
✽ This land not necessary when a ground terminal is not used.
Dimensions in mm (not to scale)
Part Numbers
Ground Terminal Operating Force
H=Height
Push Plate Color
Operating Life
EVQQXP01WWithout
1.3 N2.0 mm
White1000000 cycles
EVQQXP02WWithout
1.3 N2.5 mm
White1000000 cycles
EVQQXP03WWithout
1.3 N3.1 mm
White1000000 cycles
EVQQXS01WWithout
1.6 N2.0 mm
White1000000 cycles
EVQQXS02WWithout
1.6 N2.5 mm
White1000000 cycles
EVQQXS03WWithout
1.6 N3.1 mm
White1000000 cycles
EVQQXT01W
Without
2.6 N
2.0 mm
White
100000 cycles
EVQQXT02W
Without
2.6 N
2.5 mm
White
100000 cycles
EVQQXT03W
Without
2.6 N
3.1 mm
White
100000 cycles
EVQQXM01WWith1.3 N2.0 mm
White1000000 cycles
EVQQXM02WWith1.3 N2.5 mm
White1000000 cycles
EVQQXM03WWith1.3 N3.1 mm
White1000000 cycles
EVQQXN01WWith1.6 N2.0 mm
White1000000 cycles
EVQQXN02WWith1.6 N2.5 mm
White1000000 cycles
EVQQXN03WWith1.6 N3.1 mm
White1000000 cycles
EVQQXK01WWith2.6 N2.0 mm
White100000 cycles
EVQQXK02WWith2.6 N2.5 mm
White100000 cycles
EVQQXK03WWith2.6 N3.1 mm
White100000 cycles
EVQQX
(Embossed Taping)
With push plate
Surface mount
For reflow soldering
With ground terminal
Without ground terminal
Notes:
1. Non-washable in solvents
2. Types with ground terminal
available
Height
H
2.0±0.2
2.5±0.2
3.1
+0.3
−0.1
Jun. 2008


Similar Part No. - EVQQXS01W

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EVQQ0C PANASONIC-EVQQ0C Datasheet
111Kb / 3P
   Light Touch Switches
EVQQ0C03K PANASONIC-EVQQ0C03K Datasheet
111Kb / 3P
   Light Touch Switches
EVQQ0G03K PANASONIC-EVQQ0G03K Datasheet
111Kb / 3P
   Light Touch Switches
EVQQ2 PANASONIC-EVQQ2 Datasheet
187Kb / 4P
   6 mm Square Thin Type SMD Light Touch Switches
EVQQ2 PANASONIC-EVQQ2 Datasheet
101Kb / 4P
   6 mm Square Thin Type SMD Light Touch Switches Overstroke travel
More results

Similar Description - EVQQXS01W

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EVQQ0C PANASONIC-EVQQ0C Datasheet
111Kb / 3P
   Light Touch Switches
EVQPVA05K PANASONIC-EVQPVA05K_16 Datasheet
103Kb / 2P
   Light Touch Switches
EVQ9P701K PANASONIC-EVQ9P701K Datasheet
143Kb / 4P
   Light Touch Switches
EVQPS0202K PANASONIC-EVQPS0202K Datasheet
112Kb / 4P
   Light Touch Switches
EVQPLA PANASONIC-EVQPLA Datasheet
89Kb / 3P
   Light Touch Switches
EVQP4HB3B PANASONIC-EVQP4HB3B_16 Datasheet
129Kb / 3P
   Light Touch Switches
EVPAX PANASONIC-EVPAX Datasheet
93Kb / 2P
   Light Touch Switches
EVQPAC04M PANASONIC-EVQPAC04M_12 Datasheet
86Kb / 3P
   5N Type Light Touch Switches Light Touch Switches/EVQPA/PB
EVQ-PPHA25 PANASONIC-EVQ-PPHA25 Datasheet
97Kb / 4P
   Light Touch Switches/EVQPP
EVQ-P8203M PANASONIC-EVQ-P8203M Datasheet
98Kb / 3P
   Light Touch Switches/EVQP4
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com