Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W25Q20BWUXIG Datasheet(PDF) 9 Page - Winbond

Part # W25Q20BWUXIG
Description  1.8V 2M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q20BWUXIG Datasheet(HTML) 9 Page - Winbond

Back Button W25Q20BWUXIG Datasheet HTML 5Page - Winbond W25Q20BWUXIG Datasheet HTML 6Page - Winbond W25Q20BWUXIG Datasheet HTML 7Page - Winbond W25Q20BWUXIG Datasheet HTML 8Page - Winbond W25Q20BWUXIG Datasheet HTML 9Page - Winbond W25Q20BWUXIG Datasheet HTML 10Page - Winbond W25Q20BWUXIG Datasheet HTML 11Page - Winbond W25Q20BWUXIG Datasheet HTML 12Page - Winbond W25Q20BWUXIG Datasheet HTML 13Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 72 page
background image
W25Q20BW
Publication Release Date: November 22, 2013
- 9 -
Preliminary - Revision C
6. BLOCK DIAGRAM
Figure 2. W25Q20BW Serial Flash Memory Block Diagram
00FF00h
00FFFFh
Block 0 (64KB)
000000h
0000FFh
01FF00h
01FFFFh
Block 1 (64KB)
010000h
0100FFh
03FF00h
03FFFFh
Block 3 (64KB)
030000h
0300FFh
003000h
0030FFh
002000h
0020FFh
001000h
0010FFh
000000h
0000FFh
Column Decode
And 256-Byte Page Buffer
Beginning
Page Address
Ending
Page Address
SPI
Command &
Control Logic
Byte Address
Latch / Counter
Status
Register
Write Control
Logic
Page Address
Latch / Counter
DO (IO
1)
DI (IO
0)
/CS
CLK
/HOLD (IO
3)
/WP (IO
2)
High Voltage
Generators
xx0F00h
xx0FFFh
Sector 0 (4KB)
xx0000h
xx00FFh
xx1F00h
xx1FFFh
Sector 1 (4KB)
xx1000h
xx10FFh
xx2F00h
xx2FFFh
Sector 2 (4KB)
xx2000h
xx20FFh
xxDF00h
xxDFFFh
Sector 13 (4KB)
xxD000h
xxD0FFh
xxEF00h
xxEFFFh
Sector 14 (4KB)
xxE000h
xxE0FFh
xxFF00h
xxFFFFh
Sector 15 (4KB)
xxF000h
xxF0FFh
Block Segmentation
Data
Security Register 3 - 0
00FF00h
00FFFFh
Block 0 (64KB)
000000h
0000FFh
01FF00h
01FFFFh
Block 1 (64KB)
010000h
0100FFh
03FF00h
03FFFFh
Block 3 (64KB)
030000h
0300FFh
003000h
0030FFh
002000h
0020FFh
001000h
0010FFh
000000h
0000FFh
Column Decode
And 256-Byte Page Buffer
Beginning
Page Address
Ending
Page Address
SPI
Command &
Control Logic
Byte Address
Latch / Counter
Status
Register
Write Control
Logic
Page Address
Latch / Counter
DO (IO
1)
DI (IO
0)
/CS
CLK
/HOLD (IO
3)
/WP (IO
2)
High Voltage
Generators
xx0F00h
xx0FFFh
Sector 0 (4KB)
xx0000h
xx00FFh
xx1F00h
xx1FFFh
Sector 1 (4KB)
xx1000h
xx10FFh
xx2F00h
xx2FFFh
Sector 2 (4KB)
xx2000h
xx20FFh
xxDF00h
xxDFFFh
Sector 13 (4KB)
xxD000h
xxD0FFh
xxEF00h
xxEFFFh
Sector 14 (4KB)
xxE000h
xxE0FFh
xxFF00h
xxFFFFh
Sector 15 (4KB)
xxF000h
xxF0FFh
Block Segmentation
Data
Security Register 3 - 0


Similar Part No. - W25Q20BWUXIG

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q20BWUXIG WINBOND-W25Q20BWUXIG Datasheet
2Mb / 70P
   1.8V 2M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
More results

Similar Description - W25Q20BWUXIG

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q20BW WINBOND-W25Q20BW Datasheet
2Mb / 70P
   1.8V 2M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q80BWSSIG-TR WINBOND-W25Q80BWSSIG-TR Datasheet
1Mb / 75P
   1.8V 8M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q40BW WINBOND-W25Q40BW Datasheet
2Mb / 70P
   1.8V 4M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q80BW WINBOND-W25Q80BW_13 Datasheet
1Mb / 74P
   1.8V 8M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q40BW WINBOND-W25Q40BW_13 Datasheet
2Mb / 73P
   1.8V 4M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q80BW WINBOND-W25Q80BW Datasheet
2Mb / 71P
   1.8V 8M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q256JW WINBOND-W25Q256JW Datasheet
2Mb / 95P
   1.8V 256M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI
W25Q128JW WINBOND-W25Q128JW Datasheet
2Mb / 79P
   1.8V 128M-BIT SERIAL FLASH MEMORY WITH DUAL, QUAD SPI
July 29, 2021
W25Q16DWSSIG-TR WINBOND-W25Q16DWSSIG-TR Datasheet
1Mb / 84P
   1.8V 16M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q64DW WINBOND-W25Q64DW Datasheet
1Mb / 82P
   1.8V 64M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com