Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERJD3ZGK1R4S Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ERJD3ZGK1R4S
Description  NTC Thermistors (Disc Type)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERJD3ZGK1R4S Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ERJD3ZGK1R4S Datasheet HTML 1Page - Panasonic Semiconductor ERJD3ZGK1R4S Datasheet HTML 2Page - Panasonic Semiconductor ERJD3ZGK1R4S Datasheet HTML 3Page - Panasonic Semiconductor ERJD3ZGK1R4S Datasheet HTML 4Page - Panasonic Semiconductor ERJD3ZGK1R4S Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
n Ratings and Characteristics
ERTD2FE
L]200S
20
3000
2.18
Ñ
ERTD2FF
L]400S
40
3200
2.30
Ñ
ERTD2FG
L]750S
75
3700
2.62
1
ERTD2FF
L]101S
100
3500
2.48
Ñ
ERTD2FG
L]101S
100
3700
2.62
2
ERTD2FG
L]171S
170
3700
2.62
3
ERTD2FF
L]251S
250
3500
2.48
Ñ
ERTD2FG
L]251S
250
3900
2.76
4
ERTD2FG
L]301S
300
3900
2.76
Ñ
ERTD2FF
L]351S
350
3500
2.48
5
ERTD2FG
L]601S
600
4000
2.83
6
ERTD2FG
L]801S
800
3900
0.4
4.5
20
2.76
7
ERTD2FG
L]102S
1000
3700
2.61
Ñ
ERTD2FG
L]142S
1400
3900
2.76
Ñ
ERTD2FG
L]202S
2000
4000
2.83
8
ERTD2FG
L]332S
3300
4000
2.83
9
ERTD2FH
L]462S
4600
4100
2.90
Ñ
ERTD2FH
L]802S
8000
4100
2.90
10
ERTD2FH
L]103S
10000
4100
2.90
Ñ
ERTD2FH
L]153S
15000
4200
2.98
11
ERTD2FH
L]333S
33000
4500
3.22
12
ERTD2FH
L]503S
50000
4500
3.22
13
ERTD2FI
L]154S
150000
4800
3.48
14
ERTD3FE
L]8R0S
8
3000
2.18
15
ERTD3FF
L]130S
13
3200
2.30
16
ERTD3FF
L]160S
16
3200
2.30
Ñ
ERTD3FF
L]200S
20
3200
2.30
Ñ
ERTD3FF
L]300S
30
3200
2.30
Ñ
ERTD3FF
L]400S
40
3200
2.30
Ñ
ERTD3FG
L]750S
75
3700
0.6
7.0
27
2.62
Ñ
ERTD3FG
L]800S
80
3700
2.62
Ñ
ERTD3FG
L]131S
130
3700
2.62
Ñ
ERTD3FG
L]501S
500
4000
2.83
Ñ
ERTD3FH
L]402S
4000
4100
2.90
Ñ
ERTD3FH
L]203S
20000
4500
3.22
Ñ
ERTD3FI
L]803S
80000
5000
3.70
17
]
Resistance Tolerance Code
]]
Tolerance of ÒB valueÓ: ±10 %
B=
kn (R25/R50)
1/298.15Ð1/323.15
R25=Resistance at 25.0 ¡C
R50=Resistance at 50.0 ¡C
l Operating Temperature Range: Ð30 to +125 ¡C
Heat
Zero-Power
B Value]]
Maximum
Dissipation Thermal Time Resistance
Table
Part No.
Resistance
(K)
Permissible
Constant
Constant
Ratio
A/B
at 25 ¡C(W)
Power(W)
(mW/¡C)
(s)
R25/R50
Curve No.
NTC Thermistors (Disc Type)
JK
L
±5 %
±10 %
±15 %


Similar Part No. - ERJD3ZGK1R4S

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERJ PANASONIC-ERJ Datasheet
625Kb / 9P
   Anti-Surge Thick Film Chip Resistors
24-Feb-22
logo
NXP Semiconductors
ERJ--6GEYJ750V NXP-ERJ--6GEYJ750V Datasheet
1Mb / 25P
   Gallium Arsenide pHEMT RF Power Field Effect Transistor
Rev. 4, 8/2013
logo
Panasonic Semiconductor
ERJ-11YXXXX PANASONIC-ERJ-11YXXXX Datasheet
447Kb / 4P
   Thick Film Chip Resistors
ERJ-12NF PANASONIC-ERJ-12NF Datasheet
196Kb / 2P
   Surface Mount Chip Resistors
ERJ-12RQF PANASONIC-ERJ-12RQF Datasheet
196Kb / 2P
   Surface Mount Chip Resistors
More results

Similar Description - ERJD3ZGK1R4S

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERTD PANASONIC-ERTD Datasheet
689Kb / 5P
   Disc Type NTC Thermistors
logo
AVX Corporation
ND06P00103K AVX-ND06P00103K Datasheet
224Kb / 10P
   NTC Disc Thermistors
NR55300299 AVX-NR55300299 Datasheet
102Kb / 7P
   NTC Leadless Disc Thermistors
logo
Vatronics Technologies ...
NTC5D-13 VATRONICS-NTC5D-13 Datasheet
144Kb / 5P
   NSP POWER TYPE NTC THERMISTORS
NTC5D13 VATRONICS-NTC5D13 Datasheet
144Kb / 5P
   NSP POWER TYPE NTC THERMISTORS
logo
List of Unclassifed Man...
MF58 ETC-MF58 Datasheet
130Kb / 1P
   HIGH ACCURACY NTC THERMISTORS TYPE
logo
Murata Manufacturing Co...
NCP03WF333J05RL MURATA-NCP03WF333J05RL_17 Datasheet
197Kb / 3P
   NTC Thermistors
NCP03WL104J05RL MURATA-NCP03WL104J05RL_17 Datasheet
197Kb / 3P
   NTC Thermistors
NCP03WL224E05RL MURATA-NCP03WL224E05RL Datasheet
197Kb / 3P
   NTC Thermistors
NCP15WB333J03RC MURATA-NCP15WB333J03RC Datasheet
206Kb / 3P
   NTC Thermistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com