Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PONA2117-4-DC-SC-00 Datasheet(PDF) 2 Page - Emcore Corporation

Part # PONA2117-4-DC-SC-00
Description  Full Functionality 1 RU EDFA
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

PONA2117-4-DC-SC-00 Datasheet(HTML) 2 Page - Emcore Corporation

  PONA2117-4-DC-SC-00 Datasheet HTML 1Page - Emcore Corporation PONA2117-4-DC-SC-00 Datasheet HTML 2Page - Emcore Corporation PONA2117-4-DC-SC-00 Datasheet HTML 3Page - Emcore Corporation PONA2117-4-DC-SC-00 Datasheet HTML 4Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DATASHEET | JANUARY 2012
FIBER OPTICS
| REV 2012.01
Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice.
Optical/Electrical Characteristics1
Property
Symbol
(Units)
Limit
PONA Models
Comments
2114
2117
2120
2122
2124
2127
2130
Operating Input Power
Pin (dBm)
Max
+12
+12
+12
+12
+12
+12
+12
Operating Input Power
Pin (dBm)
Min
-10
-10
-10
-10
-10
-10
-10
Typical
(May vary for
some models)
14.0
17.0
20.0
22.0
24.0
27.0
30.0
Output Power
Po (dBm)
+/-.25
+/- .25
+/- .25
+/- .25
+/- .25
+/- .25
+/- .25
(Note 2)
Noise Figure
NF (dB)
Typ/Ma
x
4.5/5.0
4.5/5.0
4.5/5.0
4.5/5.0
5.0/5.5
5.0/5.5
5.5/6.0
(Notes 3, 8)
Static Gain Flatness
GF (dB)
Max
+/-0.5
+/-0.5
+/-0.5
+/-0.5
+/-0.5
+/-0.5
(Note 7)
(Note 4)
Dynamic Gain Flatness
(dB)
Max
+/-1
+/-1.25
+/-1.5
+/-2.0
+/-2.0
+/-2.0
(Note 7)
(Notes 5, 8)
Output Power Stability
(dB)
Max
+/- 0.2
+/- 0.2
+/- 0.2
+/- 0.2
+/- 0.2
+/- 0.2
+/- 0.2
(Note 6)
Power Consumption
(steady state regime)
Psys (W)
Max
5
7
9
12
20
35
40
50
oC Case
Notes:
1. Unless stated otherwise, all specifications apply over the full operating temperature and humidity ranges
2. Measurement variations
3. Measured with 8 evenly spread input optical signals @ 25°C,
Pin ≈ 0 dBm (Measuring with 1 input optical signal with Pin ≈ 0 dBm
and
 ≈ 1550 nm is also possible. (Low Noise Figure options with NF ≤ 4.0/4.5 dB are available for some models)
4. Measured with a swept Probe Signal (Pp), where Pp ≈ 0 dBm @ 25
C
5. Measured with a swept Probe Signal (Pp), and a fixed Tone Signal (Pt) @ ~ 1550 nm; (Pt ≈ Pp+20 dB; Pt + Pp ≈ 0 dBm) @ 25
C;
Gain Flattened Options with ΔG ≤ +/-1.0dB are available (for some models)
6. Over polarization and temperature
7. Static and Dynamic Gain Flatness for PONA 2130 can be defined for 1545 nm ≤
 ≤1562 nm and by special request only.
8. Specific NF and ΔG can be guaranteed at a single specified Input Optical Power Level (Pin = Pt + Pp) equal or different from 0 dBm.
(Please contact your Sales Representative for more information)
PONA 2100 Series


Similar Part No. - PONA2117-4-DC-SC-00

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
PONA2117-4-DC-SC-00 EMCORE-PONA2117-4-DC-SC-00 Datasheet
481Kb / 4P
   Erbium Doped Fiber Amplifier (EDFA)
More results

Similar Description - PONA2117-4-DC-SC-00

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
PONA-2114-1-AC-SC-PA EMCORE-PONA-2114-1-AC-SC-PA Datasheet
483Kb / 3P
   Full Functionality 1 RU EDFA (pre-Amp)
logo
Vicor Corporation
08-130160-01 VICOR-08-130160-01 Datasheet
126Kb / 1P
   OUTLINE PFC MINI 1/RU
08-130150-01 VICOR-08-130150-01 Datasheet
128Kb / 1P
   OUTLINE EXTENDED PFC MINI 1/RU
logo
Winchester Electronics ...
SD7795-33 WINCHESTER-SD7795-33 Datasheet
95Kb / 1P
   SINGLE VIDEO S.T 1 RU JACK FIELD
logo
Emcore Corporation
MAFA1000 EMCORE-MAFA1000 Datasheet
620Kb / 4P
   EDFA
logo
Adels-Contact
293800 ADELS-293800 Datasheet
147Kb / 1P
   BZ 14 RU
logo
MRV Communications, Inc...
EM316EA MRV-EM316EA Datasheet
842Kb / 4P
   EDFA Optical Amplifiers
logo
List of Unclassifed Man...
RU4S-CD-D24 ETC2-RU4S-CD-D24 Datasheet
789Kb / 11P
   RU Series Universal Relays
logo
International Rectifier
IRSM505-044 IRF-IRSM505-044_15 Datasheet
981Kb / 15P
   Integrated bootstrap functionality
logo
Analog Devices
ADN8820 AD-ADN8820 Datasheet
288Kb / 9P
   EDFA and CW Laser Controller
Rev. PrB
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com