Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERJD3FGL1R4S Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # ERJD3FGL1R4S
Description  NTC Thermistors (Disc Type)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERJD3FGL1R4S Datasheet(HTML) 5 Page - Panasonic Semiconductor

  ERJD3FGL1R4S Datasheet HTML 1Page - Panasonic Semiconductor ERJD3FGL1R4S Datasheet HTML 2Page - Panasonic Semiconductor ERJD3FGL1R4S Datasheet HTML 3Page - Panasonic Semiconductor ERJD3FGL1R4S Datasheet HTML 4Page - Panasonic Semiconductor ERJD3FGL1R4S Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
NTC Thermistors (Disc Type)
Disc Type NTC Thermistors
The Disc Type NTC Thermisters (hereafter referred to as ÒThe NTC ThermistorsÓ) may fail in burnout, flaming or
glowing in the worst case, when subjected to severe conditions of electrical, environmental and/or
mechanical stresses.
1.
Precautions for Safety
1.1 Operating Power
1.2 Operating Temperature Range
1.3 Plastic Molding and Potting
1.4 Environmental Conditions
f)
1.5 Mounting
1.6 Fail-Safe Design for Equipment
2. Application Notes
2.1 Soldering Flux
Rosin-based and non-activated type soldering flux is recommended.
2.2 Post Soldering Cleaning
2.3 Abnormal Mechanical Stresses
2.4 Soldering
2.5 Long Term Storage
(5) Store them indoors under 40 ¡C max. and 75 %RH max.
Handling Precautions
Safety Precautions
Ò
Safety PrecautionsÓ and ÒApplication NotesÓ should be taken into consideration. For any
The following
questions regarding the ÒHandling PrecautionsÓ, please contact our engineering section or factory.
The NTC Thermistors should not be operated beyond their specified Maximum Permissible Power in the Catalog or
the Individual Specifications, otherwise, burnout or damages due to the thermal run awa could result. (if operated in
ambient temperature above 25 ¡C, power rating should be derated in accordance with the derating curve.)
The NTC Thermistors should not be operated beyond their specified Operating Temperature Range of in
the Catalog or the Individual Specifications.
(Do not touch the heated part of the NTC Themistors by hand during operation)
In case of plastic molding or potting, the NTC Thermistors may be damaged or deteriorated by extreme
mechanical stresses such as expanding and shrinking forces caused by the heat treatment of the plastics
applied (depending on curing conditions and types of plastics)
The NTC Thermistors should not be operated and/or stored under the following environmental conditions;
a) Direct exposure to water or drops of water.
b) Direct exposure to sunlight.
c) Under conditions of high humidity or water condensation.
d) Direct exposure to oil, gasoline or organic solvent and/or atomospheres of them.
e) Under conditions of deoxidized or corrosive atomospheres such as chlorine, hydrogen sulfide, sulfur oxide
or vinyl chloride.
Under severe conditions of extreme vibration or shock.
Do not let other parts touch the Thermistors because other coating is not a generated insulator.
pending on the cleaning condition and type of cleaning solvent.
The NTC Thermistors may be damaged or deteriorated, when dropped or exposed to a large impact. Excessive
shock and impact should not be applied.
the element to the melting point of solder.
(1) When soldering the thermistor, solder for as short time as possible to minimize the exposure time of
Take into account the solder-heat resistance of the product before use.
(2) In soldering the device, the body and outer coating section should not be touched by molten solder
and/or heated iron tip.
(1) NTC Thermistors should not be stored under severe conditions of high temperature and/or high humidity.
(2) NTC Thermistors should not be stored under conditions of corrosive atomospheres such as hydrogen
sulfide, sulfur oxide, chlorine, and ammonia etc.
(3) NTC Thermistors should not be exposed to direct sunlight.
(4) NTC Thermistors should not be stored under conditions of condensation.
Use them within one year of manufacture and check the solderability before use.
In case of solvent cleaning, outer coating material of the NTC Thermistors may acquire the solvent, de-
In application of the Termistors, equipment should be protected against deterioration and failures of the Thermistors.


Similar Part No. - ERJD3FGL1R4S

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERJ PANASONIC-ERJ Datasheet
625Kb / 9P
   Anti-Surge Thick Film Chip Resistors
24-Feb-22
logo
NXP Semiconductors
ERJ--6GEYJ750V NXP-ERJ--6GEYJ750V Datasheet
1Mb / 25P
   Gallium Arsenide pHEMT RF Power Field Effect Transistor
Rev. 4, 8/2013
logo
Panasonic Semiconductor
ERJ-11YXXXX PANASONIC-ERJ-11YXXXX Datasheet
447Kb / 4P
   Thick Film Chip Resistors
ERJ-12NF PANASONIC-ERJ-12NF Datasheet
196Kb / 2P
   Surface Mount Chip Resistors
ERJ-12RQF PANASONIC-ERJ-12RQF Datasheet
196Kb / 2P
   Surface Mount Chip Resistors
More results

Similar Description - ERJD3FGL1R4S

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERTD PANASONIC-ERTD Datasheet
689Kb / 5P
   Disc Type NTC Thermistors
logo
AVX Corporation
ND06P00103K AVX-ND06P00103K Datasheet
224Kb / 10P
   NTC Disc Thermistors
NR55300299 AVX-NR55300299 Datasheet
102Kb / 7P
   NTC Leadless Disc Thermistors
logo
Vatronics Technologies ...
NTC5D-13 VATRONICS-NTC5D-13 Datasheet
144Kb / 5P
   NSP POWER TYPE NTC THERMISTORS
NTC5D13 VATRONICS-NTC5D13 Datasheet
144Kb / 5P
   NSP POWER TYPE NTC THERMISTORS
logo
List of Unclassifed Man...
MF58 ETC-MF58 Datasheet
130Kb / 1P
   HIGH ACCURACY NTC THERMISTORS TYPE
logo
Murata Manufacturing Co...
NCP03WF333J05RL MURATA-NCP03WF333J05RL_17 Datasheet
197Kb / 3P
   NTC Thermistors
NCP03WL104J05RL MURATA-NCP03WL104J05RL_17 Datasheet
197Kb / 3P
   NTC Thermistors
NCP03WL224E05RL MURATA-NCP03WL224E05RL Datasheet
197Kb / 3P
   NTC Thermistors
NCP15WB333J03RC MURATA-NCP15WB333J03RC Datasheet
206Kb / 3P
   NTC Thermistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com