Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FPG-C28P2HTM Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # FPG-C28P2HTM
Description  Programmable Controllers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

FPG-C28P2HTM Datasheet(HTML) 2 Page - Panasonic Semiconductor

  FPG-C28P2HTM Datasheet HTML 1Page - Panasonic Semiconductor FPG-C28P2HTM Datasheet HTML 2Page - Panasonic Semiconductor FPG-C28P2HTM Datasheet HTML 3Page - Panasonic Semiconductor FPG-C28P2HTM Datasheet HTML 4Page - Panasonic Semiconductor FPG-C28P2HTM Datasheet HTML 5Page - Panasonic Semiconductor FPG-C28P2HTM Datasheet HTML 6Page - Panasonic Semiconductor FPG-C28P2HTM Datasheet HTML 7Page - Panasonic Semiconductor FPG-C28P2HTM Datasheet HTML 8Page - Panasonic Semiconductor FPG-C28P2HTM Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
Other highlights
2
1-channel RS232C type
2-channel RS232C type
1-channel RS485 type
1-channel RS232C + 1-channel RS485 type
Communication
Four quick and easy snap-on cassettes are available to add
different serial ports to the FP
S (Sigma). All ports are capable of
communicating at speeds of up to 115.2kbps.
FP
S (Sigma)
The next generation compact PLC
Highlights
State-of-the-art PLC technology in the most compact size plus the ability to communicate via all important modern media
characterize the FP
S (Sigma). With its two 100kHz pulse outputs, four high speed counters that function at up to 50kHz for
positioning applications, a programming memory capable of storing 32,000 steps, a real-time clock, and communication interfaces
for RS232C and RS485, FP
S (Sigma) is one of the most flexible PLCs on the market. Remarkably, it is also one of the smallest!
 High expansion capability with up to 384 I/Os
 Fastest processing time, 0.32µsec/basic command
 Compact design [30 x 90 x 60mm (WxHxD)]
Large data memory of up to 2MByte

 Short circuit protected transistor outputs
 Built-in analog volume with two points
 Backup battery
Fast PID but
it overshoots
No overshoots
but slow
FP
S (Sigma) example
fast and no overshoot
Temperature control
With the thermocouple input units and our accurate unique PID
and IPD algorithms, temperature can be controlled more easily and
accurately than ever.
Positioning
In addition to a host of handy Panasonic functions, the FP
S (Sigma)
also offers circular and linear interpolation. Circular interpolation can
be used for applications that apply glue, linear interpolation for pick &
place applications, for example. By combining the FP
S (Sigma) with
servo motors, you can perform real 2-axis motion control.
FP
S (Sigma)
Minas A4 Servo Drives
09/2008


Similar Part No. - FPG-C28P2HTM

ManufacturerPart #DatasheetDescription
logo
SAB North America
FPG-11 SAB-FPG-11 Datasheet
171Kb / 1P
   Polyamide 6 Cord Grips
FPG-11R SAB-FPG-11R Datasheet
171Kb / 1P
   Polyamide 6 Cord Grips
FPG-13 SAB-FPG-13 Datasheet
171Kb / 1P
   Polyamide 6 Cord Grips
FPG-13R SAB-FPG-13R Datasheet
171Kb / 1P
   Polyamide 6 Cord Grips
FPG-16 SAB-FPG-16 Datasheet
171Kb / 1P
   Polyamide 6 Cord Grips
More results

Similar Description - FPG-C28P2HTM

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP626 TOSHIBA-TLP626_07 Datasheet
240Kb / 8P
   Programmable Controllers
TLP620 TOSHIBA-TLP620_07 Datasheet
267Kb / 9P
   Programmable Controllers
TLP628 TOSHIBA-TLP628_07 Datasheet
252Kb / 8P
   Programmable Controllers
logo
Omron Electronics LLC
3G2A5-LK010-E OMRON-3G2A5-LK010-E Datasheet
1Mb / 182P
   Programmable Controllers
logo
Toshiba Semiconductor
TLP624 TOSHIBA-TLP624 Datasheet
263Kb / 8P
   Programmable Controllers
TLP631 TOSHIBA-TLP631_07 Datasheet
197Kb / 8P
   Programmable Controllers
TLP627A TOSHIBA-TLP627A Datasheet
208Kb / 4P
   PROGRAMMABLE CONTROLLERS
TLP531 TOSHIBA-TLP531_07 Datasheet
713Kb / 9P
   Programmable Controllers
TLP130 TOSHIBA-TLP130_07 Datasheet
210Kb / 9P
   Programmable Controllers
logo
Omron Electronics LLC
CJ1W-DA041 OMRON-CJ1W-DA041 Datasheet
220Kb / 8P
   CJ1 Programmable Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com