Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PONA2130-8-DC-SC-00 Datasheet(PDF) 4 Page - Emcore Corporation

Part # PONA2130-8-DC-SC-00
Description  Full Functionality 1 RU EDFA
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

PONA2130-8-DC-SC-00 Datasheet(HTML) 4 Page - Emcore Corporation

  PONA2130-8-DC-SC-00 Datasheet HTML 1Page - Emcore Corporation PONA2130-8-DC-SC-00 Datasheet HTML 2Page - Emcore Corporation PONA2130-8-DC-SC-00 Datasheet HTML 3Page - Emcore Corporation PONA2130-8-DC-SC-00 Datasheet HTML 4Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
DATASHEET | JANUARY 2012
FIBER OPTICS
| REV 2012.01
Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice.
Ordering Information
PONA 21
-
-
-
-
*
Notes:
1. For ordering PONA preamplifiers please contact your Sales Representative
2. Only some models can be order with Gain Flattened and/or Low NF options. (-01, -02, and –03 suffixes). Please contact your
Emcore Sales Representative for details
Laser Safety Information
This product meets the applicable requirements of 21 CFR 1010 & 1040 and is classified as a Class IV laser product based
on the maximum optical output power shown below. During use as intended, the laser energy is fully contained within the
fiber network such that there is no accessible laser radiation and would meet the requirements for a Class I laser product.
The laser product report has been submitted to the CDRH and the accession number is expected by October 2006.
Wavelength = 1530 ~ 1561 nm (dependant on input source)
Maximum Output Power = 1.0 W (single output, 30 dBm model)
Optical Output
Power
Output
Ports
Input Voltage
Connector
GFF/ NF Options
14 - 14 dBm
1
AC – 90-260V 50/60 Hz
SC – SC/APC (Default Option)
00 - Standard
17 - 17 dBm
2
DC – 48 V
FC - FC/APC (Default Option)
01 – Gain Flattened Option
20 - 20 dBm
4
2DC – Redundant 48 V
EC - E2000/APC
02 - Low NF Option
TC - SC/UPC
22 - 22 dBm
8
GC - FC/UPC
03 – Gain Flattened AND Low
NF Option
24 - 24 dBm
16
27 - 27 dBm
30 - 30 dBm
PONA 2100 Series


Similar Part No. - PONA2130-8-DC-SC-00

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
PONA2114-1-2DC-EC-00 EMCORE-PONA2114-1-2DC-EC-00 Datasheet
481Kb / 4P
   Erbium Doped Fiber Amplifier (EDFA)
PONA2114-1-2DC-EC-01 EMCORE-PONA2114-1-2DC-EC-01 Datasheet
481Kb / 4P
   Erbium Doped Fiber Amplifier (EDFA)
PONA2114-1-2DC-EC-02 EMCORE-PONA2114-1-2DC-EC-02 Datasheet
481Kb / 4P
   Erbium Doped Fiber Amplifier (EDFA)
PONA2114-1-2DC-EC-03 EMCORE-PONA2114-1-2DC-EC-03 Datasheet
481Kb / 4P
   Erbium Doped Fiber Amplifier (EDFA)
PONA2114-1-2DC-FC-00 EMCORE-PONA2114-1-2DC-FC-00 Datasheet
481Kb / 4P
   Erbium Doped Fiber Amplifier (EDFA)
More results

Similar Description - PONA2130-8-DC-SC-00

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
PONA-2114-1-AC-SC-PA EMCORE-PONA-2114-1-AC-SC-PA Datasheet
483Kb / 3P
   Full Functionality 1 RU EDFA (pre-Amp)
logo
Vicor Corporation
08-130160-01 VICOR-08-130160-01 Datasheet
126Kb / 1P
   OUTLINE PFC MINI 1/RU
08-130150-01 VICOR-08-130150-01 Datasheet
128Kb / 1P
   OUTLINE EXTENDED PFC MINI 1/RU
logo
Winchester Electronics ...
SD7795-33 WINCHESTER-SD7795-33 Datasheet
95Kb / 1P
   SINGLE VIDEO S.T 1 RU JACK FIELD
logo
Emcore Corporation
MAFA1000 EMCORE-MAFA1000 Datasheet
620Kb / 4P
   EDFA
logo
Adels-Contact
293800 ADELS-293800 Datasheet
147Kb / 1P
   BZ 14 RU
logo
MRV Communications, Inc...
EM316EA MRV-EM316EA Datasheet
842Kb / 4P
   EDFA Optical Amplifiers
logo
List of Unclassifed Man...
RU4S-CD-D24 ETC2-RU4S-CD-D24 Datasheet
789Kb / 11P
   RU Series Universal Relays
logo
International Rectifier
IRSM505-044 IRF-IRSM505-044_15 Datasheet
981Kb / 15P
   Integrated bootstrap functionality
logo
Analog Devices
ADN8820 AD-ADN8820 Datasheet
288Kb / 9P
   EDFA and CW Laser Controller
Rev. PrB
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com