Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

501S41N102KF4E Datasheet(PDF) 9 Page - Johanson Technology Inc.

Part # 501S41N102KF4E
Description  ceramic capacitor solutions
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JOHANSON [Johanson Technology Inc.]
Direct Link  http://www.johansontechnology.com
Logo JOHANSON - Johanson Technology Inc.

501S41N102KF4E Datasheet(HTML) 9 Page - Johanson Technology Inc.

Back Button 501S41N102KF4E Datasheet HTML 5Page - Johanson Technology Inc. 501S41N102KF4E Datasheet HTML 6Page - Johanson Technology Inc. 501S41N102KF4E Datasheet HTML 7Page - Johanson Technology Inc. 501S41N102KF4E Datasheet HTML 8Page - Johanson Technology Inc. 501S41N102KF4E Datasheet HTML 9Page - Johanson Technology Inc. 501S41N102KF4E Datasheet HTML 10Page - Johanson Technology Inc. 501S41N102KF4E Datasheet HTML 11Page - Johanson Technology Inc. 501S41N102KF4E Datasheet HTML 12Page - Johanson Technology Inc. 501S41N102KF4E Datasheet HTML 13Page - Johanson Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
9
www.johanson dielectrics.com
AC SAFETY CAPACITORS
R29 / 1808
X2/Y3
INCHES
(mm)
.189 ±.010
(4.80 ±.25)
.080 ±.010
(2.03 ±.25)
.085 Max.
(2.16)
.020 ±.010
(0.51±.25)
L
W
T
E/B
INCHES
(mm)
.175 ±.010
(4.45 ±.25)
.125 ±.010
(3.17 ±.25)
.115 Max.
(2.92)
.025 ±.015
(0.64±.38)
L
W
T
E/B
S43 / 1812
Y3
INCHES
(mm)
.189 ±.010
(4.80 ±.25)
.080 ±.010
(2.03 ±.25)
.085 Max.
(2.16)
.012 ±.005
(0.30±.13)
L
W
T
E/B
R29 / 1808
X1/Y2
INCHES
(mm)
.225 ±.016
(5.72 ±.40)
.110 ±.010
(2.80 ±.25)
.115 Max.
(2.92)
.020 ±.010
(0.51±.25)
L
W
T
E/B
R30 / 2211
Y2
INCHES
(mm)
.225 ±.015
(5.72 ±.38
.200 ±.015
(5.08 ±.38)
.150 Max.
(3.81)
.025 ±.015
(0.64±.38)
L
W
T
E/B
S47 / 2220
X1/Y2
DIELECTRIC
NPO
X7R
J29 / 1808
Japan Safety
INCHES
(mm)
.189 ±.010
(4.80 ±.25)
.080 ±.010
(2.03 ±.25)
.085 Max.
(2.16)
.020 ±.010
(0.51±.25)
L
W
T
E/B
INCHES
(mm)
.175 ±.010
(4.45 ±.25)
.125 ±.010
(3.17 ±.25)
.115 Max.
(2.92)
.025 ±.015
(0.64±.38)
L
W
T
E/B
J43 / 1812
Japan Safety
INCHES
(mm)
.225 ±.015
(5.72 ±.38
.200 ±.015
(5.08 ±.38)
.150 Max.
(3.81)
.025 ±.015
(0.64±.38)
L
W
T
E/B
J47 / 2220
Japan Safety
SAFETY CERTIFIED
JAPAN STANDARD
470pF
1000pF
2200pF
3300pF
4700pF
0.01µF
0.022µF
0.047µF
0.10µF


Similar Part No. - 501S41N102KF4E

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
501S42E9R1CV4E JOHANSON-501S42E9R1CV4E Datasheet
175Kb / 5P
   Q & ESR EXPLAINED A JOHANSON TECHNOLOGY PRIMER
501S43W473KV4E JOHANSON-501S43W473KV4E Datasheet
639Kb / 2P
   NEXT GENERATION High Voltage MLCCs 250 - 6,000 VDC
More results

Similar Description - 501S41N102KF4E

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
102S48W104KV4E JOHANSON-102S48W104KV4E Datasheet
1Mb / 36P
   Ceramic Capacitor Solutions
102R18N220JV4E JOHANSON-102R18N220JV4E Datasheet
1Mb / 40P
   Ceramic Capacitor Solutions
6R3R15X476MV4E JOHANSON-6R3R15X476MV4E Datasheet
1Mb / 2P
   Ceramic Capacitor Solutions
logo
Vishay Siliconix
VJOMD-C0G VISHAY-VJOMD-C0G Datasheet
169Kb / 8P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions
Revision: 20-Aug-08
VJOMD-X7R VISHAY-VJOMD-X7R Datasheet
166Kb / 10P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
Revision: 28-Oct-08
VJ1812Y472KBGAT4X VISHAY-VJ1812Y472KBGAT4X Datasheet
219Kb / 16P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
Revision: 25-Mar-13
VJ2220Y224KBEAT4X VISHAY-VJ2220Y224KBEAT4X Datasheet
221Kb / 16P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
Revision: 22-Jul-13
VJOMD VISHAY-VJOMD Datasheet
209Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
Revision: 31-Jan-17
HVSERIES VISHAY-HVSERIES Datasheet
253Kb / 14P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for High Voltage Applications
01-Jan-2023
VJ-OMD VISHAY-VJ-OMD Datasheet
208Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
Revision: 31-Jan-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com