Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PONA3027-GC-01-E-AC Datasheet(PDF) 5 Page - Emcore Corporation

Part # PONA3027-GC-01-E-AC
Description  Full Function High Power Fiber Optic Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

PONA3027-GC-01-E-AC Datasheet(HTML) 5 Page - Emcore Corporation

  PONA3027-GC-01-E-AC Datasheet HTML 1Page - Emcore Corporation PONA3027-GC-01-E-AC Datasheet HTML 2Page - Emcore Corporation PONA3027-GC-01-E-AC Datasheet HTML 3Page - Emcore Corporation PONA3027-GC-01-E-AC Datasheet HTML 4Page - Emcore Corporation PONA3027-GC-01-E-AC Datasheet HTML 5Page - Emcore Corporation PONA3027-GC-01-E-AC Datasheet HTML 6Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
DATASHEET | JANUARY 2012
FIBER OPTICS
| REV 2012.01
Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice.
Ordering Information
PONA30
-
-
-
-
*
Class: Premium: Utilizes cooled pump lasers
Economy: Utilizes uncooled pump lasers
* PONA 3000 series with power higher then 30 dBm per port must have special output optical connector(s) and optical
bulkhead(s). Their type(s) must be verified prior to placing Purchase Order.
Compliance Information
FCC:
Subpart B. Part 15, Class “A” Unintentional Radiators
CE:EN50083-2
19995 with Amendment 1, which incorporates EN 55013 Radiated and Conducted Emissions
EN 61000-4-3
Radiated Immunity
EN 55020
Conducted Immunity
EN 61000-3-2
Harmonics
All Components meet Telecordia GR-1312 and GR-486 Standards (Except Pumps in Economy Class)
Fit Rate:
90% Level of Confidence < 2500 @ 30
OC Premium PONA 3035
90% Level of Confidence < 2000 @ 30
OC Economy PONA 3035
Power Level
Connector Options
# of Output
Ports
Class
Input Voltage
27: 27 dBm
SC: SC/APC
01: 1 port
P: Premium
AC: 90-260 VAC 50/60 Hz
30: 30 dBm
FC: FC/APC
02: 2 ports
E: Economy
DC: -48 VDC
32: 32 dBm
EC: E2000/APC
04: 4 ports
33: 33 dBm
TC: SC/UPC
08: 8 ports
35: 35 dBm
GC: FC/UPC
16: 16 ports
37: 37 dBm
SCDPLX: SC/APC Duplex
20: 20 ports
32: 32 ports
64: 64 ports
PONA 3000 Series


Similar Part No. - PONA3027-GC-01-E-AC

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
PONA3027-GC-01-E-AC EMCORE-PONA3027-GC-01-E-AC Datasheet
563Kb / 6P
   Erbium Doped Fiber Amplifier
More results

Similar Description - PONA3027-GC-01-E-AC

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
MAFA-1014-SC1-00-S-1 EMCORE-MAFA-1014-SC1-00-S-1_13 Datasheet
620Kb / 4P
   Full Function Fiber Optic Amplifier Ready for Integration
MAFA-3027-SC-P-1 EMCORE-MAFA-3027-SC-P-1_13 Datasheet
328Kb / 4P
   Full Function Fiber Optic Amplifier Ready for Integration
MAFA-2014-SC-00 EMCORE-MAFA-2014-SC-00_13 Datasheet
395Kb / 4P
   Full Function Fiber Optic Amplifier Gain Block Ready for Integration
logo
ON Semiconductor
MC10SX1125 ONSEMI-MC10SX1125 Datasheet
81Kb / 5P
   FIBER OPTIC POST AMPLIFIER
1996 REV 1
logo
Extech Instruments Corp...
PM200 EXTECH-PM200 Datasheet
800Kb / 24P
   Fiber Optic Power Meter
logo
Carlo Gavazzi Holding A...
FA1 CARLOGAVAZZI-FA1 Datasheet
914Kb / 5P
   Fiber Optic Sensor Amplifier Type FA1
logo
ITT Industries
FPA ITT-FPA Datasheet
74Kb / 1P
   Fiber Optic
logo
Level One
GNC-0107 LVL1-GNC-0107 Datasheet
601Kb / 4P
   High-Speed Fiber-Optic network interface card Supports 2Gbps Full-Duplex mode
logo
OPTEK Technologies
OPF1402 OPTEK-OPF1402 Datasheet
482Kb / 2P
   HIGH SPEED FIBER OPTIC TRANSMITTER
logo
TT Electronics.
OPF1412T TTELEC-OPF1412T Datasheet
929Kb / 4P
   High Speed Fiber Optic Transmitter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com