Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JQ1a-6V-F Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # JQ1a-6V-F
Description  1a/1c 5A/10A small power relays
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

JQ1a-6V-F Datasheet(HTML) 3 Page - Panasonic Semiconductor

  JQ1a-6V-F Datasheet HTML 1Page - Panasonic Semiconductor JQ1a-6V-F Datasheet HTML 2Page - Panasonic Semiconductor JQ1a-6V-F Datasheet HTML 3Page - Panasonic Semiconductor JQ1a-6V-F Datasheet HTML 4Page - Panasonic Semiconductor JQ1a-6V-F Datasheet HTML 5Page - Panasonic Semiconductor JQ1a-6V-F Datasheet HTML 6Page - Panasonic Semiconductor JQ1a-6V-F Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
JQ
ASCTB185E 201202-T
3. Expected electrical life
REFERENCE DATA
Standard type
Type
Switching capacity
No. of operations
Standard type
1 Form A
5 A 125 V AC
3 A 125 V AC
2 A 250 V AC
5 A 30 V DC
5
×104
2
×105
2
×105
105
1 Form C
N.O.
5 A 125 V AC
3 A 125 V AC
2 A 250 V AC
3 A 30 V DC
5
×104
2
×105
2
×105
105
N.C.
2 A 125 V AC
1 A 250 V AC
1 A 30 V DC
2
×105
2
×105
105
High capacity type
1 Form A
10 A 125 V AC
5 A 250 V AC
5 A 30 V DC
5
×104
5
×104
105
1 Form C
N.O.
10 A 125 V AC
5 A 250 V AC
5 A 30 V DC
5
×104
5
×104
105
N.C.
3 A 125 V AC
2 A 250 V AC
1 A 30 V DC
2
×105
2
×105
105
1.-(1) Max. switching capacity (1 Form A type)
1.-(2) Max. switching capacity (1 Form C type)
AC resistive load (High capacity type)
AC resistive load (Standard type)
1
10
100 250
1,000
10
100
5
Contact voltage, V
1
10
100 250
1,000
10
100
2
3
5
Contact voltage, V
AC resistive load
(High capacity type) N.O. side
AC resistive load
(High capacity type)
N.C. side
AC resistive load
(Standard type) N.O. side
AC resistive load
(Standard type)
N.C. side
2. Life curve
Ambient temperature: room temperature
3.-(1) Operate & release time (1 Form A type)
Tested sample: JQ1a-12V-F, 25 pcs.
3.-(2) Operate & release time (1 Form C type)
Tested sample: JQ1-24V-F, 25 pcs.
100
10
1
1
02
3
4
5
Contact current, A
125V AC
resistive load
250V AC
resistive load
80
100
120
150
2
0
4
6
8
Coil applied voltage, %V
Operate time
Release time
Max.
Max.
Min.
Min.
80
100
120
150
2
0
4
6
8
Coil applied voltage, %V
Operate time
Release time
Min.
Min.
Max.
Max.


Similar Part No. - JQ1a-6V-F

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
JQ1A-6V-F PANASONIC-JQ1A-6V-F Datasheet
88Kb / 6P
   1a/1c 5A/10A small power relays Class B coil insulation type also available.
More results

Similar Description - JQ1a-6V-F

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
JQ1APE-24V-H12 PANASONIC-JQ1APE-24V-H12 Datasheet
128Kb / 7P
   1a/1c 5A/10A small power relays
JQ1AP-B-24V-F PANASONIC-JQ1AP-B-24V-F Datasheet
93Kb / 6P
   1a/1c 5A/10A small power relays
JQ1AP-B-12V-F PANASONIC-JQ1AP-B-12V-F Datasheet
88Kb / 6P
   1a/1c 5A/10A small power relays
JQ1A-5V-F PANASONIC-JQ1A-5V-F Datasheet
88Kb / 6P
   1a/1c 5A/10A small power relays Class B coil insulation type also available.
JW1FSN-B-DC24V PANASONIC-JW1FSN-B-DC24V Datasheet
133Kb / 6P
   Ideal for power supply 1a/1c/2a/2c/5A/10A power relays
JS1-B-12V-F PANASONIC-JS1-B-12V-F Datasheet
102Kb / 5P
   1a/1c 10A cubic type power relays
JS1F-5V-F PANASONIC-JS1F-5V-F Datasheet
69Kb / 4P
   1a/1c 10A cubic type power relays
JS1-B-24V-F PANASONIC-JS1-B-24V-F Datasheet
74Kb / 4P
   1a/1c 10A cubic type power relays
JS1-B-18V PANASONIC-JS1-B-18V Datasheet
69Kb / 4P
   1a/1c 10A cubic type power relays
JS1AF-B-24V-F PANASONIC-JS1AF-B-24V-F Datasheet
69Kb / 4P
   1a/1c 10A cubic type power relays
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com