Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JQ1a-9V-F Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # JQ1a-9V-F
Description  1a/1c 5A/10A small power relays
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

JQ1a-9V-F Datasheet(HTML) 2 Page - Panasonic Semiconductor

  JQ1a-9V-F Datasheet HTML 1Page - Panasonic Semiconductor JQ1a-9V-F Datasheet HTML 2Page - Panasonic Semiconductor JQ1a-9V-F Datasheet HTML 3Page - Panasonic Semiconductor JQ1a-9V-F Datasheet HTML 4Page - Panasonic Semiconductor JQ1a-9V-F Datasheet HTML 5Page - Panasonic Semiconductor JQ1a-9V-F Datasheet HTML 6Page - Panasonic Semiconductor JQ1a-9V-F Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
JQ
ASCTB185E 201202-T
RATING
1. Coil data
2. Specifications
* Specifications will vary with foreign standards certification ratings.
Notes: *1. This value can change due to the switching frequency, environmental conditions, and desired reliability level, therefore it is recommended to check this with the
actual load.
*2. Wave is standard shock voltage of
±1.2×50µs according to JEC-212-1981
*3. The upper limit of the ambient temperature is the maximum temperature that can satisfy the coil temperature rise value. Refer to Usage, transport and storage
conditions in NOTES.
*4. When using relays in a high ambient temperature, consider the pick-up voltage rise due to the high temperature (a rise of approx. 0.4% V for each 1
°C 33.8°F with
20
°C 68°F as a reference) and use a coil impressed voltage that is within the maximum applied voltage range.
Contact
arrangement
Nominal coil
voltage
Pick-up voltage
(at 20
°C 68°F)
Drop-out
voltage
(at 20
°C 68°F)
Nominal operating
current
[
±10%] (at 20°C 68°F)
Coil resistance
[
±10%] (at 20°C 68°F)
Nominal operating
power
(at 20
°C 68°F)
Max. applied voltage
1 Form A
5V DC
Standard type:
75%V or less of
nominal voltage (Initial)
High capacity type:
80%V or less of
nominal voltage (Initial)
5%V or more of
nominal voltage
(Initial)
40.0mA
125
200mW
180% of nominal voltage
(at 20
°C 68°F)
130% of nominal voltage
(at 70
°C 158°F)
[When using relays at
85
°C 185°F, see Notes*4]
6V DC
33.3mA
180
9V DC
22.2mA
405
12V DC
16.7mA
720
18V DC
11.1mA
1,620
24V DC
8.3mA
2,880
1 Form C
5V DC
Standard type:
75%V or less of
nominal voltage (Initial)
High capacity type:
80%V or less of
nominal voltage (Initial)
5%V or more of
nominal voltage
(Initial)
80 mA
62.5
400mW
150% of nominal voltage
(at 20
°C 68°F)
110% of nominal voltage
(at 70
°C 158°F)
[When using relays at
85
°C 185°F, see Notes*4]
6V DC
66.7mA
90
9V DC
44.4mA
202.5
12V DC
33.3mA
360
18V DC
22.2mA
810
24V DC
16.7mA
1,440
48V DC
8.3mA
5,760
Characteristics
Item
Specifications
Standard type
High capacity type
Contact
Arrangement
1 Form A
1 Form C
1 Form A
1 Form C
Contact resistance (Initial)
Max. 100m
Ω (By voltage drop 6 V DC 1 A)
Contact material
AgSnO2 type
Rating
Nominal switching capacity (resistive load)
5 A 125 V AC,
2 A 250 V AC,
5 A 30 V DC
N.O. side:
5 A 125 V AC,
2 A 250 V AC,
3 A 30 V AC
N.C. side:
2 A 125 V AC,
1 A 250 V AC,
1 A 30 V DC
10 A 125 V AC,
5 A 250 V AC,
5 A 30 V DC
N.O. side:
10 A 125 V AC,
5 A 250 V AC,
5 A 30 V AC
N.C. side:
3 A 125 V AC,
2 A 250 V AC,
1 A 30 V DC
Max. switching power (resistive load)
625 VA, 150 W
N.O. side:
625 VA, 90 W
N.C. side:
250 VA, 30 W
1,250 V AC, 150 W
N.O. side:
1,250 VA, 150 W
N.C. side:
500 V AC, 30 W
Max. switching voltage
250 V AC, 110 V DC (0.3A)
Max. switching current
N.O.: 5 A, N.C.: 2 A
N.O.: 10 A, N.C.: 3 A
Nominal operating power
200 mW
400 mW
200 mW
400 mW
Min. switching capacity (reference value)*1
100 mA, 5 V DC
Electrical
characteristics
Insulation resistance (Initial)
Min. 1,000 M
Ω (at 500 V DC) Measurement at same location as “Breakdown voltage” section.
Breakdown voltage
(Initial)
Between open contacts
1,000 Vrms for 1 min.
750 Vrms for 1 min.
1,000 Vrms for 1 min.
750 Vrms for 1 min.
Between contact and coil
4,000 Vrms for 1 min. (Detection current: 10 mA)
Temperature rise (coil)
Max. 45
°C 113°F
(By resistive method, nominal coil voltage
applied to the coil; contact carrying current:
5A, at 70
°C 158°F)
Max. 45
°C 113°F
(By resistive method, nominal coil voltage
applied to the coil; contact carrying current:
10A, at 70
°C 158°F)
Surge breakdown voltage*2
(Between contact and coil) (Initial)
8,000 V
Operate time (at nominal voltage) (at 20
°C 68°F)
(Initial)
Max. 20 ms (excluding contact bounce time.)
Release time (at nominal voltage) (at 20
°C 68°F)
(Initial)
Max. 10 ms (excluding contact bounce time) (Without diode)
Mechanical
characteristics
Shock resistance
Functional
294 m/s2 (Half-wave pulse of sine wave: 11 ms; detection time: 10
µs.)
Destructive
980 m/s2 (Half-wave pulse of sine wave: 6 ms.)
Vibration resistance
Functional
10 to 55 Hz at double amplitude of 1.6 mm (Detection time: 10
µs.)
Destructive
10 to 55 Hz at double amplitude of 2.0 mm
Expected life
Mechanical (at 180 times/min.)
Min. 107
Conditions
Conditions for operation, transport and storage*3
Ambient temperature: –40
°C to +70°C –40°F to +158°F (class E insulation),
–40
°C to +85°C –40°F to +185°F*4 (class B insulation)
Humidity: 5 to 85% R.H. (Not freezing and condensing at low temperature)
Max. operating speed
20 times/min. (at nominal switching capacity)
Unit weight
Approx. 7 g .25 oz


Similar Part No. - JQ1a-9V-F

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
JQ1A-9V-F PANASONIC-JQ1A-9V-F Datasheet
88Kb / 6P
   1a/1c 5A/10A small power relays Class B coil insulation type also available.
More results

Similar Description - JQ1a-9V-F

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
JQ1APE-24V-H12 PANASONIC-JQ1APE-24V-H12 Datasheet
128Kb / 7P
   1a/1c 5A/10A small power relays
JQ1AP-B-24V-F PANASONIC-JQ1AP-B-24V-F Datasheet
93Kb / 6P
   1a/1c 5A/10A small power relays
JQ1AP-B-12V-F PANASONIC-JQ1AP-B-12V-F Datasheet
88Kb / 6P
   1a/1c 5A/10A small power relays
JQ1A-5V-F PANASONIC-JQ1A-5V-F Datasheet
88Kb / 6P
   1a/1c 5A/10A small power relays Class B coil insulation type also available.
JW1FSN-B-DC24V PANASONIC-JW1FSN-B-DC24V Datasheet
133Kb / 6P
   Ideal for power supply 1a/1c/2a/2c/5A/10A power relays
JS1-B-12V-F PANASONIC-JS1-B-12V-F Datasheet
102Kb / 5P
   1a/1c 10A cubic type power relays
JS1F-5V-F PANASONIC-JS1F-5V-F Datasheet
69Kb / 4P
   1a/1c 10A cubic type power relays
JS1-B-24V-F PANASONIC-JS1-B-24V-F Datasheet
74Kb / 4P
   1a/1c 10A cubic type power relays
JS1-B-18V PANASONIC-JS1-B-18V Datasheet
69Kb / 4P
   1a/1c 10A cubic type power relays
JS1AF-B-24V-F PANASONIC-JS1AF-B-24V-F Datasheet
69Kb / 4P
   1a/1c 10A cubic type power relays
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com