Electronic Components Datasheet Search |
|
FP0-E32T Datasheet(PDF) 7 Page - Panasonic Semiconductor |
|
FP0-E32T Datasheet(HTML) 7 Page - Panasonic Semiconductor |
7 / 24 page RS232C RS232C FP S GT touch terminal Image processing device RS485 Link station Link station Link station Link station 1-channel RS232C type FPG-COM1 2-channel RS232C type FPG-COM2 1-channel RS485 type FPG-COM3 1-channel RS232C + 1-channel RS485 type FPG-COM4 7 FP S (Sigma) Optimized communication function Masterless communication using the FP S (Sigma) Four types of communication cassettes enable: Efficient connection to serial devices. Transmission speeds of up to 115.2kbits/s. Long transmission distance of up to 1200m. In addition, the green screw terminal is removable for easy wiring. With the RS232C type communications cassette: Efficient connection with other control devices helps to save space! Enables connection to devices with RS232C interface, such as a programmable display panel, image processing device and other devices. When used as a tool port, up to 3 external devices can be connected. A 2-channel type communication cassette is used. With the RS485 type communication cassette: More links than you imagined a compact PLC could achieve (2048 link relays / 256-word link data registers) Can be used to share product type data between different machines. Can be used for interlocking between different machines. Easy wiring between PLCs with twin-core cabling. Even if a station goes into a power-off state, communications between the other stations continue. The failed station can be integrated quickly and smoothly into the network in the event of recurrence. Connection to external devices using RS485 interface Enables connection to external devices, such as temperature controllers or Eco Power Meter, that are equipped with RS485 interface. Transmission speed: Max. 115.2kbits/s. Transmission distance: Max. 1200m. Control is possible using commercially available RS485 devices. Eco Power Meter KW4M Temperature controller, KT4H RS485 RS232C RS232C GT Touch Terminals Link data register Product type data Inspection machine Link data register Product type data Assembly machine Link data register Product type data Process machine 09/2008 |
Similar Part No. - FP0-E32T |
|
Similar Description - FP0-E32T |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |