Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6702-CAAA-0000 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # 6702-CAAA-0000
Description  Pressure & Vacuum Switches
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

6702-CAAA-0000 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button 6702-CAAA-0000 Datasheet HTML 3Page - List of Unclassifed Manufacturers 6702-CAAA-0000 Datasheet HTML 4Page - List of Unclassifed Manufacturers 6702-CAAA-0000 Datasheet HTML 5Page - List of Unclassifed Manufacturers 6702-CAAA-0000 Datasheet HTML 6Page - List of Unclassifed Manufacturers 6702-CAAA-0000 Datasheet HTML 7Page - List of Unclassifed Manufacturers 6702-CAAA-0000 Datasheet HTML 8Page - List of Unclassifed Manufacturers 6702-CAAA-0000 Datasheet HTML 9Page - List of Unclassifed Manufacturers 6702-CAAA-0000 Datasheet HTML 10Page - List of Unclassifed Manufacturers 6702-CAAA-0000 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
6761 & 6763 ~ Low Air Pressure Vacuum
Switches (slow make contacts)
1999
FOR FURTHER INFORMATION TEL: +44 (0)1284 701422 FAX: +44 (0)1284 753112
ISSUE 01
As a consequence of our policy of continual improvement, we reserve the right to change without notice any detail in this publication. Please see our Conditions of Sale.
Benefits
y A range of small switches designed for direct
mounting onto printed circuit boards
y UL versions available
y Various spout orientations available
y Double diaphragm versions available upon request
y Available with base or side tube entry
y Silver or gold contact options
y Switches can be factory set within specified tolerances
y 'O' ring seals available for dust and water tight
applications, back entry versions only
Printed Circuit Board Mounting Switches
Model No
6761 (Vacuum)
6763 (Pressure)
Pressure/Vacuum range
Minimum
150mm (6 ins) Wg
150mm (6 ins) Wg
Maximum
670 millibar (9.8) PSI
1.0 Bar (14.7) PSI
Maximum Differential
Approximately 0.06 ins WG
Approximately 0.06 ins WG
Pressure/Vacuum Range
Adjustable variants
Adjustable variants
Body Withstand Pressure
2.7 Bar (40) PSI
2.7 Bar (40) PSI
Air Bleed Version
Available upon request
Available upon request
Flow Rate Litre / Min (with air bleed)
8 - 30cc/Min @ 31 ins WG
8 - 30cc/Min @ 31 ins WG
Pressure Connection
4mm Ø spout for side and back entry
4mm Ø spout for side and back entry
2mm Ø spout for back entry only
2mm Ø spout for back entry only
Lower spout ‘V’ vacuum
Upper spout ‘P’ pressure
Connecting Tube Reference
4mm spout = 2311-01 or 2311-08
4mm spout = 2311-01 or 2311-08
2mm spout = 2311-03
2mm spout = 2311-03
Temperature Range
-10˚C to 85˚C (Flow Solder 220˚C for 5 Sec)
-10˚C to 85˚C (Flow Solder 220˚C for 5 Sec)
Electrical Data
Switch
Single Pole Normally Open
Single Pole Normally Open
Contact Rating Maximum
0.5A RES 250V ac (Silver contacts)
0.5A RES 250V ac (Silver Contacts)
UL
50mA RES 250V ac
50mA RES 250V ac
(Maximum ratings may not be achieved at low pressure settings)
Dry Switching Maximum Recommended Current
10mA 24V dc (UL)
10mA 24V dc (UL)
Body
Glass filled polyester
Glass filled polyester
Diaphragm
Silicone as standard
Silicone as standard
Contacts
Silver or gold plated copper pins
Silver or gold plated copper pins
Mechanical Life
1 x 106 cycles
1 x 106 cycles
Weight (grams)
8grms
8grms
6761/6763 Vacuum and Pressure Switch Range
A miniature, compact low pressure switch designed for direct fitting
by solder pins to printed circuit boards. Both vacuum and pressure
ports are provided making the unit ideal for differential switching.
Typical applications are indicators, emergency cut-out and alarms,
filter and low pressure/vacuum monitoring. The switch is made to
order for specific applications, the actual operating pressures or
vacuum being set during production. However, final adjustment may
be made after installation by the slotted screw in the base. The body
construction allows the two ports to be set at any angle to each other.
Non Std
shown as 270˚


Similar Part No. - 6702-CAAA-0000

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
6702-RC BOURNS-6702-RC Datasheet
94Kb / 1P
   High Current Toroid Inductors (with header)
More results

Similar Description - 6702-CAAA-0000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
81513552 ETC1-81513552 Datasheet
1Mb / 6P
   Pressure switches - Vacuum
logo
Copal Electronics
PG-20 COPAL-PG-20 Datasheet
846Kb / 6P
   For high vacuum pressure
PS40 COPAL-PS40_16 Datasheet
90Kb / 4P
   PRESSURE SWITCHES
PS8 COPAL-PS8_16 Datasheet
72Kb / 3P
   PRESSURE SWITCHES
PS85 COPAL-PS85 Datasheet
99Kb / 5P
   PRESSURE SWITCHES
PS83 COPAL-PS83_16 Datasheet
207Kb / 4P
   PRESSURE SWITCHES
PS91 COPAL-PS91_16 Datasheet
739Kb / 3P
   PRESSURE SWITCHES
PS86 COPAL-PS86 Datasheet
101Kb / 5P
   PRESSURE SWITCHES
PS20 COPAL-PS20_16 Datasheet
708Kb / 3P
   PRESSURE SWITCHES
PS83 COPAL-PS83 Datasheet
87Kb / 4P
   PRESSURE SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com