Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5466MTH1R Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 5466MTH1R
Description  THE WIDEST RANGE IN MINIATURE SWITCHES
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

5466MTH1R Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  5466MTH1R Datasheet HTML 1Page - List of Unclassifed Manufacturers 5466MTH1R Datasheet HTML 2Page - List of Unclassifed Manufacturers 5466MTH1R Datasheet HTML 3Page - List of Unclassifed Manufacturers 5466MTH1R Datasheet HTML 4Page - List of Unclassifed Manufacturers 5466MTH1R Datasheet HTML 5Page - List of Unclassifed Manufacturers 5466MTH1R Datasheet HTML 6Page - List of Unclassifed Manufacturers 5466MTH1R Datasheet HTML 7Page - List of Unclassifed Manufacturers 5466MTH1R Datasheet HTML 8Page - List of Unclassifed Manufacturers 5466MTH1R Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
A-22
APEM
www.apem.com
5000 series
Toggle switches
Distinctive features
A
THE WIDEST RANGE IN MINIATURE SWITCHES
17 actuators including toggles, paddle levers and locking levers
in different lengths.
5 contact materials from dry circuit to 6A 125VAC
and high inrush up to 120A 2 ms.
8 functions including maintained and momentary versions.
1 to 4 pole configurations.
12 terminal types including 9 for PC board mounting.
Other types include quick-connect and wire-wrap.
6 bushing styles from 6 (.236) plain to 11,9 (15/32) threaded.
3 types of finish including military black.
4 approvals (UL - CSA - VDE - CECC) and 3 listings.
4 types of sealing for terminal or front panel requirements.
Numerous accessories available for actuator and bushing
options.


Similar Part No. - 5466MTH1R

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
54660 GILWAY-54660 Datasheet
36Kb / 2P
   150 watt, tungsten halogen, low to medium voltage with reflector
logo
Festo Corporation.
546692 FESTO-546692 Datasheet
98Kb / 2P
   Air solenoid valve
546693 FESTO-546693 Datasheet
98Kb / 2P
   Air solenoid valve
546694 FESTO-546694 Datasheet
99Kb / 2P
   Air solenoid valve
546695 FESTO-546695 Datasheet
100Kb / 2P
   Air solenoid valve
More results

Similar Description - 5466MTH1R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5638A ETC2-5638A Datasheet
529Kb / 22P
   THE WIDEST RANGE IN MINIATURE SWITCHES
5656A ETC2-5656A Datasheet
529Kb / 22P
   THE WIDEST RANGE IN MINIATURE SWITCHES
505Q-0256-S010 ETC2-505Q-0256-S010 Datasheet
709Kb / 3P
   Widest Temperature Range
logo
C&K Components
LP22C21T203DQ CK-COMPONENTS-LP22C21T203DQ Datasheet
176Kb / 3P
   Miniature Snap-in Slide Switches
logo
ITT Industries
LP22C21T203Q ITT-LP22C21T203Q Datasheet
183Kb / 3P
   Miniature Snap-in Slide Switches
D101J12S215QA ITT-D101J12S215QA Datasheet
369Kb / 5P
   Miniature Snap-in Power Rocker Switches
logo
C&K Components
D501J12S215PQF CK-COMPONENTS-D501J12S215PQF Datasheet
295Kb / 5P
   Miniature Snap-in Power Rocker Switches
D101J12S215DQA CK-COMPONENTS-D101J12S215DQA Datasheet
1Mb / 5P
   Miniature Snap-in Power Rocker Switches
D CK-COMPONENTS-D Datasheet
482Kb / 5P
   Miniature Snap-in Power Rocker Switches
15 May 20
logo
List of Unclassifed Man...
T0050100599 ETC2-T0050100599 Datasheet
355Kb / 2P
   Widest range of geometrics and sizes Covers all standard applications.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com