Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W25Q40BLSNIP Datasheet(PDF) 5 Page - Winbond

Part # W25Q40BLSNIP
Description  2.5V 4M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q40BLSNIP Datasheet(HTML) 5 Page - Winbond

  W25Q40BLSNIP Datasheet HTML 1Page - Winbond W25Q40BLSNIP Datasheet HTML 2Page - Winbond W25Q40BLSNIP Datasheet HTML 3Page - Winbond W25Q40BLSNIP Datasheet HTML 4Page - Winbond W25Q40BLSNIP Datasheet HTML 5Page - Winbond W25Q40BLSNIP Datasheet HTML 6Page - Winbond W25Q40BLSNIP Datasheet HTML 7Page - Winbond W25Q40BLSNIP Datasheet HTML 8Page - Winbond W25Q40BLSNIP Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 74 page
background image
W25Q40BL
Publication Release Date: May 04, 2012
- 5 -
Revision D
1. GENERAL DESCRIPTION
The W25Q40BL (4M-bit) Serial Flash memory provides a storage solution for systems with limited space,
pins and power. The 25Q series offers flexibility and performance well beyond ordinary Serial Flash
devices. They are ideal for code shadowing to RAM, executing code directly from Dual/Quad SPI (XIP)
and storing voice, text and data. The device operates on a single 2.3V to 3.6V power supply with current
consumption as low as 4mA active and 1µA for power-down. All devices are offered in space-saving
packages.
The W25Q40BL array is organized into 2,048 programmable pages of 256-bytes each. Up to 256 bytes
can be programmed at a time. Pages can be erased in groups of 16 (4KB sector erase), groups of 128
(32KB block erase), groups of 256 (64KB block erase) or the entire chip (chip erase). The W25Q40BL has
128 erasable sectors and 8 erasable blocks respectively. The small 4KB sectors allow for greater flexibility
in applications that require data and parameter storage. (See figure 2.)
The W25Q40BL supports the standard Serial Peripheral Interface (SPI), and a high performance
Dual/Quad output as well as Dual/Quad I/O SPI: Serial Clock, Chip Select, Serial Data I/O0 (DI), I/O1
(DO), I/O2 (/WP), and I/O3 (/HOLD). SPI clock frequencies of up to 80MHz are supported allowing
equivalent clock rates of 160MHz (80MHz x 2) for Dual I/O and 320MHz (80MHz x 4) for Quad I/O when
using the Fast Read Dual/Quad I/O instructions. These transfer rates can outperform standard
Asynchronous 8 and 16-bit Parallel Flash memories. The Continuous Read Mode allows for efficient
memory access with as few as 8-clocks of instruction-overhead to read a 24-bit address, allowing true XIP
(execute in place) operation.
A Hold pin, Write Protect pin and programmable write protection, with top, bottom or complement array
control, provide further control flexibility. Additionally, the device supports JEDEC standard manufacturer
and device identification with a 64-bit Unique Serial Number.
2. FEATURES
• Family of SpiFlash Memories
– W25Q40BL: 4M-bit/512K-byte (524,288)
– 256-byte per programmable page
– Standard SPI: CLK, /CS, DI, DO, /WP, /Hold
– Dual SPI: CLK, /CS, IO0, IO1, /WP, /Hold
– Quad SPI: CLK, /CS, IO0, IO1, IO2, IO3
• Highest Performance Serial Flash
– 80MHz Dual/Quad SPI clocks
– 160/320MHz equivalent Dual/Quad SPI
– 40MB/S continuous data transfer rate
– Up to 5X that of ordinary Serial Flash
– More than 100,000 erase/program cycles
– More than 20-year data retention
• Efficient “Continuous Read Mode”
– Low Instruction overhead
– Continuous Read with 8/16/32/64-Byte Wrap
– As few as 8 clocks to address memory
– Allows true XIP (execute in place) operation
– Outperforms X16 Parallel Flash
• Low Power, Wide Temperature Range
– Single 2.3 to 3.6V supply
– 4mA active current, <1µA Power-down current
– -40°C to +85°C operating range
• Flexible Architecture with 4KB sectors
– Uniform Sector Erase (4K-bytes)
– Uniform Block Erase (32K and 64K-bytes)
– Program one to 256 bytes
– Erase/Program Suspend & Resume
• Advanced Security Features
– Software and Hardware Write-Protect
– Top/Bottom, 4KB complement array protection
– Lock-Down and OTP array protection
– 64-Bit Unique Serial Number for each device
– Discoverable Parameters (SFDP) Register
– 3X256-Byte Security Registers with OTP locks
– Volatile & Non-volatile Status Register Bits
• Space Efficient Packaging
– 8-pin SOIC / VSOP / PDIP
– 8-pad WSON 6x5-mm, USON 2x3-mm
– Contact Winbond for KGD and other options


Similar Part No. - W25Q40BLSNIP

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q40BLSNIP WINBOND-W25Q40BLSNIP Datasheet
2Mb / 73P
   2.5V 4M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
More results

Similar Description - W25Q40BLSNIP

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q40BL WINBOND-W25Q40BL Datasheet
2Mb / 73P
   2.5V 4M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q40BV WINBOND-W25Q40BV Datasheet
2Mb / 73P
   4M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q40BV WINBOND-W25Q40BV_12 Datasheet
1Mb / 73P
   4M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q40BW WINBOND-W25Q40BW_13 Datasheet
2Mb / 73P
   1.8V 4M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q40BW WINBOND-W25Q40BW Datasheet
2Mb / 70P
   1.8V 4M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16CL WINBOND-W25Q16CL_13 Datasheet
2Mb / 72P
   2.5V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16CL WINBOND-W25Q16CL Datasheet
2Mb / 77P
   2.5V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q80BL WINBOND-W25Q80BL Datasheet
2Mb / 75P
   2.5V 8M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q80BL WINBOND-W25Q80BL_13 Datasheet
2Mb / 74P
   2.5V 8M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q40EW WINBOND-W25Q40EW Datasheet
1Mb / 80P
   1.8V 4M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
August 18, 2018Revision J
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com