Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FPG-COM3 Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # FPG-COM3
Description  Programmable Controllers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

FPG-COM3 Datasheet(HTML) 6 Page - Panasonic Semiconductor

Back Button FPG-COM3 Datasheet HTML 2Page - Panasonic Semiconductor FPG-COM3 Datasheet HTML 3Page - Panasonic Semiconductor FPG-COM3 Datasheet HTML 4Page - Panasonic Semiconductor FPG-COM3 Datasheet HTML 5Page - Panasonic Semiconductor FPG-COM3 Datasheet HTML 6Page - Panasonic Semiconductor FPG-COM3 Datasheet HTML 7Page - Panasonic Semiconductor FPG-COM3 Datasheet HTML 8Page - Panasonic Semiconductor FPG-COM3 Datasheet HTML 9Page - Panasonic Semiconductor FPG-COM3 Datasheet HTML 10Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
FP0-E8YRSA
8 points
4 points
Output
4 points
FP0-A04I
4 points
Output
4 points
FP0-A04V
FP0-A80A
8 points
Input
8 points
3 points
FP0-A21A
Input
2 points
Output
1 point
4 points
Input
4 points
FP0-TC4
8 points
Input
8 points
FP0-TC8
6 points
Input
6 points
FP0-RTD6
MEWNET-F
FP0-IOL
(MEWNET-F Slave)
PROFIBUS
FP0-DPS2
(DP Slave) or
Remote I/O
Ethernet
FPWEB2
(Web-Server unit)
6
FP
S (Sigma) expansion units – right side
Wide variety of expansion units
Transistor output type
Digital I/O units
FP0-E8RSA
FP0-E8XA
8 points
Input
8 points
FP0-E16XA
16 points
Input
16 points
Input
4 points
Option:
Output 8 points
Output
4 points
FP0-E8YPA (PNP)
FP0-E8YTA (NPN)
8 points
Output
8 points
FP0-E16PA (PNP)
FP0-E16TA (NPN)
16 points
Input
8 points
Output
8 points
FP0-E16YPA(PNP)
FP0-E16YTA (NPN)
16 points
Output
16 points
FP0-E16RSA
16 points
Input
8 points
Output
8 points
A maximum of 3 FP0 expansion units can be added to the FP
S (Sigma) CPU unit.
Analog I/O units
Temperature control units
Input (12bit):
±10V, 0–5V,
0–20mA
Output (12bit):
±10V, 0–20mA
AC power supply
FP0-E32RS
32 points
Input
16 points
Output
16 points
4–20mA
±10V
± 10V, ± 100mV
0–5V, 0–20mA
K, J, T, R type thermocouples can be used
Resolution: 0.1°C
Accuracy: 0.8°C (R type: 3°C)
Temperature range: -100 to 1500°C
Pt100, Pt1000,
Ni1000
Temperature range:
-200 to 500°C
Networking units
FP0-E32PA (PNP)
FP0-E32TA (NPN)
32 points
Input
16 points
Output
16 points
Relay output type
Input only type
Input
85 to 265VAC
Output
24V DC/2,1A
Terminal type
FPPS24050ED
Input
85 to 265VAC
Output
24V DC/0,7A
Terminal type
FP0PSA2
09/2008


Similar Part No. - FPG-COM3

ManufacturerPart #DatasheetDescription
logo
SAB North America
FPG-11 SAB-FPG-11 Datasheet
171Kb / 1P
   Polyamide 6 Cord Grips
FPG-11R SAB-FPG-11R Datasheet
171Kb / 1P
   Polyamide 6 Cord Grips
FPG-13 SAB-FPG-13 Datasheet
171Kb / 1P
   Polyamide 6 Cord Grips
FPG-13R SAB-FPG-13R Datasheet
171Kb / 1P
   Polyamide 6 Cord Grips
FPG-16 SAB-FPG-16 Datasheet
171Kb / 1P
   Polyamide 6 Cord Grips
More results

Similar Description - FPG-COM3

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP626 TOSHIBA-TLP626_07 Datasheet
240Kb / 8P
   Programmable Controllers
TLP620 TOSHIBA-TLP620_07 Datasheet
267Kb / 9P
   Programmable Controllers
TLP628 TOSHIBA-TLP628_07 Datasheet
252Kb / 8P
   Programmable Controllers
logo
Omron Electronics LLC
3G2A5-LK010-E OMRON-3G2A5-LK010-E Datasheet
1Mb / 182P
   Programmable Controllers
logo
Toshiba Semiconductor
TLP624 TOSHIBA-TLP624 Datasheet
263Kb / 8P
   Programmable Controllers
TLP631 TOSHIBA-TLP631_07 Datasheet
197Kb / 8P
   Programmable Controllers
TLP627A TOSHIBA-TLP627A Datasheet
208Kb / 4P
   PROGRAMMABLE CONTROLLERS
TLP531 TOSHIBA-TLP531_07 Datasheet
713Kb / 9P
   Programmable Controllers
TLP130 TOSHIBA-TLP130_07 Datasheet
210Kb / 9P
   Programmable Controllers
logo
Omron Electronics LLC
CJ1W-DA041 OMRON-CJ1W-DA041 Datasheet
220Kb / 8P
   CJ1 Programmable Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com