Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W25Q40BWSNIG Datasheet(PDF) 11 Page - Winbond

Part # W25Q40BWSNIG
Description  1.8V 4M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q40BWSNIG Datasheet(HTML) 11 Page - Winbond

Back Button W25Q40BWSNIG Datasheet HTML 7Page - Winbond W25Q40BWSNIG Datasheet HTML 8Page - Winbond W25Q40BWSNIG Datasheet HTML 9Page - Winbond W25Q40BWSNIG Datasheet HTML 10Page - Winbond W25Q40BWSNIG Datasheet HTML 11Page - Winbond W25Q40BWSNIG Datasheet HTML 12Page - Winbond W25Q40BWSNIG Datasheet HTML 13Page - Winbond W25Q40BWSNIG Datasheet HTML 14Page - Winbond W25Q40BWSNIG Datasheet HTML 15Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 73 page
background image
W25Q40BW
Publication Release Date: October 11, 2013
- 11 -
Revision F
8.
CONTROL AND STATUS REGISTERS
The Read Status Register-1 and Status Register-2 instructions can be used to provide status on the
availability of the Flash memory array, if the device is write enabled or disabled, the state of write
protection, Quad SPI setting, Security Register lock status and Erase/Program Suspend status. The Write
Status Register instruction can be used to configure the device write protection features, Quad SPI setting
and Security Register OTP lock. Write access to the Status Register is controlled by the state of the non-
volatile Status Register Protect bits (SRP0, SRP1), the Write Enable instruction, and during
Standard/Dual SPI operations, the /WP pin.
8.1
STATUS REGISTER
8.1.1
BUSY
BUSY is a read only bit in the status register (S0) that is set to a 1 state when the device is executing a
Page Program, Quad Page Program, Sector Erase, Block Erase, Chip Erase, Write Status Register or
Erase/Program Security Register instruction. During this time the device will ignore further instructions
except for the Read Status Register and Erase/Program Suspend instruction (see tW, tPP, tSE, tBE, and
tCE in AC Characteristics). When the program, erase or write status/security register instruction has
completed, the BUSY bit will be cleared to a 0 state indicating the device is ready for further instructions.
8.1.2
Write Enable Latch (WEL)
Write Enable Latch (WEL) is a read only bit in the status register (S1) that is set to 1 after executing a
Write Enable Instruction. The WEL status bit is cleared to 0 when the device is write disabled. A write
disable state occurs upon power-up or after any of the following instructions: Write Disable, Page
Program, Quad Page Program, Sector Erase, Block Erase, Chip Erase, Write Status Register, Erase
Security Register and Program Security Register.
8.1.3
Block Protect Bits (BP2, BP1, BP0)
The Block Protect Bits (BP2, BP1, BP0) are non-volatile read/write bits in the status register (S4, S3, and
S2) that provide Write Protection control and status. Block Protect bits can be set using the Write Status
Register Instruction (see tW in AC characteristics). All, none or a portion of the memory array can be
protected from Program and Erase instructions (see Status Register Memory Protection table). The
factory default setting for the Block Protection Bits is 0, none of the array protected.
8.1.4
Top/Bottom Block Protect (TB)
The non-volatile Top/Bottom bit (TB) controls if the Block Protect Bits (BP2, BP1, BP0) protect from the
Top (TB=0) or the Bottom (TB=1) of the array as shown in the Status Register Memory Protection table.
The factory default setting is TB=0. The TB bit can be set with the Write Status Register Instruction
depending on the state of the SRP0, SRP1 and WEL bits.
8.1.5
Sector/Block Protect (SEC)
The non-volatile Sector/Block Protect bit (SEC) controls if the Block Protect Bits (BP2, BP1, BP0) protect
either 4KB Sectors (SEC=1) or 64KB Blocks (SEC=0) in the Top (TB=0) or the Bottom (TB=1) of the
array as shown in the Status Register Memory Protection table. The default setting is SEC=0.


Similar Part No. - W25Q40BWSNIG

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q40BWSNIG WINBOND-W25Q40BWSNIG Datasheet
2Mb / 70P
   1.8V 4M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
More results

Similar Description - W25Q40BWSNIG

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q40BW WINBOND-W25Q40BW Datasheet
2Mb / 70P
   1.8V 4M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q40EW WINBOND-W25Q40EW Datasheet
1Mb / 80P
   1.8V 4M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
August 18, 2018Revision J
W25Q40BV WINBOND-W25Q40BV Datasheet
2Mb / 73P
   4M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q40BV WINBOND-W25Q40BV_12 Datasheet
1Mb / 73P
   4M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q40BL WINBOND-W25Q40BL_12 Datasheet
2Mb / 74P
   2.5V 4M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q40BL WINBOND-W25Q40BL Datasheet
2Mb / 73P
   2.5V 4M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q80BWSSIG-TR WINBOND-W25Q80BWSSIG-TR Datasheet
1Mb / 75P
   1.8V 8M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q20BW WINBOND-W25Q20BW Datasheet
2Mb / 70P
   1.8V 2M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q80BW WINBOND-W25Q80BW_13 Datasheet
1Mb / 74P
   1.8V 8M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q80BW WINBOND-W25Q80BW Datasheet
2Mb / 71P
   1.8V 8M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com