Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STX-SRX-0400 Datasheet(PDF) 4 Page - OPLINK Communications Inc.

Part # STX-SRX-0400
Description  SONET/SDH Transmitters & Receivers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

STX-SRX-0400 Datasheet(HTML) 4 Page - OPLINK Communications Inc.

  STX-SRX-0400 Datasheet HTML 1Page - OPLINK Communications Inc. STX-SRX-0400 Datasheet HTML 2Page - OPLINK Communications Inc. STX-SRX-0400 Datasheet HTML 3Page - OPLINK Communications Inc. STX-SRX-0400 Datasheet HTML 4Page - OPLINK Communications Inc. STX-SRX-0400 Datasheet HTML 5Page - OPLINK Communications Inc. STX-SRX-0400 Datasheet HTML 6Page - OPLINK Communications Inc. STX-SRX-0400 Datasheet HTML 7Page - OPLINK Communications Inc. STX-SRX-0400 Datasheet HTML 8Page - OPLINK Communications Inc. STX-SRX-0400 Datasheet HTML 9Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
21737-0400, Rev. O
2-7-2002
NOTES
1. For full compliance with OC-12/STM-4 Intermediate Reach/S-4.1 standard, the STX-12-YYY-T-L3-IR modules are recommended.
2. For full compliance with OC-12/STM-4 Long Reach 1310 nm/L-4.1 standard, the STX-12-YYY-T-HP-LR1 modules are recommended.
They use DFB lasers to satisfy the Center Wavelength and Spectral Width requirement.
3. For full compliance with OC-12/STM-4 Long Reach 1550 nm/L-4.2 standard, the STX-12-YYY-T-HP-LR2 modules are recommended.
Both modules use DFB lasers. However, the STX-12-YYY-A-HP-LR2 module is specified only over - 25°C to +70°C temperature range.
Please consult OCP Sales for the - 40°C to +70°C pigtailed option.
4. The LR1 and LR2 options are only available with DFB lasers and L0 or HP optical power levels.
Ordering Information
SXX - 12 - YYY -T- Ln - DR
Transmitter Performance Characteristics (over Operating Case Temperature)
Receiver Performance Characteristics (over Operating Case Temperature)
Model
STX: Transmitter
SRX: Receiver
Distance Option (TX only)
specifies the range for Center Wavelength &
Spectral Width to be compliant
with SONET/SDH standard
“Blank”: Short Reach (SR)
IR
:Intermediate Reach / S-4.1
LR1
: Long Reach 1310 nm / L-4.1
LR2
: Long Reach 1550 nm / L-4.2
Light Output (TX only)
HP:
0 dBm (typ.)
L0:
- 3 dBm (typ.)
L1:
- 5 dBm (typ.)
L2:
- 8 dBm (typ.)
L3: - 11 dBm (typ.)
OC-12/STM-4 Transmitter & Receiver: STX-12 & SRX-12
Parameter
Symbol
Minimum
Typical
Maximum
Units
Data Rate
B
50
622
700
Mb/s
Receiver Sensitivity (10
-10 BER) 1
Pmin
- 29.0
- 31.0
-
dBm
Maximum Input Optical Power
(10
-10 BER) 1
Dual supply
Pmax
- 3.0
0
-
dBm
Single supply
- 6.0
0
-
Signal Detect
Thresholds
Increasing Light Input
Psd+
--
- 29.0
dBm
Decreasing Light Input
Psd-
- 40.0
-
-
Signal Detect Hysteresis
-
0.5
1.5
-
dB
Wavelength of Operation
λ
1100
-
1600
nm
1 Specified in Average Optical Input Power and measured at 622 Mb/s and 1300 nm wavelength with 223-1 PRBS.
Temperature Range
A: - 40°C to +85°C
B:
0°C to +70°C
Parameter
Symbol
Minimum
Typical
Maximum
Units
Data Rate
B
50
622
700
Mb/s
Average Optical
Output Power
(coupled into single mode
fiber),
50% duty cycle
HP
Po
- 3.0
0
+2.0
dBm
L0
- 5.0
- 3.0
0
L1
- 8.0
- 5.0
- 2.0
L2
- 12.0
- 8.0
- 5.0
L3
- 15.0
- 11.0
- 8.0
Extinction Ratio
SR & IR
Phi / Plo
8.2
-
-
dB
LR1 & LR2
10
-
-
Center Wavelength
1
SR (Short Reach)
λc
1261
1310
1360
nm
IR (Intermediate Reach)
1274
1310
1356
1293
1310
1334
LR1 (Long Reach 1310 nm)
1280
1310
1335
LR2 (Long Reach 1550 nm)
1480
1550
1580
Spectral Width (RMS)
1
SR (Short Reach)
∆λRMS
--
4.0
nm
IR (Intermediate Reach)
--
2.5
--
4.0
Spectral Width (-20 dB)
LR1 & LR2
∆λ20
--
1.0
Side Mode Suppression Ratio
LR1 & LR2
SMSR
30
-
-
dB
Optical Rise and Fall Time (10% to 90%)
tr, tf
-0.5
1.0
ns
Optical Output Eye
compliant with Bellcore TR-NWT-000253 and ITU-T Recommendation G.957
1 For Intermediate Reach version, the Center Wavelength is either 1274 nm ≤ λ
c ≤ 1356 nm for ∆λRMS ≤ 2.5 nm
or 1293 nm
≤ λc ≤ 1334 nm for ∆λRMS ≤ 4.0 nm.
Package style
PFC: pigtailed with FC
PSC: pigtailed with SC
PST: pigtailed with ST
PLC: pigtailed with LC
PMU: pigtailed with MU
FC : FC Receptacle
ST : ST Receptacle
SC : SC Receptacle


Similar Part No. - STX-SRX-0400

ManufacturerPart #DatasheetDescription
logo
Kycon, Inc.
STX-2000-3N KYCON-STX-2000-3N Datasheet
396Kb / 1P
   2.5mm Audio Jack
STX-2500-3NTR KYCON-STX-2500-3NTR Datasheet
378Kb / 1P
   Surface Mount 2.5mm Audio Jack
STX-25406 KYCON-STX-25406 Datasheet
628Kb / 1P
   Surface Mount 2.5mm Audio Jack
STX-25406-4N-TR KYCON-STX-25406-4N-TR Datasheet
628Kb / 1P
   Surface Mount 2.5mm Audio Jack
STX-25406-5N-TR KYCON-STX-25406-5N-TR Datasheet
628Kb / 1P
   Surface Mount 2.5mm Audio Jack
More results

Similar Description - STX-SRX-0400

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
STX OPLINK-STX Datasheet
367Kb / 9P
   SONET/SDH Transmitters & Receivers
logo
TriQuint Semiconductor
TQ8105 TRIQUINT-TQ8105 Datasheet
371Kb / 19P
   SONET/SDH Transceivers
logo
Mitsubishi Electric Sem...
MF-10KDS-T12-06X07X MITSUBISHI-MF-10KDS-T12-06X07X Datasheet
104Kb / 8P
   SONET/SDH TRANSMITTER & RECIEVER
MF-2500DS-T12-18X MITSUBISHI-MF-2500DS-T12-18X Datasheet
57Kb / 9P
   SONET/SDH TRANSMITTER & RECIEVER
MF-2700FRB-M0XMA MITSUBISHI-MF-2700FRB-M0XMA Datasheet
224Kb / 8P
   SONET / SDH RECEIVER MODULE
MF-622DF-T12-43X MITSUBISHI-MF-622DF-T12-43X Datasheet
62Kb / 10P
   SONET/SDH TRANSMITTER & RECEIVER
logo
NXP Semiconductors
OQ2538HP PHILIPS-OQ2538HP_97 Datasheet
542Kb / 24P
   SDH/SONET main amplifier
1997 Nov 26
logo
Vitesse Semiconductor C...
VSC7902 VITESSE-VSC7902 Datasheet
99Kb / 4P
   SONET/SDH Transimpedance Amplifier
logo
Mitsubishi Electric Sem...
MF-156DF-T12-20X MITSUBISHI-MF-156DF-T12-20X Datasheet
85Kb / 9P
   SONET/SDH TRANSMITTER & RECIEVER
logo
Zarlink Semiconductor I...
MT90401 ZARLINK-MT90401 Datasheet
650Kb / 38P
   SONET/SDH System Synchronizer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com