Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6702-AGAA-0000 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 6702-AGAA-0000
Description  Pressure & Vacuum Switches
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

6702-AGAA-0000 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  6702-AGAA-0000 Datasheet HTML 1Page - List of Unclassifed Manufacturers 6702-AGAA-0000 Datasheet HTML 2Page - List of Unclassifed Manufacturers 6702-AGAA-0000 Datasheet HTML 3Page - List of Unclassifed Manufacturers 6702-AGAA-0000 Datasheet HTML 4Page - List of Unclassifed Manufacturers 6702-AGAA-0000 Datasheet HTML 5Page - List of Unclassifed Manufacturers 6702-AGAA-0000 Datasheet HTML 6Page - List of Unclassifed Manufacturers 6702-AGAA-0000 Datasheet HTML 7Page - List of Unclassifed Manufacturers 6702-AGAA-0000 Datasheet HTML 8Page - List of Unclassifed Manufacturers 6702-AGAA-0000 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
6702 ~ High Pressure Switch
1999
FOR FURTHER INFORMATION TEL: +44 (0)1284 701422 FAX: +44 (0)1284 753112
ISSUE 01
As a consequence of our policy of continual improvement, we reserve the right to change without notice any detail in this publication. Please see our Conditions of Sale.
6702
1.
Model Number
2.
Operating Pressure
A
20 -
50 PSI (1.40 - 3.45 Bar) Red Spring
B
40 - 100 PSI (2.76 - 6.89 Bar) White Spring
C
80 - 200 PSI (5.52 - 13.79 Bar) Blue Spring
3.
Additional Operating (Springs)
A
20 -
50 PSI (1.40 - 3.45 Bar)
B
40 - 100 PSI (2.76 - 6.89 Bar)
C
80 - 200 PSI (5.52 - 13.79 Bar)
D
20 -
50 PSI (1.40 - 3.45 Bar) & 40 - 100 PSI (2.76 - 6.89 Bar)
E
40 - 100 PSI (2.76 - 6.89 Bar) & 80 - 200 PSI (5.52 - 13.79 Bar)
F
80 - 200 PSI (5.52 - 13.79 Bar) & 20 - 50 PSI (1.40 - 3.45 Bar)
G
20 -
50 PSI (1.40 - 3.45 Bar) & 40 - 100 PSI (2.76 - 6.89 Bar)
& 80 - 200 PSI (5.52 - 13.79 Bar)
Z
No additional springs supplied
4.
Electrical Microswitching Rating
A
21A 250V ac Silver Change Over Contacts
B
0.1A 250V ac Gold Change Over Contacts
C
0.1A 24V ac/dc Gold Change Over Contacts
5.
Packaging and Label Option
A
Herga individually packed in plain carton
B
Herga vacuum form tray (for quantities 10+)
0
0
00
Benefits
y High pressure switch, all plastic construction (glass
loaded nylon)
y Alternate diaphragm and connectors available for
volume orders
y Excellent repeatability
y Switches have adjustable pressure and differential
y Specific settings can be set for volume orders
y IP65 enclosures class II double insulated


Similar Part No. - 6702-AGAA-0000

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
6702-RC BOURNS-6702-RC Datasheet
94Kb / 1P
   High Current Toroid Inductors (with header)
More results

Similar Description - 6702-AGAA-0000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
81513552 ETC1-81513552 Datasheet
1Mb / 6P
   Pressure switches - Vacuum
logo
Copal Electronics
PG-20 COPAL-PG-20 Datasheet
846Kb / 6P
   For high vacuum pressure
PS40 COPAL-PS40_16 Datasheet
90Kb / 4P
   PRESSURE SWITCHES
PS8 COPAL-PS8_16 Datasheet
72Kb / 3P
   PRESSURE SWITCHES
PS85 COPAL-PS85 Datasheet
99Kb / 5P
   PRESSURE SWITCHES
PS83 COPAL-PS83_16 Datasheet
207Kb / 4P
   PRESSURE SWITCHES
PS91 COPAL-PS91_16 Datasheet
739Kb / 3P
   PRESSURE SWITCHES
PS86 COPAL-PS86 Datasheet
101Kb / 5P
   PRESSURE SWITCHES
PS20 COPAL-PS20_16 Datasheet
708Kb / 3P
   PRESSURE SWITCHES
PS83 COPAL-PS83 Datasheet
87Kb / 4P
   PRESSURE SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com