Electronic Components Datasheet Search |
|
6702-CABA-0000 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers |
|
6702-CABA-0000 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers |
8 / 20 page 6741 / 6742 ~ Medium Pressure Switches 1999 FOR FURTHER INFORMATION TEL: +44 (0)1284 701422 FAX: +44 (0)1284 753112 ISSUE 01 As a consequence of our policy of continual improvement, we reserve the right to change without notice any detail in this publication. Please see our Conditions of Sale. Benefits y Switches set to specific rising or falling pressures y UL recognised versions available y High performance repeatability y Single or double pole switching y Customised settings available upon request y Various connector options available Silver Contact Microswitch Data Average Life Expectancy Mechanical 1.0 x 10 6 2.0 x 10 5 @ 10A 1.0 x 104 @ 21A Max. Electrical Load Electrical Rating Electrical Voltage Res. Ind. (Pf 0.75 Motor) AC 250V 250V 125V 6V 12V 24V 60V 110V 220V 21A 15A 8A 1A 0.5A 0.25A 21A 15A 7A 0.5A 0.1A 0.1A 21A 21A 21A 8A 1HP 1HP DC Gold Contact Microswitch Data Average Life Expectancy Mechanical 1.0 x 10 6 2.0 x 10 6 @ 10A 1.0 x 104 @ 21A Max. Electrical Load Electrical Voltage Res. Ind. (Pf 0.75 Motor) AC UL/CSA Only 250V 125V 0.1A 0.1A 0.05 ----- N/A ----- Switch Standards: EN 60730, EN 61058 and UL 508 Approvals Available: CE, BEAB, CSA, DEMCO, IMQ, KEMA, NEMCO, OVE, SEMCO, SET I, SEV, UL, VDE NB Herga do not accept liability for any pressure operated device used outside the pressure range specified by the company. Model No 6742-20/30/40/50/60 6742-70/80/90 Electrical Switch Data 2 Pole change over 2 Pole Change over Contact Rating 21 (8) A 250V ac 21 (8) A 250V ac Pressure Connection Brass 1/8" BSPT Brass 1/8" BSPT Setting Accuracy ± 10% as standard ± 10% as standard Withstand Pressure 25 PSI or x 2 150 PSI 10 Bar Temperature Range -5˚C to + 70˚C -5˚C to + 70˚C Body Material Nylon 12 Nylon 12 Nitrile fabric Diaphragm Neoprene reinforced fitted in brass pressure capsule Spring Spring steel Spring steel Weight 50gm 85gm P.S.I Bar 6742-20 1.5 - 3.5 0.10 - 0.24 See chart 1 6742-30 3.0 - 5.5 0.20 - 0.37 See chart 1 6742-40 5 - 10 0.34 - 0.68 See chart 1 6742-50 8 - 18 0.54 - 1.22 See chart 2 6742-60 16 - 30 1.08 - 2.04 See chart 2 6742-70 25 - 55 1.70 - 3.79 See chart 3 6742-80 45 - 75 3.1 - 5.17 See chart 3 6742-90 60 - 120 4.14 - 8.27 See chart 3 Model No Pressure Range Differential (Fixed) Special options are available for quantity orders y Diaphragms in silicon rubber, nitrile, EPDM y Switches with wide or close differentials y Springs in stainless steel y NPT connectors available Electrical Rating |
Similar Part No. - 6702-CABA-0000 |
|
Similar Description - 6702-CABA-0000 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |