Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAH350S24-28 Datasheet(PDF) 2 Page - TDK Electronics

Part # PAH350S24-28
Description  300W to 450W Half Brick Converters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

PAH350S24-28 Datasheet(HTML) 2 Page - TDK Electronics

  PAH350S24-28 Datasheet HTML 1Page - TDK Electronics PAH350S24-28 Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
14
1-800-526-2324 • www.us.tdk-lambda.com/lp/
Revision A4: Dec 2011
PAH300-450 Series
For Additional Information, please visit
us.tdk-lambda.com/lp/products/pah300-series.htm
Outline Drawing
MADE IN JAPAN
DC-DC
PAH350S48-12
INPUT:36-76V
12.5A
OUTPUT:12V
29.2A
PAF
400-700W Full brick DC-DC
PAH
Other half brick DC-DC converters
PAQ
Quarter brick DC-DC converters
PAE
Eighth brick DC-DC converters
PX
10-48W, 12-48V DC-DC
Other DC-DC Products
Suffix
Description
-
M3 Tapped inserts for mounting
/T
M3 clearance inserts for mounting
/P
Positive logic remote On/Off (Not on PAH450S)
Options
Pin Description
Function
-Vin
Negative Input Terminal
+Vin
Positive Input Terminal
CNT
On / Off Control terminal
+V
Positive Output Terminal
-V
Negative Output Terminal
TRIM
Output adjustment Trim pin
+S
Positive Remote sense
-S
Negative Remote sense
Pinout
Input
Output
Max.
Max. Output
Efficiency
Model
Voltage (V)
Voltage (V)
Curr. (A)
Power (W)
Typ. (%)
PAH300S24-12
18 - 36
12
25
300
87
PAH300S48-12
36 - 76
12
25
300
90
PAH350S48-12
36 - 76
12
29.2
350
89
PAH300S24-28
18 - 36
28
11
308
88
PAH350S24-28
18 - 36
28
12.5
350
88
PAH350S24-48
18 - 36
48
7.3
350
87
PAH300S48-28
36 - 76
28
11
308
90
PAH350S48-28
36 - 76
28
12.5
350
89
PAH450S48-28
36 - 76
28
16
448
92
PAH450S48-48
36 - 76
48
9.4
451
92
Model Selector


Similar Part No. - PAH350S24-28

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
PAH350S24-28 TDK-PAH350S24-28 Datasheet
154Kb / 2P
   DC-DC Converters
PAH350S24-28-T TDK-PAH350S24-28-T Datasheet
154Kb / 2P
   DC-DC Converters
More results

Similar Description - PAH350S24-28

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
IQG TDK-IQG Datasheet
731Kb / 2P
   300-450W Quarter Brick Converters
logo
Vicor Corporation
VE-J63-EY VICOR-VE-J63-EY Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VI-J12-CY VICOR-VI-J12-CY Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VE-J51-MW-S VICOR-VE-J51-MW-S Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VI-J14-IW VICOR-VI-J14-IW Datasheet
302Kb / 6P
   Half Brick, DC-DC Converters
VE-J41-EY-F2 VICOR-VE-J41-EY-F2 Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VE-J63-EX VICOR-VE-J63-EX Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VI-J31-CW-S VICOR-VI-J31-CW-S Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VE-J01-CY VICOR-VE-J01-CY Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VE-J50-CZ VICOR-VE-J50-CZ Datasheet
189Kb / 5P
   Half Brick DC-DC Converters 25 to 100 Watts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com