Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6702-AGBA-0000 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # 6702-AGBA-0000
Description  Pressure & Vacuum Switches
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

6702-AGBA-0000 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button 6702-AGBA-0000 Datasheet HTML 6Page - List of Unclassifed Manufacturers 6702-AGBA-0000 Datasheet HTML 7Page - List of Unclassifed Manufacturers 6702-AGBA-0000 Datasheet HTML 8Page - List of Unclassifed Manufacturers 6702-AGBA-0000 Datasheet HTML 9Page - List of Unclassifed Manufacturers 6702-AGBA-0000 Datasheet HTML 10Page - List of Unclassifed Manufacturers 6702-AGBA-0000 Datasheet HTML 11Page - List of Unclassifed Manufacturers 6702-AGBA-0000 Datasheet HTML 12Page - List of Unclassifed Manufacturers 6702-AGBA-0000 Datasheet HTML 13Page - List of Unclassifed Manufacturers 6702-AGBA-0000 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
6731 / 6732 ~ Low Pressure Switches
1999
FOR FURTHER INFORMATION TEL: +44 (0)1284 701422 FAX: +44 (0)1284 753112
ISSUE 01
As a consequence of our policy of continual improvement, we reserve the right to change without notice any detail in this publication. Please see our Conditions of Sale.
Benefits
y These switches have been designed primarily for the
OEM manufacturer who requires low cost and high
reliability
y UL recognised versions available
y The switches have excellent repeat accuracy
y Double pole switching available upon request
y Wide choice of microswitch options including tab
configurations
Pressure Switches
6731-03
2 x 10
6
0.2 x 10
6 @ 1A
Max Electrical Load
Electrical Rating
Resistive
3A
3A
3A
3A
1A
1A
0.5A
0.25
1A
1A
1A
1A
0.5A
0.5A
0.2A
0.1A
Inductive
Average Life
Expectancy
AC
DC
Switch Standards:
EN 60730, EN 61058 and UL 508
Approvals Available
CE, BEAB, CSA, DEMCO, IMQ, KEMA, NEMCO, OVE, SEMCO, SET I, SEV, UL, VDE. Approved to BS 3955 part III
Mechanical
Electrical
Voltage
125V
250V
6V
12V
24V
60V
110V
220V
Note: Dry Switching
If switching low power circuits, low current (4 to 100 milliamperes) and low voltage (below 30V), consult herga for special switches.
NB - Herga do not accept liability for any pressure operated device used outside the pressure range specified by the company.
Inches Water
mm Water
6731-03
1.5 - 7
40 - 180
See chart 1
6731-06
5 - 25
127 - 635
See chart 1
6731-10
20 - 55
510 - 1400
See chart 1
Model No
Pressure Range
Differential
(Fixed)
Special options are available for quantity orders
y
Switches set to specific operating pressure, rising or falling
y
Diaphragms in silicon rubber, nitrile, EPDM
y
Switches with wide or close differentials
y
Springs in stainless steel
Model No
Electrical Switch
Contact Rating
Pressure
Connection
Setting Accuracy
Withstand
Pressure
Body Material
Diaphragm
Spring
Weight
Single Pole
change over
3(1)A 250V ac
Side entry spout
4mm O/D
± 10% as std
25 PSI
Nylon 12
Neoprene
Spring steel
50gm
Single Pole
change over
10(3)A 250V ac
Side entry spout
4mm O/D
± 10% as std
25 PSI
Nylon 12
Neoprene
Spring steel
50gm
Single Pole
change over
21(8)A 250V ac
Side entry spout
4mm O/D
± 10% as std
25 PSI
Nylon 12
Neoprene
Spring steel
50gm
6731-03
6731-06
6731-10
6731-06
2 x 10
6
0.2 x 10
6 @ 6A
50K @ 10A
Max Electrical Load
Resistive
10A
10A
10A
5A
5A
1A
0.5A
0.25A
10A
10A
10A
3A
3A
0.5A
0.2A
0.1A
Inductive
0.5HP
0.5HP
Motor (Pf0.75)
6731-10
1.0 x 10
6
0.2 x 10
6 @ 10A
10K @ 21A
Max Electrical Load
Resistive
21A
21A
21A
15A
8A
1A
0.5A
0.25A
15A
15A
21A
15A
7A
0.5A
0.2A
0.1A
Inductive
1HP
2HP
Motor (Pf0.75)


Similar Part No. - 6702-AGBA-0000

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
6702-RC BOURNS-6702-RC Datasheet
94Kb / 1P
   High Current Toroid Inductors (with header)
More results

Similar Description - 6702-AGBA-0000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
81513552 ETC1-81513552 Datasheet
1Mb / 6P
   Pressure switches - Vacuum
logo
Copal Electronics
PG-20 COPAL-PG-20 Datasheet
846Kb / 6P
   For high vacuum pressure
PS40 COPAL-PS40_16 Datasheet
90Kb / 4P
   PRESSURE SWITCHES
PS8 COPAL-PS8_16 Datasheet
72Kb / 3P
   PRESSURE SWITCHES
PS85 COPAL-PS85 Datasheet
99Kb / 5P
   PRESSURE SWITCHES
PS83 COPAL-PS83_16 Datasheet
207Kb / 4P
   PRESSURE SWITCHES
PS91 COPAL-PS91_16 Datasheet
739Kb / 3P
   PRESSURE SWITCHES
PS86 COPAL-PS86 Datasheet
101Kb / 5P
   PRESSURE SWITCHES
PS20 COPAL-PS20_16 Datasheet
708Kb / 3P
   PRESSURE SWITCHES
PS83 COPAL-PS83 Datasheet
87Kb / 4P
   PRESSURE SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com